công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL23415WFUZ bảng dữ liệu(PDF) 6 Page - Intersil Corporation

tên linh kiện ISL23415WFUZ
Giải thích chi tiết về linh kiện  Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23415WFUZ bảng dữ liệu(HTML) 6 Page - Intersil Corporation

Back Button ISL23415WFUZ Datasheet HTML 2Page - Intersil Corporation ISL23415WFUZ Datasheet HTML 3Page - Intersil Corporation ISL23415WFUZ Datasheet HTML 4Page - Intersil Corporation ISL23415WFUZ Datasheet HTML 5Page - Intersil Corporation ISL23415WFUZ Datasheet HTML 6Page - Intersil Corporation ISL23415WFUZ Datasheet HTML 7Page - Intersil Corporation ISL23415WFUZ Datasheet HTML 8Page - Intersil Corporation ISL23415WFUZ Datasheet HTML 9Page - Intersil Corporation ISL23415WFUZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ISL23415
6
FN7780.0
December 15, 2010
Roffset
(Note 16)
Offset, wiper at 0 position
W option; VCC = 2.7V to 5.5V
0
3
5.5
MI
(Note 15)
W option; VCC = 1.7V
6.3
MI
(Note 15)
U, T option; VCC = 2.7V to 5.5V
0
0.5
2
MI
(Note 15)
U, T option; VCC = 1.7V
1.1
MI
(Note 15)
TCR
(Note 19)
Resistance temperature coefficient
W option; Wiper register set between
32 hex and FF hex
220
ppm/°C
U option; Wiper register set between
32 hex and FF hex
100
ppm/°C
T option; Wiper register set between 32
hex and FF hex
75
ppm/°C
Analog Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise stated.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
(Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
Operating Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise stated.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
ILOGIC
VLOGIC supply current (write/read)
VLOGIC = 5.5V, VCC = 5.5V,
fSCK = 5MHz (for SPI active read and write)
1.5
mA
VLOGIC = 1.2V, VCC = 1.7V,
fSCK = 1MHz (for SPI active read and write)
30
µA
ICC
VCC supply current (write/read)
VLOGIC = 5.5V, VCC = 5.5V
100
µA
VLOGIC = 1.2V, VCC = 1.7V
10
µA
ILOGIC SB VLOGIC standby current
VLOGIC = 5.5V, VCC = 5.5V,
SPI interface in standby
1
µA
VLOGIC = 1.2V, VCC = 1.7V,
SPI interface in standby
0.5
µA
ICC SB
VCC standby current
VLOGIC = 5.5V, VCC = 5.5V,
SPI interface in standby
1.5
µA
VLOGIC = 1.2V, VCC = 1.7V,
SPI interface in standby
1
µA
ILOGIC SHDN VLOGIC shutdown current
VLOGIC = 5.5V, VCC = 5.5V,
SPI interface in standby
1.3
µA
VLOGIC = 1.2V, VCC = 1.7V,
SPI interface in standby
0.4
µA
ICC SHDN
VCC shutdown current
VLOGIC = VCC = 5.5V,
SPI interface in standby
0.7
µA
VLOGIC = 1.2V, VCC = 1.7V,
SPI interface in standby
0.5
µA
ILkgDig
Leakage current, at pins CS, SDO, SDI, SCK Voltage at pin from GND to VLOGIC
-0.4
<0.1
0.4
µA
tDCP
Wiper response time
CS rising edge to wiper new position
1.5
µs
tShdnRec
DCP recall time from shutdown mode
CS rising edge to wiper recalled position and
RH connection
1.5
µs
VCC, VLOGIC
Ramp
VCC, VLOGIC ramp rate
Ramp monotonic at any level
0.01
50
V/ms


Số phần tương tự - ISL23415WFUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23415WFUZ INTERSIL-ISL23415WFUZ Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415WFUZ INTERSIL-ISL23415WFUZ Datasheet
731Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
September 14, 2015
logo
Renesas Technology Corp
ISL23415WFUZ RENESAS-ISL23415WFUZ Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Mô tả tương tự - ISL23415WFUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com