công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL23315WFUZ bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện ISL23315WFUZ
Giải thích chi tiết về linh kiện  Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23315WFUZ bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  ISL23315WFUZ Datasheet HTML 1Page - Intersil Corporation ISL23315WFUZ Datasheet HTML 2Page - Intersil Corporation ISL23315WFUZ Datasheet HTML 3Page - Intersil Corporation ISL23315WFUZ Datasheet HTML 4Page - Intersil Corporation ISL23315WFUZ Datasheet HTML 5Page - Intersil Corporation ISL23315WFUZ Datasheet HTML 6Page - Intersil Corporation ISL23315WFUZ Datasheet HTML 7Page - Intersil Corporation ISL23315WFUZ Datasheet HTML 8Page - Intersil Corporation ISL23315WFUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2010. All Rights Reserved
Intersil (and design) and XDCP are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners
Single, Low Voltage Digitally Controlled Potentiometer
(XDCP™)
ISL23315
The ISL23315 is a volatile, low voltage, low noise, low power, I2C
Bus, 256 Taps, single digitally controlled potentiometer (DCP),
which integrates DCP core, wiper switches and control logic on
a monolithic CMOS integrated circuit.
The digitally controlled potentiometer is implemented with a
combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
I2C bus interface. The potentiometer has an associated
volatile Wiper Register (WR) that can be directly written to and
read by the user. The contents of the WR controls the position
of the wiper. When powered on, the ISL23315’s wiper will
always commence at mid-scale (128 tap position).
The low voltage, low power consumption, and small package
of the ISL23315 make it an ideal choice for use in battery
operated equipment. In addition, the ISL23315 has a VLOGIC
pin allowing down to 1.2V bus operation, independent from the
VCC value. This allows for low logic levels to be connected
directly to the ISL23315 without passing through a voltage
level shifter.
The DCP can be used as a three-terminal potentiometer or as a
two-terminal variable resistor in a wide variety of applications
including control, parameter adjustments, and signal processing.
Applications
• Power supply margining
• RF power amplifier bias compensation
•LCD bias compensation
• Laser diode bias compensation
Features
• 256 resistor taps
•I2C serial interface
- No additional level translator for low bus supply
- Two address pins allow up to four devices per bus
• Wiper resistance: 70
Ω typical @ VCC = 3.3V
• Shutdown Mode - forces the DCP into an end-to-end open
circuit and RW is shorted to RL internally
• Power-on preset to mid-scale (128 tap position)
• Standby current <2.5µA max
• Shutdown current <2µA max
•Power supply
-VCC = 1.7V to 5.5V analog power supply
-VLOGIC = 1.2V to 5.5V I2C bus/logic power supply
• DCP terminal voltage from 0V to VCC
•10k
Ω, 50kΩ or 100kΩ total resistance
• Extended industrial temperature range: -40°C to +125°C
• 10 Ld MSOP or 10 Ld µTQFN packages
• Pb-free (RoHS compliant)
FIGURE 1. FORWARD AND BACKWARD RESISTANCE vs TAP
POSITION, 10k DCP
FIGURE 2. VREF ADJUSTMENT
0
2000
4000
6000
8000
10000
0
50
100
150
200
250
TAP POSITION (DECIMAL)
VREF
VREF_M
ISL28114
ISL23315
+
-
December 15, 2010
FN7778.0


Số phần tương tự - ISL23315WFUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23315WFUZ INTERSIL-ISL23315WFUZ Datasheet
980Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
ISL23315WFUZ INTERSIL-ISL23315WFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315WFUZ RENESAS-ISL23315WFUZ Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Mô tả tương tự - ISL23315WFUZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com