công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FW133 bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện FW133
Giải thích chi tiết về linh kiện  Load Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW133 bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  FW133 Datasheet HTML 1Page - Sanyo Semicon Device FW133 Datasheet HTML 2Page - Sanyo Semicon Device FW133 Datasheet HTML 3Page - Sanyo Semicon Device FW133 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FW133
No.6784-1/4
Features
4V drive.
Low ON-resistance.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN6784
FW133
Package Dimensions
unit : mm
2129
[FW133]
N1500 TS IM TA-2298
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
P-Channel Silicon MOSFET
1 : Source1
2 : Gate1
3 : Source2
4 : Gate2
5 : Drain2
6 : Drain2
7 : Drain1
8 : Drain1
SANYO : SOP8
14
5
8
0.2
5.0
0.595
1.27
0.43
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--30
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--7
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
--32
A
Allowable Power Dissipation
PD
Mounted on a ceramic board (1000mm2!0.8mm) 1unit
1.7
W
Total Dissipation
PT
Mounted on a ceramic board (1000mm2!0.8mm)
2.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0
--30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--30V, VGS=0
--1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.0
--2.4
V
Forward Transfer Admittance
yfs
VDS=--10V, ID=--7A
8.4
12
S
Marking : W133
Continued on next page.
Load Switching Applications


Số phần tương tự - FW133

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
FW138 SANYO-FW138 Datasheet
30Kb / 4P
   Load Switching Applications
More results

Mô tả tương tự - FW133

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
FTD2014 SANYO-FTD2014 Datasheet
41Kb / 4P
   Load Switching Applications
FTD2022 SANYO-FTD2022 Datasheet
41Kb / 4P
   Load Switching Applications
FW232 SANYO-FW232 Datasheet
30Kb / 4P
   Load Switching Applications
FSS131 SANYO-FSS131 Datasheet
28Kb / 4P
   Load Switching Applications
FTD1012 SANYO-FTD1012 Datasheet
28Kb / 4P
   Load Switching Applications
FW231 SANYO-FW231 Datasheet
165Kb / 4P
   Load Switching Applications
FW236 SANYO-FW236 Datasheet
42Kb / 4P
   Load Switching Applications
FW138 SANYO-FW138 Datasheet
30Kb / 4P
   Load Switching Applications
logo
Toshiba Semiconductor
SSM3J56MFV TOSHIBA-SSM3J56MFV Datasheet
196Kb / 6P
   Load Switching Applications
SSM3K48FU TOSHIBA-SSM3K48FU Datasheet
204Kb / 5P
   Load Switching Applications
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com