công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28130FBZ bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện ISL28130FBZ
Giải thích chi tiết về linh kiện  Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28130FBZ bảng dữ liệu(HTML) 9 Page - Intersil Corporation

Back Button ISL28130FBZ Datasheet HTML 5Page - Intersil Corporation ISL28130FBZ Datasheet HTML 6Page - Intersil Corporation ISL28130FBZ Datasheet HTML 7Page - Intersil Corporation ISL28130FBZ Datasheet HTML 8Page - Intersil Corporation ISL28130FBZ Datasheet HTML 9Page - Intersil Corporation ISL28130FBZ Datasheet HTML 10Page - Intersil Corporation ISL28130FBZ Datasheet HTML 11Page - Intersil Corporation ISL28130FBZ Datasheet HTML 12Page - Intersil Corporation ISL28130FBZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ISL28130, ISL28230, ISL28430
9
FN7623.1
December 16, 2010
FIGURE 15. GAIN vs FREQUENCY vs CL
FIGURE 16. LARGE SIGNAL STEP RESPONSE (4V)
FIGURE 17. LARGE SIGNAL STEP RESPONSE (1V)
FIGURE 18. SMALL SIGNAL STEP RESPONSE (100mV)
FIGURE 19. VOH vs TEMPERATURE
FIGURE 20. VOL vs TEMPERATURE
Typical Performance Curves V+ = 5V, V- = 0V, V
CM = 2.5V, RL = Open, T = +25°C, unless otherwise
specified.
(Continued)
-10
-8
-6
-4
-2
0
2
4
6
8
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
CL = 824pF
CL = 224pF
CL = 474pF
CL = 51pF
CL = 3.7pF
CL = 104pF
VS = ±2.5V
RL = 100k
AV = +1
VOUT = 10mVP-P
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
350
400
TIME (µs)
RL = 100k
AV = 1
VOUT = 4VP-P
CL = 3.7pF
0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
203040
50
607080
90
100
TIME (µs)
RL = 100k
AV = 1
VOUT = 1VP-P
CL = 3.7pF
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0
5
10
15
20
25
30
35
40
TIME (µs)
RL = 100k
AV = 1
VOUT = 100mVP-P
CL = 3.7pF
TEMPERATURE (°C)
4.975
4.980
4.985
4.990
4.995
5.000
-50
-25
0
255075
100
125
VS = 5V
RL = 10kΩ
15
20
25
30
35
40
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VS = 5V
RL = 10kΩ


Số phần tương tự - ISL28130FBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28130FEZ-T7 INTERSIL-ISL28130FEZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
logo
Renesas Technology Corp
ISL28130FEZ-T7 RENESAS-ISL28130FEZ-T7 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28130FEZ-T7A INTERSIL-ISL28130FEZ-T7A Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
logo
Renesas Technology Corp
ISL28130FEZ-T7A RENESAS-ISL28130FEZ-T7A Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28130FHZ-T7 INTERSIL-ISL28130FHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
More results

Mô tả tương tự - ISL28130FBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com