công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL24201 bảng dữ liệu(PDF) 4 Page - Intersil Corporation

tên linh kiện ISL24201
Giải thích chi tiết về linh kiện  Programmable VCOM Calibrator with EEPROM Pb-free (RoHS-compliant)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24201 bảng dữ liệu(HTML) 4 Page - Intersil Corporation

  ISL24201 Datasheet HTML 1Page - Intersil Corporation ISL24201 Datasheet HTML 2Page - Intersil Corporation ISL24201 Datasheet HTML 3Page - Intersil Corporation ISL24201 Datasheet HTML 4Page - Intersil Corporation ISL24201 Datasheet HTML 5Page - Intersil Corporation ISL24201 Datasheet HTML 6Page - Intersil Corporation ISL24201 Datasheet HTML 7Page - Intersil Corporation ISL24201 Datasheet HTML 8Page - Intersil Corporation ISL24201 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ISL24201
4
FN7586.1
December 9, 2010
Absolute Maximum Ratings
Thermal Information
Supply Voltage
AVDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4V
Input Voltage with respect to Ground
SET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4V
SCL, SDA and WP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDD+0.3V
Output Voltage with respect to Ground
OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AVDD
Continuous Output Current
OUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
ESD Ratings
Human Body Model (Tested per JESD22-A114) . . . . . . . . . . . . . . . . . 7kV
Machine Model (Tested per JESD22-A115). . . . . . . . . . . . . . . . . . . . 250V
Charged Device Model (Tested per JESD22-C101). . . . . . . . . . . . . .1.5kV
Latch Up (Tested per JESD 78, Class II, Level A). . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
8 Ld TDFN Package (Notes 4, 5). . . . . . . . .
53
11
Moisture Sensitivity (see Technical Brief TB363)
All Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Level 1
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Operating Range
AVDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 19V
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.25V to 3.6V
Ambient Operating Temperature . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Test Conditions: VDD = 3.3V, AVDD = 18V, RSET= 5kΩ, R1 = 10kΩ, R2 = 10kΩ, (See Figure 5); unless otherwise
specified. Typicals are at TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
DC CHARACTERISTICS
VDD
VDD Supply Range - Operating
2.25
3.6
V
AVDD
AVDD Supply Range Supporting EEPROM Programming
10.8
19
V
AVDD
AVDD Supply Range for Wide-Supply Operation
(not supporting EEPROM Programming)
4.5
19
V
IDD
VDD Supply Current
WP = SCL = SDA = VDD
37
65
µA
IAVDD
AVDD Supply Current
WP = SCL = SDA = VDD
24
38
µA
OUT CHARACTERISTICS
SETZSE
SET Zero-Scale Error
±3
LSB
SETFSE
SET Full-Scale Error
±8
LSB
VOUT
OUT Voltage Range
IOUT < 0.5mA
VSET + 0.4
AVDD
V
SETVD
SET Voltage Drift
7
μV/°C
IOUT
Maximum OUT Sink Current
4mA
INL
Integral Non-Linearity
±2
LSB
DNL
Differential Non-Linearity
±1
LSB
I2C INPUTS AND OUTPUT
I2CVIH
SDA, SCL Logic 1 Input Voltage
1.44
V
I2CVIL
SDA, SCL Logic 0 Input Voltage
0.55
V
I2CH
SDA, SCL Hysteresis
260
mV
IL
Input Leakage Current of SDA, SCL
±1
µA
VOLS
SDA Output Logic Low
I = -3mA
0.4
V
VIH
WP Input Logic High
0.7VDD
V
VIL
WP Input Logic Low
0.3VDD
V
VWPH
WP Input Hysteresis
260
mV
ILWPN
WP Input Leakage Current
-0.20
-0.5
-1
µA


Số phần tương tự - ISL24201

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24201 INTERSIL-ISL24201 Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
logo
Renesas Technology Corp
ISL24201IRTZ RENESAS-ISL24201IRTZ Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24201IRTZ-EVALZ INTERSIL-ISL24201IRTZ-EVALZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
More results

Mô tả tương tự - ISL24201

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
   EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com