công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28110_1012 bảng dữ liệu(PDF) 5 Page - Intersil Corporation

tên linh kiện ISL28110_1012
Giải thích chi tiết về linh kiện  Precision Low Noise JFET Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28110_1012 bảng dữ liệu(HTML) 5 Page - Intersil Corporation

  ISL28110_1012 Datasheet HTML 1Page - Intersil Corporation ISL28110_1012 Datasheet HTML 2Page - Intersil Corporation ISL28110_1012 Datasheet HTML 3Page - Intersil Corporation ISL28110_1012 Datasheet HTML 4Page - Intersil Corporation ISL28110_1012 Datasheet HTML 5Page - Intersil Corporation ISL28110_1012 Datasheet HTML 6Page - Intersil Corporation ISL28110_1012 Datasheet HTML 7Page - Intersil Corporation ISL28110_1012 Datasheet HTML 8Page - Intersil Corporation ISL28110_1012 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ISL28110, ISL28210
5
FN6639.1
December 8, 2010
CIN-CM
Common Mode Input
Capacitance
11.8
pF
RIN-DIFF
Differential Input Resistance
530
RIN-CM
Common Mode Input Resistance
560
VCMIR
Common Mode Input Voltage
Range
Guaranteed by CMRR test
V- +1.5
V+ - 1.5
V
V- +2.5
V+ -2.5
V
CMRR
Common Mode Rejection Ratio
VCM = -3.5V to +3.5V
90
dB
VCM = -2.5V to +2.5V
88
100
dB
AVOL
Open-loop Gain
RL = 10kΩ to ground
VO = -3V to +3V
104
108
dB
103
dB
DYNAMIC PERFORMANCE
GBWP
Gain-bandwidth Product
G = 100, RL = 100kΩ, CL = 4pF
11
12.5
MHz
SR
Slew Rate, VOUT 20% to 80%
G = -1, RL = 2kΩ, 4V Step
20
V/µs
THD+N
Total Harmonic Distortion +
Noise
G = 1, f = 1kHz, 4VP-P, RL = 2kΩ
0.0002
%
G = 1, f = 1kHz, 4VP-P, RL = 600Ω
0.0003
%
ts
Settling Time to 0.1%
4V Step; 10% to VOUT
AV = 1, VOUT = 4VP-P, RL = 2kΩ to VCM
0.4
µs
Settling Time to 0.01%
4V Step; 10% to VOUT
AV = 1, VOUT = 4VP-P, RL =2kΩ to VCM
1
µs
NOISE PERFORMANCE
enP-P
Peak-to-Peak Input Voltage
Noise
0.1Hz to 10Hz
580
nVP-P
en
Input Voltage Noise Spectral
Density
f = 10Hz
14
nV/√Hz
f = 100Hz
7
nV/√Hz
f = 1kHz
6
nV/√Hz
f = 10kHz
6
nV/√Hz
in
Input Current Noise Spectral
Density
f = 1kHz
9
fA/√Hz
OUTPUT CHARACTERISTICS
VOL
Output Voltage Low, VOUT to V- RL = 10kΩ
0.8
1.0
V
1.1
V
RL = 2kΩ
0.9
1.1
V
1.2
V
VOH
Output Voltage High, V+ to VOUT RL to GND = 10kΩ
0.8
1.0
V
1.1
V
RL to GND = 2kΩ
0.9
1.1
V
1.2
V
ISC
Output Short Circuit Current
RL = 10Ω to V+. V-
±50
mA
POWER SUPPLY
VSUPPLY
Supply Voltage Range
Guaranteed by PSRR
±4.5
±20V
V
PSRR
Power Supply Rejection Ratio
VS = ± 4.5V to ±5V
102
115
dB
100
dB
IS
Supply Current/Amplifier
2.5
2.9
mA
3.8
mA
Electrical Specifications VS = ±5V, VCM = 0, VOUT = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply
over the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNITS
ISL28110, ISL28210


Số phần tương tự - ISL28110_1012

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28110 INTERSIL-ISL28110_11 Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
More results

Mô tả tương tự - ISL28110_1012

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28110 INTERSIL-ISL28110 Datasheet
803Kb / 19P
   Precision Low Noise JFET Operational Amplifiers
logo
Renesas Technology Corp
ISL28110 RENESAS-ISL28110 Datasheet
1Mb / 23P
   Precision Low Noise JFET Operational Amplifiers
logo
Intersil Corporation
ISL28110 INTERSIL-ISL28110_11 Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
ISL28110FBZ INTERSIL-ISL28110FBZ Datasheet
900Kb / 23P
   Precision Low Noise JFET Operational Amplifiers
November 29, 2012
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_10 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL072CDT STMICROELECTRONICS-TL072CDT Datasheet
323Kb / 16P
   Low noise JFET dual operational amplifiers
logo
Texas Instruments
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_09 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com