công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL22424 bảng dữ liệu(PDF) 11 Page - Intersil Corporation

tên linh kiện ISL22424
Giải thích chi tiết về linh kiện  Dual Digitally Controlled Potentiometer (XDCP??
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22424 bảng dữ liệu(HTML) 11 Page - Intersil Corporation

Back Button ISL22424 Datasheet HTML 7Page - Intersil Corporation ISL22424 Datasheet HTML 8Page - Intersil Corporation ISL22424 Datasheet HTML 9Page - Intersil Corporation ISL22424 Datasheet HTML 10Page - Intersil Corporation ISL22424 Datasheet HTML 11Page - Intersil Corporation ISL22424 Datasheet HTML 12Page - Intersil Corporation ISL22424 Datasheet HTML 13Page - Intersil Corporation ISL22424 Datasheet HTML 14Page - Intersil Corporation ISL22424 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
FN6425.0
May 31, 2007
Pin Description
Potentiometer Pins
RHI AND RLI
The high (RHi) and low (RLi) terminals of the ISL22424 are
equivalent to the fixed terminals of a mechanical potentiometer.
RHi and RLi are referenced to the relative position of the wiper
and not the voltage potential on the terminals. With WRi set to
255 decimal, the wiper will be closest to RHi, and with the WRi
set to 0, the wiper is closest to RLi.
RWI
RWi is the wiper terminal and is equivalent to the movable
terminal of a mechanical potentiometer. The position of the
wiper within the array is determined by the WRi register.
Bus Interface Pins
SERIAL CLOCK (SCK)
This is the serial clock input of the SPI serial interface.
SERIAL DATA OUTPUT (SDO)
The SDO is a serial data output pin. During a read cycle, the
data bits are shifted out on the falling edge of the serial clock
SCK and will be available to the master on the following
rising edge of SCK.
The output type is configured through ACR[1] bit for Push -
Pull or Open Drain operation. Default setting for this pin is
Push - Pull. An external pull up resistor is required for Open
Drain output operation. Note: the external pull up voltage not
allowed beyond VCC.
SERIAL DATA INPUT (SDI)
The SDI is the serial data input pin for the SPI interface. It
receives device address, operation code, wiper address and
data from the SPI remote host device. The data bits are
shifted in at the rising edge of the serial clock SCK, while the
CS input is low.
CHIP SELECT (CS)
CS LOW enables the ISL22424, placing it in the active
power mode. A HIGH to LOW transition on CS is required
prior to the start of any operation after power up. When CS is
HIGH, the ISL22424 is deselected and the SDO pin is at
high impedance, and (unless an internal write cycle is
underway) the device will be in the standby state.
Principles of Operation
The ISL22424 is an integrated circuit incorporating two
DCPs with their associated registers, non-volatile memory
and the SPI serial interface providing direct communication
between host, potentiometers and memory. The resistor
arrays are comprised of individual resistors connected in a
series. At either end of the array and between each resistor
is an electronic switch that transfers the potential at that
point to the wiper.
The electronic switches on the device operate in a “make
before break” mode when the wiper changes tap positions.
When the device is powered down, the last value stored in
IVRi will be maintained in the non-volatile memory. When
power is restored, the content of the IVRi is recalled and
loaded into the corresponding WRi to set the wiper to the
initial position.
DCP Description
Each DCP is implemented with a combination of resistor
elements and CMOS switches. The physical ends of each
DCP are equivalent to the fixed terminals of a mechanical
potentiometer (RHi and RLi pins). The RWi pin of the DCP is
connected to intermediate nodes, and is equivalent to the
wiper terminal of a mechanical potentiometer. The position of
the wiper terminal within the DCP is controlled by an 8-bit
volatile Wiper Register (WRi). When the WRi of a DCP
FIGURE 13. MIDSCALE GLITCH, CODE 7Fh TO 80h
FIGURE 14. LARGE SIGNAL SETTLING TIME
Typical Performance Curves (Continued)
SCL
WIPER
CS
WIPER UNLOADED,
MOVEMENT FROM 0h to FFh
ISL22424


Số phần tương tự - ISL22424

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22424 INTERSIL-ISL22424 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22424 RENESAS-ISL22424 Datasheet
1Mb / 20P
   Dual Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, SPI짰 Bus, 256 Taps
logo
Intersil Corporation
ISL22424 INTERSIL-ISL22424 Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22424 INTERSIL-ISL22424 Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22424TFR16Z INTERSIL-ISL22424TFR16Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
More results

Mô tả tương tự - ISL22424

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22323 INTERSIL-ISL22323 Datasheet
703Kb / 18P
   Dual Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com