công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13852 bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MC13852
Giải thích chi tiết về linh kiện  General Purpose Low Noise Amplifier with Bypass Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13852 bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MC13852 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Electrical Specifications
MC13852 Advance Information, Rev. 2.0
4
Freescale Semiconductor
Table 3 shows the use of the Gain, Enable and Band pins (along with the Vcc and RF out pins), to select
Active mode (High Gain), Bypass mode (Low Gain), or Standby mode (Disable) operation.
Table 4 lists electrical characteristics associated with noise performance measured in a 50
Ω system.
Additional noise parameters are listed in Table 14 and Table 15. Also listed are the typical Icc and RF
turn-on times for the device.
Table 5 lists the electrical characteristics measured on evaluation boards that are tuned for typical
application frequencies. Further details on the application circuits are shown in Section 4; details on the
boards are shown in Section 5.
Table 3. Truth Table
Pin Function
Pin Name
Enable
Disable
Low Gain High Gain Low Gain High Gain
Logic Circuit Bias Vcc
Vcc
1
1
1
1
Toggles Gain Mode (Active or Bypass)
Gain
0
1
0
1
Toggles LNA On/Off
Enable
1
1
0
0
Selects the LNA
Band
1
1
1
1
NOTES: 1. Logic state "1" equals Vcc voltage. Logic state of "0" equals ground potential.
2. Vcc is inductively coupled to LNA Out pin and Vcc pin.
3. Minimum logic state "1" for enable and gain pins is 1.25V.
4. Maximum logic state "0" for enable and gain pins is 0.8V.
Table 4. Electrical Characteristics (Vcc = 2.75 V, Ta = 25
°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Insertion Gain
R1=1.2 k
Ω, Freq=434 MHz
R1=1.2 k
Ω, Freq=900 MHz
|S21|2
20.4
16.4
21.9
18.3
—dB
Maximum Stable Gain and/or Maximum Available Gain [Note1]
R1=1.2 k
Ω, Freq=434 MHz
R1=1.2 k
Ω, Freq=900 MHz
MSG, MAG
26.7
22
28.2
23.5
—dB
Minimum Noise Figure
R1=1.2 k
Ω, Freq=434 MHz
R1=1.2 k
Ω, Freq=900 MHz
NFmin
0.92
0.84
1.2
1.1
dB
Associated Gain at Minimum Noise Figure
R1=1.2 k
Ω, Freq=434 MHz
R1=1.2 k
Ω, Freq=900 MHz
Gnf
27.6
21
29.6
23
—dB
Icc and RF Turn On Time
Enable trigger total time of 1.8 usec from 0 to 2.75 V
Icc rise time from 0 to 76% of final current level
Icc rise time from 0 to 87% of final current level
RF on time from leading edge of enable trigger to RF turn-on
——
6.4
9.6
1.37
usec
NOTES: 1. Maximum Available Gain and Maximum Stable Gain are defined by the K factor as follows:
MAG=|S21/S12(K+/-sqrt(K2-1))|, if K>1,
MSG =|S21/S12|, if K<1


Số phần tương tự - MC13852

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC13852 NXP-MC13852 Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
MC13852EP NXP-MC13852EP Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
More results

Mô tả tương tự - MC13852

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC13851 NXP-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13851 FREESCALE-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13852 NXP-MC13852 Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com