công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13851 bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc

tên linh kiện MC13851
Giải thích chi tiết về linh kiện  General Purpose Low Noise Amplifier with Bypass Switch
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13851 bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc

  MC13851 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Electrical Specifications
MC13851 Advance Information, Rev. 2.0
Freescale Semiconductor
5
Table 5 lists the electrical characteristics measured on evaluation boards tuned for typical application
frequencies when Rbias is 1.2 k
Ω. Further details on the application circuits are shown in Section 3,
“Application Information”
Associated Gain at Minimum Noise Figure
Gnf
dB
R1=1.2 k
Ω, Freq=1.575 GHz
20.5
22
R1=1.2 k
Ω, Freq=2.14 GHz
17
18.6
R1=1.5 k
Ω, Freq=1.575 GHz
20.5
22
R1=1.5 k
Ω, Freq=2.14 GHz
17.5
19
Icc and RF Turn On Time
Enable trigger total time of 1.8
μsecond from 0 to 2.75 V
μs
Icc rise time from 0 to 76% of final current level
6.4
Icc rise time from 0 to 87% of final current level
9.6
RF on time from leading edge of enable trigger to RF turn-on
1.37
Note:
Maximum Available Gain and Maximum Stable Gain are defined by the K factor as follows:
MAG = |S21/S12(K
±sqrt(K2-1)) |, if K>1, MSG = |S21/S12|, if K<1
Table 5. Electrical Characteristics Measured in Frequency Specific Tuned Circuits
(Vcc = 2.75V, TA = 25°C, Rbias =1.2kΩ unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
1575 MHz (Refer to Figure 7)
Frequency
f
1575
MHz
Active RF Gain
G
18.4
19.4
dB
Active Noise Figure
NF
1.28
1.6
dB
Active Input Third Order Intercept Point
IIP3
-6.5
-5
dBm
Active Input 1dB Compression Point
P1dBoutput
6.3
7.4
dBm
Active Current @ 2.75V, Rbias=1.2k
Ω
Icc
4.8
5.8
mA
Active Current @ 2.75V, Rbias=1.5k
Ω
Icc
3.8
4.8
mA
Active Gain
S21
18
19
dB
Bypass RF Gain
G
-6.5
-5.5
dB
Bypass Noise Figure
NF
6
7
dB
Bypass Input Third Order Intercept Point
IIP3
24
25.5
dBm
Bypass Current
4
20
μA
Bypass Gain
S21
-7
-5.5
dB
1960 MHz (Refer to Figure 8)
Frequency
f
1960
MHz
Active RF Gain
G
17.7
18.7
dB
Active Noise Figure
NF
1.37
1.65
dB
Active Input Third Order Intercept Point
IIP3
-4
-2.7
dBm
Active Input 1dB Compression Point
P1dBoutput
6
8
dBm
Table 4. Electrical Characteristics (Vcc = 2.75 V, Ta = 25°C)
Characteristic
Symbol
Min
Typ
Max
Unit


Số phần tương tự - MC13851

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC13851 NXP-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
MC13851EP NXP-MC13851EP Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
More results

Mô tả tương tự - MC13851

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC13851 NXP-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13852 FREESCALE-MC13852 Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13852 NXP-MC13852 Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com