công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9898 bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện TDA9898
Giải thích chi tiết về linh kiện  Multistandard hybrid IF processing
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9898 bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button TDA9898 Datasheet HTML 2Page - NXP Semiconductors TDA9898 Datasheet HTML 3Page - NXP Semiconductors TDA9898 Datasheet HTML 4Page - NXP Semiconductors TDA9898 Datasheet HTML 5Page - NXP Semiconductors TDA9898 Datasheet HTML 6Page - NXP Semiconductors TDA9898 Datasheet HTML 7Page - NXP Semiconductors TDA9898 Datasheet HTML 8Page - NXP Semiconductors TDA9898 Datasheet HTML 9Page - NXP Semiconductors TDA9898 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 103 page
background image
TDA9897_TDA9898_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 25 May 2009
6 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
[1]
Values of video and sound parameters can be decreased at VP = 4.5 V.
[2]
AC load; CL < 20 pF and RL >1kΩ. The sound carrier frequencies (depending on TV standard) are attenuated by the integrated sound
carrier traps.
[3]
Condition: luminance range (5 steps) from 0 % to 100 %. Measurement value is based on 4 of 5 steps.
[4]
The sound carrier trap can be bypassed by setting the I2C-bus bit W2[0] to logic 0; see Table 23. In this way the full composite video
spectrum appears at pin CVBS. The video amplitude is reduced to 1.1 V (p-p).
[5]
Measurement using 200 kHz high-pass filter, 5 MHz low-pass filter and subcarrier notch filter (
“ITU-T J.64”).
[6]
To match the AFC output signal to different tuning systems a current output is provided. The test circuit is given in Figure 19. The
AFC steepness can be changed by resistors R1 and R2.
[7]
With single-ended load for fIF < 45 MHz RL ≥ 1kΩ and CL ≤ 5 pF to ground and for fIF = 45 MHz to 60 MHz RL =1kΩ and CL ≤ 3 pF to
ground.
[8]
This parameter is not tested during production and is only given as application information.
[9]
Noise level is measured without input signal but AGC adjusted corresponding to the given input level.
[10] Set with AGC nominal output voltage as reference. For C/N measurement switch input signal off.
[11] The tolerance of the reference frequency determines the accuracy of VIF AFC, RIF AFC, FM demodulator center frequency, maximum
FM deviation, sound trap frequency, LIF band-pass cut-off frequency, as well as the accuracy of the synthesizer.
ϕ
n(synth)
synthesizer phase noise
with 4 MHz crystal oscillator
reference; fsynth = 31 MHz;
fIF =36MHz
at 1 kHz
[8] 89
99
-
dBc/Hz
at 10 kHz
[8] 89
99
-
dBc/Hz
at 100 kHz
[8] 98
102
-
dBc/Hz
at 1.4 MHz
[8] 115
119
-
dBc/Hz
αripple(pb)LIF low IF pass-band ripple
6 MHz bandwidth
-
-
2.7
dB
7 MHz bandwidth
-
-
2.7
dB
8 MHz bandwidth
-
-
2.7
dB
αstpb
stop-band attenuation
8 MHz band; f = 15.75 MHz
30
40
-
dB
αimage
image rejection
−10 MHz to 0 MHz; BP on
30
34
-
dB
C/N
carrier-to-noise ratio
at fo = 4.9 MHz;
Vi(IF) = 10 mV (RMS);
see Figure 37
[8][9][10] 112
118
-
dBc/Hz
Reference frequency input from external source
fref
reference frequency
W7[7] = 0
[11] -4
-MHz
Vref(RMS)
RMS reference voltage
W7[7] = 0; see Figure 34
and Figure 46
15
150
500
mV
Table 1.
Quick reference data …continued
VP =5V; Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Số phần tương tự - TDA9898

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9898 NXP-TDA9898 Datasheet
510Kb / 103P
   Multistandard hybrid IF processing
Rev. 03-11 January 2008
TDA9898HL NXP-TDA9898HL Datasheet
510Kb / 103P
   Multistandard hybrid IF processing
Rev. 03-11 January 2008
TDA9898HN NXP-TDA9898HN Datasheet
510Kb / 103P
   Multistandard hybrid IF processing
Rev. 03-11 January 2008
TDA9898S1 NXP-TDA9898S1 Datasheet
510Kb / 103P
   Multistandard hybrid IF processing
Rev. 03-11 January 2008
TDA9898V2 NXP-TDA9898V2 Datasheet
510Kb / 103P
   Multistandard hybrid IF processing
Rev. 03-11 January 2008
More results

Mô tả tương tự - TDA9898

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9897 NXP-TDA9897 Datasheet
510Kb / 103P
   Multistandard hybrid IF processing
Rev. 03-11 January 2008
TDA9899 NXP-TDA9899 Datasheet
511Kb / 103P
   Multistandard hybrid IF processing including car mobile
Rev. 03-15 January 2008
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
logo
TEMIC Semiconductors
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
logo
Siemens Semiconductor G...
TDA6160-2X SIEMENS-TDA6160-2X Datasheet
361Kb / 17P
   Multistandard Sound IF
TDA6160-2S SIEMENS-TDA6160-2S Datasheet
254Kb / 17P
   Multistandard Sound IF
logo
STMicroelectronics
TDA4443 STMICROELECTRONICS-TDA4443 Datasheet
150Kb / 7P
   MULTISTANDARD VIDEO IF AMPLIFIER
logo
List of Unclassifed Man...
K7252M ETC1-K7252M Datasheet
112Kb / 8P
   IF Filter intercarrier/Multistandard Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com