công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1001-C-GM bảng dữ liệu(PDF) 10 Page - Silicon Laboratories

tên linh kiện SI1001-C-GM
Giải thích chi tiết về linh kiện  Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
Download  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1001-C-GM bảng dữ liệu(HTML) 10 Page - Silicon Laboratories

Back Button SI1001-C-GM Datasheet HTML 6Page - Silicon Laboratories SI1001-C-GM Datasheet HTML 7Page - Silicon Laboratories SI1001-C-GM Datasheet HTML 8Page - Silicon Laboratories SI1001-C-GM Datasheet HTML 9Page - Silicon Laboratories SI1001-C-GM Datasheet HTML 10Page - Silicon Laboratories SI1001-C-GM Datasheet HTML 11Page - Silicon Laboratories SI1001-C-GM Datasheet HTML 12Page - Silicon Laboratories SI1001-C-GM Datasheet HTML 13Page - Silicon Laboratories SI1001-C-GM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 376 page
background image
Si1000/1/2/3/4/5
10
Rev. 1.0
List of Figures
Figure 1.1. Si1000 Block Diagram ........................................................................... 17
Figure 1.2. Si1001 Block Diagram ........................................................................... 17
Figure 1.3. Si1002 Block Diagram ........................................................................... 18
Figure 1.4. Si1003 Block Diagram ........................................................................... 18
Figure 1.5. Si1004 Block Diagram ........................................................................... 19
Figure 1.6. Si1005 Block Diagram ........................................................................... 19
Figure 1.7. Si1002/3 RX/TX Direct-tie Application Example .................................... 20
Figure 1.8. Si1000/1 Antenna Diversity Application Example ................................. 20
Figure 1.9. Port I/O Functional Block Diagram ........................................................ 22
Figure 1.10. PCA Block Diagram ............................................................................. 23
Figure 1.11. ADC0 Functional Block Diagram ......................................................... 24
Figure 1.12. ADC0 Multiplexer Block Diagram ........................................................ 25
Figure 1.13. Comparator 0 Functional Block Diagram ............................................ 26
Figure 1.14. Comparator 1 Functional Block Diagram ............................................ 26
Figure 3.1. Si1000/1/2/3 Pinout Diagram (Top View) .............................................. 32
Figure 3.2. Si1004/5 Pinout Diagram (Top View) .................................................... 33
Figure 3.3. QFN-42 Package Drawing .................................................................... 34
Figure 3.4. Typical QFN-42 Landing Diagram ......................................................... 36
Figure 3.5. VIA Placement and Keepout Region ..................................................... 37
Figure 3.6. Typical PCB Stencil Diagram ................................................................ 38
Figure 4.1. Active Mode Current (External CMOS Clock) ....................................... 45
Figure 4.2. Idle Mode Current (External CMOS Clock) ........................................... 46
Figure 4.3. Typical DC-DC Converter Efficiency (High Current, VDD/DC+ = 2 V ... 47
Figure 4.4. Typical DC-DC Converter Efficiency (High Current, VDD/DC+ = 3 V) .. 48
Figure 4.5. Typical DC-DC Converter Efficiency (Low Current, VDD/DC+ = 2 V) ... 49
Figure 4.6. Typical One-Cell Suspend Mode Current .............................................. 50
Figure 4.7. Typical VOH Curves, 1.8–3.6 V ............................................................ 52
Figure 4.8. Typical VOH Curves, 0.9–1.8 V ............................................................ 53
Figure 4.9. Typical VOL Curves, 1.8–3.6 V ............................................................. 54
Figure 4.10. Typical VOL Curves, 1.8–3.6 V ........................................................... 55
Figure 4.11. Typical VOL Curves, 0.9–1.8 V ........................................................... 56
Figure 5.1. ADC0 Functional Block Diagram ........................................................... 74
Figure 5.2. 10-Bit ADC Track and Conversion Example Timing (BURSTEN = 0) ... 77
Figure 5.3. Burst Mode Tracking Example with Repeat Count Set to 4 .................. 78
Figure 5.4. ADC0 Equivalent Input Circuits ............................................................. 79
Figure 5.5. ADC Window Compare Example: Right-Justified Single-Ended Data .. 89
Figure 5.6. ADC Window Compare Example: Left-Justified Single-Ended Data ..... 89
Figure 5.7. ADC0 Multiplexer Block Diagram .......................................................... 90
Figure 5.8. Temperature Sensor Transfer Function ................................................ 92
Figure 5.9. Temperature Sensor Error with 1-Point Calibration (VREF = 1.68 V) .... 93
Figure 5.10. Voltage Reference Functional Block Diagram ..................................... 95
Figure 7.1. Comparator 0 Functional Block Diagram .............................................. 99
Figure 7.2. Comparator 1 Functional Block Diagram ............................................ 100


Số phần tương tự - SI1001-C-GM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
Si1001-E-GM SILABS-Si1001-E-GM Datasheet
99Kb / 2P
   Silicon Labs is pleased to announce Revision 1.2 of the Si100x datasheet
Si1001-E-GM2 SILABS-Si1001-E-GM2 Datasheet
2Mb / 382P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
More results

Mô tả tương tự - SI1001-C-GM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
SI1010 SILABS-SI1010 Datasheet
2Mb / 384P
   Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
C8051F015 SILABS-C8051F015 Datasheet
416Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F047 SILABS-C8051F047 Datasheet
410Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F010 SILABS-C8051F010 Datasheet
171Kb / 2P
   20 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F930-G-GM SILABS-C8051F930-G-GM Datasheet
4Mb / 351P
   Single/Dual Battery, 0.9??.6 V, 64/32 kB, SmaRTClock, 10-Bit ADC MCU
C8051F045 SILABS-C8051F045 Datasheet
410Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F133 SILABS-C8051F133 Datasheet
178Kb / 2P
   100 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F023 SILABS-C8051F023 Datasheet
194Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F043 SILABS-C8051F043 Datasheet
418Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
logo
STMicroelectronics
STM32L051X6 STMICROELECTRONICS-STM32L051X6_V01 Datasheet
1Mb / 133P
   Access line ultra-low-power 32-bit MCU Arm짰-based Cortex짰-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com