công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1001 bảng dữ liệu(PDF) 1 Page - Silicon Laboratories

tên linh kiện SI1001
Giải thích chi tiết về linh kiện  Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
Download  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1001 bảng dữ liệu(HTML) 1 Page - Silicon Laboratories

  SI1001 Datasheet HTML 1Page - Silicon Laboratories SI1001 Datasheet HTML 2Page - Silicon Laboratories SI1001 Datasheet HTML 3Page - Silicon Laboratories SI1001 Datasheet HTML 4Page - Silicon Laboratories SI1001 Datasheet HTML 5Page - Silicon Laboratories SI1001 Datasheet HTML 6Page - Silicon Laboratories SI1001 Datasheet HTML 7Page - Silicon Laboratories SI1001 Datasheet HTML 8Page - Silicon Laboratories SI1001 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 376 page
background image
Ultra Low Power, 64/32 kB, 10-Bit ADC
MCU with Integrated 240–960 MHz EZRadioPRO® Transceiver
Si1000/1/2/3/4/5
Rev. 1.0 9/10
Copyright © 2010 by Silicon Laboratories
Si1000/1/2/3/4/5
Ultra Low Power: 0.9 to 3.6 V Operation
-
Typical sleep mode current < 0.1 µA; retains state and
RAM contents over full supply range; fast wakeup of < 2 µs
-
Less than 600 nA with RTC running
-
Less than 1 µA with RTC running and radio state retained
-
On-chip dc-dc converter allows operation down to 0.9 V.
-
Two built-in brown-out detectors cover sleep and active
modes
10-Bit Analog to Digital Converter
-
Up to 300 ksps
-
Up to 18 external inputs
-
External pin or internal VREF (no external capacitor
required)
-
Built-in temperature sensor
-
External conversion start input option
-
Autonomous burst mode with 16-bit automatic averaging
accumulator
Dual Comparators
-
Programmable hysteresis and response time
-
Configurable as interrupt or reset source
-
Low current (< 0.5 µA)
On-Chip Debug
-
On-chip debug circuitry facilitates full-speed, non-intrusive
in-system debug (No emulator required)
-
Provides breakpoints, single stepping
-
Inspect/modify memory and registers
-
Complete development kit
High-Speed 8051 µC Core
-
Pipelined instruction architecture; executes 70% of instruc-
tions in 1 or 2 system clocks
-
Up to 25 MIPS throughput with 25 MHz clock
-
Expanded interrupt handler
Memory
-
4352 bytes internal data RAM (256 + 4096)
-
64 kB (Si1000/2/4) or 32 kB (Si1001/3/5) Flash; In-system
programmable in 1024-byte sectors—1024 bytes are
reserved in the 64 kB devices
EZRadioPRO® Transceiver
-
Frequency range = 240–960 MHz
-
Sensitivity = –121 dBm
-
FSK, GFSK, and OOK modulation
-
Max output power = +20 dBm (Si1000/1), +13 dBm
(Si1002/3/4/5)
-
RF power consumption
- 18.5 mA receive
- 18 mA @ +1 dBm transmit
- 30 mA @ +13 dBm transmit
- 85 mA @ +20 dBm transmit
-
Data rate = 0.123 to 256 kbps
-
Auto-frequency calibration (AFC)
-
Antenna diversity and transmit/receive switch control
-
Programmable packet handler
-
TX and RX 64 byte FIFOs
-
Frequency hopping capability
-
On-chip crystal tuning
Digital Peripherals
-
19 or 16 port I/O plus 3 GPIO pins; Hardware enhanced
UART, SPI, and I2C serial ports available concurrently
-
Low power 32-bit SmaRTClock
-
Four general purpose 16-bit counter/timers; six channel
programmable counter array (PCA)
Clock Sources
-
Precision internal oscillators: 24.5 MHz with ±2% accuracy
supports UART operation; spread-spectrum mode for
reduced EMI; Low power 20 MHz internal oscillator
-
External oscillator: Crystal, RC, C, CMOS clock
-
SmaRTClock oscillator: 32.768 kHz crystal or self-oscillate
-
Can switch between clock sources on-the-fly; useful in
implementing various power saving modes
Package
-
42-pin QFN (5 x 7 mm)
Temperature Range: –40 to +85 °C
ANALOG
PERIPHERALS
10-bit
300 ksps
ADC
64/32 kB
ISP FLASH
4352 B
SRAM
POR
DEBUG
CIRCUITRY
FLEXIBLE
INTERRUPTS
8051 CPU
(25 MIPS)
TEMP
SENSOR
DIGITAL I/O
24.5 MHz PRECISION
INTERNAL OSCILLATOR
HIGH-SPEED CONTROLLER CORE
A
M
U
X
VOLTAGE
COMPARATORS
+
WDT
UART
SMBus
PCA
Timer 0
Timer 1
Timer 2
Timer 3
Port 0
SPI
IREF
EZRadio
PRO
Serial
Interface
Port 1
Port 2
+
VREG
20 MHz LOW POWER
INTERNAL OSCILLATOR
VREF
CRC
HARDWARE smaRTClock
External Oscillator
EZRadioPRO
(240–960 MHz)
OSC
PA
LNA
Digital
Modem
Delta
Sigma
Modulator
Digital
Logic
Mixer
PGA
ADC
PLL


Số phần tương tự - SI1001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SI1001 ETC2-SI1001 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
Si1001-E-GM SILABS-Si1001-E-GM Datasheet
99Kb / 2P
   Silicon Labs is pleased to announce Revision 1.2 of the Si100x datasheet
Si1001-E-GM2 SILABS-Si1001-E-GM2 Datasheet
2Mb / 382P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
More results

Mô tả tương tự - SI1001

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
SI1010 SILABS-SI1010 Datasheet
2Mb / 384P
   Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
C8051F015 SILABS-C8051F015 Datasheet
416Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F047 SILABS-C8051F047 Datasheet
410Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F010 SILABS-C8051F010 Datasheet
171Kb / 2P
   20 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F930-G-GM SILABS-C8051F930-G-GM Datasheet
4Mb / 351P
   Single/Dual Battery, 0.9??.6 V, 64/32 kB, SmaRTClock, 10-Bit ADC MCU
C8051F045 SILABS-C8051F045 Datasheet
410Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F133 SILABS-C8051F133 Datasheet
178Kb / 2P
   100 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F023 SILABS-C8051F023 Datasheet
194Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F043 SILABS-C8051F043 Datasheet
418Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
logo
STMicroelectronics
STM32L051X6 STMICROELECTRONICS-STM32L051X6_V01 Datasheet
1Mb / 133P
   Access line ultra-low-power 32-bit MCU Arm짰-based Cortex짰-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com