công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI1010 bảng dữ liệu(PDF) 10 Page - Silicon Laboratories

tên linh kiện SI1010
Giải thích chi tiết về linh kiện  Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
Download  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SILABS [Silicon Laboratories]
Trang chủ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1010 bảng dữ liệu(HTML) 10 Page - Silicon Laboratories

Back Button SI1010 Datasheet HTML 6Page - Silicon Laboratories SI1010 Datasheet HTML 7Page - Silicon Laboratories SI1010 Datasheet HTML 8Page - Silicon Laboratories SI1010 Datasheet HTML 9Page - Silicon Laboratories SI1010 Datasheet HTML 10Page - Silicon Laboratories SI1010 Datasheet HTML 11Page - Silicon Laboratories SI1010 Datasheet HTML 12Page - Silicon Laboratories SI1010 Datasheet HTML 13Page - Silicon Laboratories SI1010 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 384 page
background image
Si1010/1/2/3/4/5
10
Rev. 1.0
List of Figures
Figure 1.1. Si1010 Block Diagram ........................................................................... 21
Figure 1.2. Si1011 Block Diagram ........................................................................... 21
Figure 1.3. Si1012 Block Diagram ........................................................................... 22
Figure 1.4. Si1013 Block Diagram ........................................................................... 22
Figure 1.5. Si1014 Block Diagram ........................................................................... 23
Figure 1.6. Si1015 Block Diagram ........................................................................... 23
Figure 1.7. Si1012/3 RX/TX Direct-tie Application Example .................................... 24
Figure 1.8. Si1010/1 Antenna Diversity Application Example ................................. 24
Figure 1.9. Port I/O Functional Block Diagram ........................................................ 26
Figure 1.10. PCA Block Diagram ............................................................................. 27
Figure 1.11. ADC0 Functional Block Diagram ......................................................... 28
Figure 1.12. ADC0 Multiplexer Block Diagram ........................................................ 29
Figure 1.13. Comparator 0 Functional Block Diagram ............................................ 30
Figure 1.14. Comparator 1 Functional Block Diagram ............................................ 30
Figure 3.1. Si1010/1/2/3 Pinout Diagram (Top View) .............................................. 36
Figure 3.2. Si1004/5 Pinout Diagram (Top View) .................................................... 37
Figure 3.3. QFN-42 Package Drawing .................................................................... 38
Figure 3.4. Typical QFN-42 Landing Diagram ......................................................... 40
Figure 3.5. VIA Placement and Keepout Region ..................................................... 41
Figure 3.6. Typical PCB Stencil Diagram ................................................................ 42
Figure 4.1. Active Mode Current (External CMOS Clock) ....................................... 49
Figure 4.2. Idle Mode Current (External CMOS Clock) ........................................... 50
Figure 4.3. Typical DC-DC Converter Efficiency (High Current, VDD/DC+ = 2 V) .. 51
Figure 4.4. Typical DC-DC Converter Efficiency (High Current, VDD/DC+ = 3 V) .. 52
Figure 4.5. Typical DC-DC Converter Efficiency (Low Current, VDD/DC+ = 2 V) ... 53
Figure 4.6. Typical One-Cell Suspend Mode Current .............................................. 54
Figure 4.7. Typical VOH Curves, 1.8–3.6 V ............................................................ 56
Figure 4.8. Typical VOH Curves, 0.9–1.8 V ............................................................ 57
Figure 4.9. Typical VOL Curves, 1.8–3.6 V ............................................................. 58
Figure 4.10. Typical VOL Curves, 0.9–1.8 V ........................................................... 59
Figure 5.1. ADC0 Functional Block Diagram ........................................................... 77
Figure 5.2. 10-Bit ADC Track and Conversion Example Timing (BURSTEN = 0) ... 80
Figure 5.3. Burst Mode Tracking Example with Repeat Count Set to 4 .................. 81
Figure 5.4. ADC0 Equivalent Input Circuits ............................................................. 82
Figure 5.5. ADC Window Compare Example: Right-Justified Single-Ended Data .. 93
Figure 5.6. ADC Window Compare Example: Left-Justified Single-Ended Data ..... 93
Figure 5.7. ADC0 Multiplexer Block Diagram .......................................................... 94
Figure 5.8. Temperature Sensor Transfer Function ................................................ 96
Figure 5.9. Temperature Sensor Error with 1-Point Calibration (VREF = 1.68 V) .... 97
Figure 5.10. Voltage Reference Functional Block Diagram ..................................... 99
Figure 7.1. Comparator 0 Functional Block Diagram ............................................ 104
Figure 7.2. Comparator 1 Functional Block Diagram ............................................ 105
Figure 7.3. Comparator Hysteresis Plot ................................................................ 106


Số phần tương tự - SI1010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SI1010 ETC2-SI1010 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI1010-A SILABS-SI1010-A Datasheet
986Kb / 2P
   Auto-frequency calibration
logo
List of Unclassifed Man...
SI1010DK ETC2-SI1010DK Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
More results

Mô tả tương tự - SI1010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Laboratories
SI1000 SILABS-SI1000 Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
C8051F91X SILABS-C8051F91X Datasheet
2Mb / 318P
   Single/Dual Battery,0.9-3.6 V, 16-8 kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F41X SILABS-C8051F41X Datasheet
524Kb / 2P
   2.0 V, 32/16 kB, smaRTClock, 12-Bit ADC MCU
SI1000-E-GM2 SILABS-SI1000-E-GM2 Datasheet
2Mb / 382P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
SI1062-A-GM SILABS-SI1062-A-GM Datasheet
10Mb / 358P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
C8051F912-D-GM SILABS-C8051F912-D-GM Datasheet
4Mb / 335P
   Single/Dual Battery, 0.9??.6 V, 16?? kB, SmaRTClock, 12/10-Bit ADC MCU
C8051F531A SILABS-C8051F531A Datasheet
92Kb / 1P
   25 MIPS, 8 kB Flash, 12-Bit ADC, 20-Pin Automotive MCU
logo
Core Technology (Shenzh...
CSU8RP3425 CHIPSEA-CSU8RP3425 Datasheet
1Mb / 96P
   12-bit ADC 8 - bit RISC OTP MCU
CSU8RP3218 CHIPSEA-CSU8RP3218 Datasheet
3Mb / 130P
   12-bit ADC 8 - bit RISC OTP MCU
CSU8RP3427 CHIPSEA-CSU8RP3427 Datasheet
1Mb / 100P
   12 - bit ADC 8 - bit RISC OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com