công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM22670MRX-ADJ bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM22670MRX-ADJ
Giải thích chi tiết về linh kiện  3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM22670MRX-ADJ bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI)

  LM22670MRX-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LM22670MRX-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM22670MRX-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM22670MRX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM22670MRX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM22670MRX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM22670MRX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM22670MRX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM22670MRX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM22670/LM22670Q
December 10, 2010
3A SIMPLE SWITCHER®, Step-Down Voltage Regulator
with Synchronization or Adjustable Switching Frequency
General Description
The LM22670 series of regulators are monolithic integrated
circuits which provide all of the active functions for a step-
down (buck) switching regulator capable of driving up to 3A
loads with excellent line and load regulation characteristics.
High efficiency (>90%) is obtained through the use of a low
ON-resistance N-channel MOSFET. The series consists of a
fixed 5V output and an adjustable version.
The SIMPLE SWITCHER® concept provides for an easy to
use complete design using a minimum number of external
components
and
National’s
WEBENCH®
design
tool.
National’s WEBENCH® tool includes features such as exter-
nal component calculation, electrical simulation, thermal sim-
ulation, and Build-It boards for easy design-in. The switching
clock frequency is provided by an internal fixed frequency os-
cillator which operates at 500 kHz. The switching frequency
can also be adjusted with an external resistor or synchronized
to an external clock up to 1MHz. It is also possible to self-
synchronize multiple regulators to share the same switching
frequency. The LM22670 series also has built in thermal shut-
down, current limiting and an enable control input that can
power down the regulator to a low 25 µA quiescent current
standby condition.
Features
Wide input voltage range: 4.5V to 42V
Internally compensated voltage mode control
Stable with low ESR ceramic capacitors
120 mΩ N-channel MOSFET TO-263 THIN package
100 mΩ N-channel MOSFET PSOP-8 package
Output voltage options:
-ADJ (outputs as low as 1.285V)
-5.0 (output fixed to 5V)
±1.5% feedback reference accuracy
Switching frequency of 500 kHz, adjustable between 200
kHz and 1 MHz
-40°C to 125°C operating junction temperature range
Precision enable pin
Integrated boot diode
Integrated soft-start
Fully WEBENCH® enabled
Step-down and inverting buck-boost applications
LM22670Q is an Automotive Grade product that is AEC-
Q100 grade 1 qualified (-40°C to +125°C operating
junction temperature)
Package
PSOP-8 (Exposed Pad)
TO-263 THIN (Exposed Pad)
Applications
Industrial Control
Telecom and Datacom Systems
Embedded Systems
Automotive Telematics and Body Electronics
Conversions from Standard 24V, 12V and 5V Input Rails
Simplified Application Schematic
30076001
© 2010 National Semiconductor Corporation
300760
www.national.com


Số phần tương tự - LM22670MRX-ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM22670MRX-ADJ NSC-LM22670MRX-ADJ Datasheet
489Kb / 18P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
logo
Texas Instruments
LM22670MRX-ADJ TI-LM22670MRX-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
LM22670MRX-ADJ/NOPB TI1-LM22670MRX-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
LM22670MRX-ADJ/NOPB TI1-LM22670MRX-ADJ/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
More results

Mô tả tương tự - LM22670MRX-ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM22670 NSC-LM22670 Datasheet
489Kb / 18P
   3A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677Q NSC-LM22677Q Datasheet
408Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM22677 NSC-LM22677 Datasheet
404Kb / 16P
   5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Synchronization or Adjustable Switching Frequency
LM2673 NSC-LM2673_08 Datasheet
650Kb / 26P
   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Semtech Corporation
SC4520 SEMTECH-SC4520 Datasheet
269Kb / 12P
   3A Step-Down Switching Regulator with Adjustable Switching Frequency
logo
Texas Instruments
LM5576Q0 TI1-LM5576Q0 Datasheet
972Kb / 27P
[Old version datasheet]   LM5576Q0 SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2670 NSC-LM2670_05 Datasheet
835Kb / 26P
   SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator with Sync
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com