công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KMPC8568EVTANGJA bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện KMPC8568EVTANGJA
Giải thích chi tiết về linh kiện  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8568EVTANGJA bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button KMPC8568EVTANGJA Datasheet HTML 2Page - Freescale Semiconductor, Inc KMPC8568EVTANGJA Datasheet HTML 3Page - Freescale Semiconductor, Inc KMPC8568EVTANGJA Datasheet HTML 4Page - Freescale Semiconductor, Inc KMPC8568EVTANGJA Datasheet HTML 5Page - Freescale Semiconductor, Inc KMPC8568EVTANGJA Datasheet HTML 6Page - Freescale Semiconductor, Inc KMPC8568EVTANGJA Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC8568EVTANGJA Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC8568EVTANGJA Datasheet HTML 9Page - Freescale Semiconductor, Inc KMPC8568EVTANGJA Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
6
Freescale Semiconductor
MPC8568E Overview
TCP/IP acceleration and QoS features:
— IP v4 and IP v6 header recognition on receive
— IP v4 header checksum verification and generation
— TCP and UDP checksum verification and generation
— Per-packet configurable acceleration
— Recognition of VLAN, stacked (queue in queue) VLAN, 802.2, PPPoE session, MPLS stacks,
and ESP/AH IP-security headers
— Supported in all FIFO modes
— Transmission from up to eight physical queues
— Reception to up to eight physical queues
Full- and half-duplex Ethernet support (1000 Mbps supports only full duplex):
— IEEE 802.3 full-duplex flow control (automatic PAUSE frame generation or
software-programmed PAUSE frame generation and recognition)
IEEE Std 802.1™ virtual local area network (VLAN) tags and priority
VLAN insertion and deletion
– Per-frame VLAN control word or default VLAN for each eTSEC
– Extracted VLAN control word passed to software separately
Programmable Ethernet preamble insertion and extraction of up to 7 bytes
MAC address recognition
Ability to force allocation of header information and buffer descriptors into L2 cache
1.2.6
DDR SDRAM Controller
The MPC8568E supports DDR SDRAM and DDR2 SDRAM. The memory interface controls main
memory accesses and provides for a maximum of 16 Gbytes of main memory.
The MPC8568E supports a variety of SDRAM configurations. SDRAM banks can be built using DIMMs
or directly-attached memory devices. Sixteen multiplexed address signals provide for device densities of
64 Mbits, 128 Mbits, 256 Mbits, 512 Mbits, 1 Gbits, 2 Gbits and 4 Gbits. Four chip select signals support
Table 1. Supported eTSEC1 and eTSEC2 Configurations1
1 Both interfaces must use the same voltage (2.5 or 3.3 V).
Mode Option
eTSEC1
eTSEC2
Ethernet standard interfaces
TBI, GMII, or MII
TBI, GMII, or MII
Ethernet reduced interfaces
RTBI, RGMII, or RMII
RTBI, RGMII, or RMII
FIFO and mixed interfaces
8-bit FIFO
TBI, GMII, MII, RTBI, RGMII, RMII,
or 8-bit FIFO
TBI, GMII, MII, RTBI, RGMII, RMII,
or 8-bit FIFO
8-bit FIFO
16-bit FIFO
Not used/not available


Số phần tương tự - KMPC8568EVTANGJA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
KMPC855TZQ50D4 FREESCALE-KMPC855TZQ50D4 Datasheet
1Mb / 80P
   Hardware Specifications
KMPC855TZQ50D4 FREESCALE-KMPC855TZQ50D4 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
KMPC855TZQ66D4 FREESCALE-KMPC855TZQ66D4 Datasheet
1Mb / 80P
   Hardware Specifications
KMPC855TZQ66D4 FREESCALE-KMPC855TZQ66D4 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
KMPC855TZQ80D4 FREESCALE-KMPC855TZQ80D4 Datasheet
1Mb / 80P
   Hardware Specifications
More results

Mô tả tương tự - KMPC8568EVTANGJA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
   PowerQUICC III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E Datasheet
1Mb / 144P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
   PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
   MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com