công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KMPC8568VTAUGGA bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc

tên linh kiện KMPC8568VTAUGGA
Giải thích chi tiết về linh kiện  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8568VTAUGGA bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button KMPC8568VTAUGGA Datasheet HTML 3Page - Freescale Semiconductor, Inc KMPC8568VTAUGGA Datasheet HTML 4Page - Freescale Semiconductor, Inc KMPC8568VTAUGGA Datasheet HTML 5Page - Freescale Semiconductor, Inc KMPC8568VTAUGGA Datasheet HTML 6Page - Freescale Semiconductor, Inc KMPC8568VTAUGGA Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC8568VTAUGGA Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC8568VTAUGGA Datasheet HTML 9Page - Freescale Semiconductor, Inc KMPC8568VTAUGGA Datasheet HTML 10Page - Freescale Semiconductor, Inc KMPC8568VTAUGGA Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
7
MPC8568E Overview
up to four banks of memory. The MPC8568E supports bank sizes from 64 Mbytes to 4 Gbytes. Nine
column address strobes (MDM[0:8]) are used to provide byte selection for memory bank writes.
The MPC8568E can be configured to retain the currently active SDRAM page for pipelined burst accesses.
Page mode support of up to 16 simultaneously open pages (32 for DDR2) can dramatically reduce access
latencies for page hits. Depending on the memory system design and timing parameters, using page mode
can save 3 to 4 clock cycles from subsequent burst accesses that hit in an active page.
Using ECC, the MPC8568E detects and corrects all single-bit errors and detects all double-bit errors and
all errors within a nibble.
The MPC8568E can invoke a level of system power management by asserting the MCKE SDRAM signal
on-the-fly to put the memory into a low-power sleep mode.
1.2.7
Table Lookup Unit (TLU)
The table lookup unit (TLU) provides access to application-defined routing topology and control tables in
external memory. It accesses an external memory array attached to the local bus controller (LBC).
Communication between the CPU and the TLU occurs via messages passed through the TLU’s
memory-mapped configuration and status registers.
The TLU provides resources for efficient generation of table entry addresses in memory, hash generation
of addresses, and binary table searching algorithms for both exact-match and longest-prefix-match
strategies.It supports the following TLU complex table types:
Hash-Trie-Key table for hash-based exact-match algorithms
Chained-Hash table for partially indexed and hashed exact-match algorithms
Longest-prefix-match algorithm
Flat-Data table for retrieving search results and simple indexed algorithms
1.2.8
PCI Controller
The MPC8568E supports one 32-bit PCI controller, which supports speeds of up to 66 MHz. Other features
include:
Compatible with the PCI Local Bus Specification, Revision 2.2, supporting 32- and 64-bit
addressing
Can function as host or agent bridge interface
As a master, supports read and write operations to PCI memory space, PCI I/O space, and PCI
configuration space
Can generate PCI special-cycle and interrupt-acknowledge commands. As a target, it supports read
and write operations to system memory as well as configuration accesses.
Supports PCI-to-memory and memory-to-PCI streaming, memory prefetching of PCI read
accesses, and posting of processor-to-PCI and PCI-to-memory writes
PCI 3.3-V compatible with selectable hardware-enforced coherency


Số phần tương tự - KMPC8568VTAUGGA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
KMPC855TZQ50D4 FREESCALE-KMPC855TZQ50D4 Datasheet
1Mb / 80P
   Hardware Specifications
KMPC855TZQ50D4 FREESCALE-KMPC855TZQ50D4 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
KMPC855TZQ66D4 FREESCALE-KMPC855TZQ66D4 Datasheet
1Mb / 80P
   Hardware Specifications
KMPC855TZQ66D4 FREESCALE-KMPC855TZQ66D4 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
KMPC855TZQ80D4 FREESCALE-KMPC855TZQ80D4 Datasheet
1Mb / 80P
   Hardware Specifications
More results

Mô tả tương tự - KMPC8568VTAUGGA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
   PowerQUICC III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E Datasheet
1Mb / 144P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
   PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
   MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com