công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KMPC8568VTAUGGA bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện KMPC8568VTAUGGA
Giải thích chi tiết về linh kiện  MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC8568VTAUGGA bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  KMPC8568VTAUGGA Datasheet HTML 1Page - Freescale Semiconductor, Inc KMPC8568VTAUGGA Datasheet HTML 2Page - Freescale Semiconductor, Inc KMPC8568VTAUGGA Datasheet HTML 3Page - Freescale Semiconductor, Inc KMPC8568VTAUGGA Datasheet HTML 4Page - Freescale Semiconductor, Inc KMPC8568VTAUGGA Datasheet HTML 5Page - Freescale Semiconductor, Inc KMPC8568VTAUGGA Datasheet HTML 6Page - Freescale Semiconductor, Inc KMPC8568VTAUGGA Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC8568VTAUGGA Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC8568VTAUGGA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 139 page
background image
MPC8568E/MPC8567E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
3
MPC8568E Overview
1.1
MPCP8568E Key Features
High-performance, Power Architecture® e500v2 core with 36-bit physical addressing
512 Kbytes of level-2 cache
QUICC Engine (QE)
Integrated security engine with XOR acceleration
Two integrated 10/100/1Gb enhanced three-speed Ethernet controllers (eTSECs) with TCP/IP
acceleration and classification capabilities
DDR/DDR2 memory controller
Table lookup unit (TLU) to access application-defined routing topology and control tables
32-bit PCI controller
A 1x/4x Serial RapidIO® and/or x1/x2/x4 PCI Express interface. If x8 PCI Express is needed, then
RapidIO is not available due to the limitation of the pin multiplexing.
Programmable interrupt controller (PIC)
Four-channel DMA controller, two I2C controllers, DUART, and local bus controller (LBC)
NOTE
The MPC8568E and MPC8567E are also available without a security
engine in a configuration known as the MPC8568 and MPC8567. All
specifications other than those relating to security apply to the MPC8568
and MPC8567 exactly as described in this document.
1.2
MPC8568E Architecture Overview
1.2.1
e500 Core and Memory Unit
The MPC8568E contains a high-performance, 32-bit, Book E–enhanced e500v2 Power Architecture core.
In addition to 36-bit physical addressing, this version of the e500 core includes the following:
Double-precision floating-point APU—Provides an instruction set for double-precision (64-bit)
floating-point instructions that use the 64-bit GPRs
Embedded vector and scalar single-precision floating-point APUs—Provide an instruction set for
single-precision (32-bit) floating-point instructions
The MPC8568E also contains 512 Kbytes of L2 cache/SRAM, as follows:
Eight-way set-associative cache organization with 32-byte cache lines
Flexible configuration (can be configured as part cache, part SRAM)
External masters can force data to be allocated into the cache through programmed memory ranges
or special transaction types (stashing).
SRAM features include the following:
— I/O devices access SRAM regions by marking transactions as snoopable (global).
— Regions can reside at any aligned location in the memory map.


Số phần tương tự - KMPC8568VTAUGGA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
KMPC855TZQ50D4 FREESCALE-KMPC855TZQ50D4 Datasheet
1Mb / 80P
   Hardware Specifications
KMPC855TZQ50D4 FREESCALE-KMPC855TZQ50D4 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
KMPC855TZQ66D4 FREESCALE-KMPC855TZQ66D4 Datasheet
1Mb / 80P
   Hardware Specifications
KMPC855TZQ66D4 FREESCALE-KMPC855TZQ66D4 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
KMPC855TZQ80D4 FREESCALE-KMPC855TZQ80D4 Datasheet
1Mb / 80P
   Hardware Specifications
More results

Mô tả tương tự - KMPC8568VTAUGGA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MPC8536E FREESCALE-MPC8536E Datasheet
1Mb / 128P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E_11 Datasheet
1Mb / 143P
   PowerQUICC III Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E Datasheet
1Mb / 126P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8548E FREESCALE-MPC8548E Datasheet
1Mb / 144P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E Datasheet
1Mb / 116P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8544E FREESCALE-MPC8544E Datasheet
1Mb / 120P
   PowerQUICC??III Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_11 Datasheet
1Mb / 126P
   PowerQUICC III Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8572EEC NXP-MPC8572EEC Datasheet
1Mb / 141P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
Rev. 7, 03/2016
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_11 Datasheet
1Mb / 112P
   MPC8533E PowerQUICC III Integrated Processor Hardware Specifications
MPC8572E FREESCALE-MPC8572E_11 Datasheet
1Mb / 138P
   MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com