công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
N01L6183AB27I bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
N01L6183AB27I bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 10 page Rev. 8 | Page 2 of 10 | www.onsemi.com N01L6183A Functional Block Diagram Functional Description CE WE OE UB LB I/O0 - I/O151 1. When UB and LB are in select mode (low), I/O0 - I/O15 are affected as shown. When LB only is in the select mode only I/O0 - I/O7 are affected as shown. When UB is in the select mode only I/O8 - I/O15 are affected as shown. MODE POWER H X XXX High Z Standby2 2. When the device is in standby mode, control inputs (WE, OE, UB, and LB), address inputs and data input/outputs are internally isolated from any external influence and disabled from exerting any influence externally. Standby L X X H H High Z Active Active LL X3 3. When WE is invoked, the OE input is internally disabled and has no effect on the circuit. L1 L1 Data In Write3 Active -> Standby4 LH L L1 L1 Data Out Read Active -> Standby4 LH H L1 L1 High Z Active Standby4 4. The device will consume active power in this mode whenever addresses are changed. Data inputs are internally isolated from any external influence. Capacitance1 1. These parameters are verified in device characterization and are not 100% tested Item Symbol Test Condition Min Max Unit Input Capacitance CIN VIN = 0V, f = 1 MHz, TA = 25oC 8pF I/O Capacitance CI/O VIN = 0V, f = 1 MHz, TA = 25oC 8pF Address Inputs A0 - A3 Address Inputs A4 - A15 Word Address Decode Logic 4K Page x 16 word x 16 bit RAM Array Input/ Output Mux and Buffers Page Address Decode Logic Control Logic CE WE OE UB LB I/O0 - I/O7 I/O8 - I/O15 |
Số phần tương tự - N01L6183AB27I |
|
Mô tả tương tự - N01L6183AB27I |