công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
9-1437558-4 bảng dữ liệu(PDF) 10 Page - Tyco Electronics |
|
9-1437558-4 bảng dữ liệu(HTML) 10 Page - Tyco Electronics |
10 / 14 page C52 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 MTA/RA/MTM-RA Toggle Switches, MT Series, Right Angle, Long or Short Bat Actuator .512 (13.00) .315 (8.00) .106 (2.69) 1/4-40 UNS-2A .020 (0.51) .345 (8.76) .040 (1.00) .413 (10.49) 24o .120 (3.00) DIA .200 (5.10) .022 Dp x .040 W (0.55 Dp x 1.00 W) KEYWAY .185 (4.70) TYP .030 (0.76) TYP .500 (12.70) .185 (4.70) .370 (9.40) .200 (5.08) .100 (2.54) .075 (1.91) .070 (1.78) DIA .364 (9.23) .500 (12.70) .047 (1.19) TYP For terminal connections refer to Code Chart. (See Page M5-6) DPDT Short Toggle SPDT Standard Toggle SPDT Short Toggle .268 (6.81) 24o .110 (2.80) DIA .512 (13.00) .185 (4.70) TYP .512 (13.00) .030 (0.76) TYP .106 (2.69) .020 (0.51) .364 (9.23) .289 (7.34) .150 (3.81) .500 (12.70) .185 (4.70) .370 (9.40) .200 (5.08) .046 (1.17) TYP .500 (12.70) .150 (3.80) .047 (1.19) TYP .200 (5.08) .040 (1.02) .236 (5.99) DIA Tyco Alcoswitch Type Act. Code P. M5 Toggle Bushing Electronics 5-1437559-6 MTM8106DRA SPDT 1 On None On .270 .250 5-1437559-8 MTM8106ERA SPDT 5 On Off On .270 .250 147681-1 MTM8106FRA SPDT 1 (On) None On .270 .250 (On) indicates momentary position. Tyco Alcoswitch Type Act. Code P. M5 Toggle Bushing Electronics 6-1437559-0 MTM8206NRA DPDT 2 On None On .270 .250 147674-1 MTM8206PRA DPDT 6 On Off On .270 .250 MTM8206RRA DPDT 2 (On) None On .270 .250 (On) indicates momentary position. Tyco Alcoswitch Type Act. Code P. M5 Toggle Bushing Electronics 5-1437558-0 MTA8106DRA SPDT 1 On None On .410 1/4-40 147682-2 MTA8106ERA SPDT 5 On Off On .410 1/4-40 147682-1 MTA8106FRA SPDT 1 (On) None On .410 1/4-40 (On) indicates momentary position. .268 (6.81) 24o .110 (2.80) DIA .512 (13.00) .185 (4.70) TYP .315 (8.00) .030 (0.76) TYP .106 (2.69) .020 (0.51) .360 (9.14) .289 (7.34) .500 (12.70) .185 (4.70) .370 (9.40) .200 (5.08) .046 (1.17) TYP .500 (12.70) .364 (9.23) .047 (1.19) TYP .200 (5.08) .040 (1.02) .236 (5.99) DIA Horizontal Actuation Horizontal Actuation Horizontal Actuation TYPICAL PERFORMANCE CHARACTERISTICS: Contact Rating ......................................RA & VRA 6A @ 125VAC/3A 250VAC WW is 6A @ 125VAC Initial Contact Resistance......................20 Milliohms max. Contact Timing......................................Break before make Insulation Resistance ............................1,000 Megohms min. @ 500 VDC min. for 1 minute Dielectric Strength ................................1,000 VAC Actuation Force .....................................05-1.5 kg. Actuator Travel ....................................24° Life Expectancy ....................................Up to 50,000 Cycles Minimum Maintained Up to 20,000 Cycles Minimum Momentary MATERIAL SPECIFICATIONS: Contacts ................................................Silver over copper alloy Actuator Material ..................................Chrome plated copper alloy Case Material ........................................Thermoset 94V-0 Bushings ................................................RA Termination Nickel Plated Copper Alloy WW & VRA are zinc alloy Terminals ..............................................Silver plated copper alloy Terminal Seal ........................................Epoxy ENVIRONMENTAL SPECIFICATIONS Operating Temperature ........................-4°F to +176°F (-20°C to +85°C) Storage Temperature ............................-40°F to +176°F (-40°C to +85°C) Note: Hardware included with switches |
Số phần tương tự - 9-1437558-4 |
|
Mô tả tương tự - 9-1437558-4 |