công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
9-1437558-8 bảng dữ liệu(PDF) 11 Page - Tyco Electronics |
|
9-1437558-8 bảng dữ liệu(HTML) 11 Page - Tyco Electronics |
11 / 14 page C53 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 MTM-VRA/MTA-VRA Toggle Switches, MT Series, Right Angle, Long or Short Bat Actuator For terminal connections refer to Code Chart. (See Page M5-6) SPDT DPDT MTM8206NVRA Vertical Actuation SPDT MTA8106DVRA Vertical Actuation .512 (13.00) .190 (4.83) TYP. .512 (13.00) .047 (1.19) TYP. .364 (9.23) .106 (2.69) .236 (5.99) .030 (0.76) TYP. .268 (6.81) .500 (12.70) 24 o .289 (7.34) .100 (2.54) TYP. .500 (12.70) .190 (4.83) .095 (2.40) .200 (5.08) .100 (2.54) .073 (1.85) Dia. Typ. .110 (2.80) DIA. .236 (5.99) DIA .047 (1.19) MTM8106DVRA Vertical Actuation .047 (1.19) TYP. .106 (2.69) .236 (5.99) .030 (0.76) TYP. .364 (9.23) .500 (12.70) .268 (6.81) 24 ° .289 (7.34) .100 (2.54) TYP. .500 (12.70) .200 (5.08) .100 (2.54) .073 (1.85) Dia. Typ. .110 (2.80) DIA. .236 (5.99) DIA. .047 (1.19) .315 (8.00) .512 (13.00) .364 (9.23) .106 (2.69) 1/4-40 UNS-2A .315 (8.00) .030 (0.76) TYP. .413 (10.49) .500 (12.70) 24 o .364 (9.25) .120 (3.00) DIA. .047 (1.19) .047 (1.19) TYP. .100 (2.54) TYP. .500 (12.70) .200 (5.08) .100 (2.54) .073 (1.85) DIA. TYP. .315 (8.00) .512 (13.00) Tyco Alcoswitch Type Act. Code P. M5 Short Bushing Electronics Toggle 5-1437559-7 MTM8106DVRA SPDT 1 On None On .270 .250 5-1437559-9 MTM8106EVRA SPDT 5 On Off On .270 .250 Tyco Alcoswitch Type Act. Code P. M5 Short Bushing Electronics Toggle 1417566-1 MTM8206NVRA DPDT 1 On None On .270 .250 MTM8206PVRA DPDT 5 On Off On .270 .250 147673-2 MTM8206RVRA DPDT 1 On None (On) .270 .250 (On) indicates momentary position. Tyco Alcoswitch Type Act. Code P. M5 Short Bushing Electronics Toggle 5-1437558-1 MTA8106DVRA SPDT 1 On None On .410 1/4-40 147676-1 MTA8106EVRA SPDT 5 On Off On .410 1/4-40 MTA8106FVRA SPDT 1 On None (On) .410 1/4-40 (On) indicates momentary position. SEE PAGE C52 FOR PRODUCT SPECIFICATIONS .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) DPDT Standard Toggle Tyco Alcoswitch Type Act. Code P. M5 Toggle Bushing Electronics 5-1437558-6 MTA8206NRA DPDT 2 On None On .410 1/4-40 5-1437558-9 MTA8206PRA DPDT 6 On Off On .410 1/4-40 MTA8206RRA DPDT 2 (On) None On .410 1/4-40 (On) indicates momentary position. .512 (13.00) .185 (4.70) TYP .512 (13.00) .030 (0.76) TYP .106 (2.69) 1/4-40 UNS-2A .020 (1.00) .364 (9.23) .36 (9.10) .150 (3.81) .500 (12.70) .185 (4.70) .370 (9.40) .200 (5.08) .100 (2.54) .075 (1.91) .070 (1.78) DIA .040 (1.00) .413 (10.49) 24o .12 (3.00) DIA .500 (12.70) .200 (5.10) .022 Dp x .040 W (0.55 Dp x 1.00 W) KEYWAY .150 (3.80) .047 (1.19) TYP Horizontal Actuation |
Số phần tương tự - 9-1437558-8 |
|
Mô tả tương tự - 9-1437558-8 |