công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
9-1437558-6 bảng dữ liệu(PDF) 4 Page - Tyco Electronics |
|
9-1437558-6 bảng dữ liệu(HTML) 4 Page - Tyco Electronics |
4 / 14 page C46 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 MTE Series Toggle Switches, MT Series, Wire Lug, Splashproof Bat Actuator .512 (13.00) .086 (2.20) TYP. .315 (8.00) 1/4-40 UNS-2A .120 (3.00) DIA. .413 (10.49) .295 (7.50) .413 (10.50) .157 (4.00) .030 (0.76) TYP. .170 (4.32) TYP. 24 .472 (11.9) .228 (5.80) ACROSS FLAT .250 (6.35) DIA. .234 (5.94) SEE PAGE C43 FOR PRODUCT SPECIFICATIONS For terminal connections refer to Code Chart. (See Page M5-6) SPDT MTE106E Tyco Alcoswitch Type Act. Code P. M5 Electronics 6-1437558-8 MTE106D SPDT 1 On None On 6-1437558-9 MTE106E SPDT 5 On Off On 7-1437558-0 MTE106F SPDT 1 On None (On) 7-1437558-1 MTE106G SPDT 5 (On) Off (On) MTE106H SPDT 5 On Off (On) (On) indicates momentary position. DPDT/SP3T MTE206N 3PDT MTE306D 4PDT MTE406N .228 (5.80) ACROSS FLAT 1/4-40 UNS-2A .120 (3.00) DIA. .413 (10.49) .295 (7.50) .512 (13.00) .157 (4.00) .030 (0.76) TYP. .170 (4.32) TYP. 24 .250 (6.35) DIA. .234 (5.94) .190 (4.80) TYP. .890 (22.60) .512 (13.00) .086 (2.20) TYP. Tyco Alcoswitch Type Act. Code P. M5 Electronics 7-1437558-8 MTE306D 3PDT 3 On None On 7-1437558-9 MTE306E 3PDT 7 On Off On Tyco Alcoswitch Type Act. Code P. M5 Electronics 8-1437558-0 MTE406N 4PDT 4 On None On 8-1437558-1 MTE406P 4PDT 8 On Off On .228 (5.80) ACROSS FLAT 1/4-40 UNS-2A .120 (3.00) DIA. .413 (10.49) .295 (7.50) .512 (13.00) .157 (4.00) .030 (0.76) TYP. .170 (4.32) TYP. 24 .250 (6.35) DIA. .234 (5.94) .701 (17.81) .190 (4.80) TYP. .512 (13.00) Tyco Alcoswitch Type Act. Code P. M5 Electronics 7-1437558-2 MTE206N DPDT 2 On None On 7-1437558-3 MTE206P DPDT 6 On Off On 7-1437558-5 MTE206R DPDT 2 On None (On) 7-1437558-6 MTE206S DPDT 6 (On) Off (On) 7-1437558-7 MTE206T DPDT 6 On Off (On) 7-1437558-4 *MTE206PA SP3T 11 On On On (On) indicates momentary position. *Note: PA types have case .100/(2.50) longer than other types. 1/4-40 UNS-2A .120 (3.00) DIA. .413 (10.49) .295 (7.50) .413 (10.50) .157 (4.00) .030 (0.76) TYP. .170 (4.32) TYP. 24 .228 (5.80) ACROSS FLAT “O-RING” DESIGN .250 (6.35) DIA. .234 (5.94) .512 (13.00) .512 (13.00) .190 (4.80) TYP. .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole |
Số phần tương tự - 9-1437558-6 |
|
Mô tả tương tự - 9-1437558-6 |