công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
9-1437558-3 bảng dữ liệu(PDF) 5 Page - Tyco Electronics |
|
9-1437558-3 bảng dữ liệu(HTML) 5 Page - Tyco Electronics |
5 / 14 page C47 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 MTF Series Toggle Switches, MT Series, Wire Lug, Flat Actuator SEE PAGE C43 FOR PRODUCT SPECIFICATIONS For terminal connections refer to Code Chart. (See Page M5-6) SPDT MTF106D Satin Chrome Bright Chrome Tyco Electronics Alcoswitch Tyco Electronics Alcoswitch Type Act. Code P. M5 8-1437558-3 MTF106D 8-1437558-8 MTF126D SPDT 1 On None On 8-1437558-4 MTF106E 8-1437558-9 MTF126E SPDT 5 On Off On 8-1437558-5 MTF106F 9-1437558-0 MTF126F SPDT 1 On None (On) 8-1437558-6 MTF106G 9-1437558-1 MTF126G SPDT 5 (On) Off (On) 8-1437558-7 MTF106H SPDT 5 On Off (On) (On) indicates momentary position. DPDT/SP3T MTF206N Satin Chrome Bright Chrome Tyco Electronics Alcoswitch Tyco Electronics Alcoswitch Type Act. Code P. M5 9-1437558-2 MTF206N 9-1437558-9 MTF226N DPDT 2 On None On 9-1437558-3 MTF206P 1437559-1 MTF226P DPDT 6 On Off On 9-1437558-5 MTF206R DPDT 2 On None (On) 9-1437558-6 MTF206S 1437559-4 MTF226S DPDT 6 (On) Off (On) 9-1437558-8 MTF206T DPDT 6 On Off (On) 9-1437558-4 *MTF206PA 1437559-2 *MTF226PA SP3T 11 On On On 9-1437558-7 *MTF206SA 1437559-5 *MTF226SA SP3T 11 (On) On (On) *Note: PA & SA types have case .100/(2.50) longer than other types. 3PDT Satin Chrome Bright Chrome Tyco Electronics Alcoswitch Tyco Electronics Alcoswitch Type Act. Code P. M5 1437559-6 MTF306D 1437559-7 MTF326D 3PDT 3 On None On Satin Chrome Bright Chrome Tyco Electronics Alcoswitch Tyco Electronics Alcoswitch Type Act. Code P. M5 1437559-8 MTF406N 1437559-9 MTF426N 4PDT 4 On None On .022 Dp. x .040 W (0.55) Dp. x 1.00 W Keyway .120 (3.00) Dia. 24˚ 1/4-40 UNS-2A .485 (12.32) .315 (8.00) .492 (12.50) .157 (4.00) .030 (0.76) Typ. .701 (17.81) .512 (13.00) .170 (4.32) .190 (4.83) .200 (5.10) 1/4-40 UNS-2A .485 (12.32) .100 (2.50) .315 (8.00) .394 (10.00) .030 (0.76) TYP. .157 (4.00) 24 .022 Dp. x .040 W (0.55 Dp. x 1.00 W) KEYWAY .512 (13.00) .512 (13.00) .190 (4.80) TYP. (6.20) .512 (13.00) .315 (8.00) .200 (5.10) 1/4-40 UNS-2A .485 (12.32) .100 (2.50) .315 (8.00) .394 (10.00) .030 (0.76) TYP. .157 (4.00) TYP. 24 .022 Dp. x .040 W (0.55 Dp. x 1.00 W) KEYWAY MTF406N 4PDT .200 (5.10) 1/4-40 UNS-2A .485 (12.32) .100 (2.50) .315 (8.00) .492 (12.50) .030 (0.76) TYP. .170 (4.30) TYP. .157 (4.00) 24 .022 Dp. x .040 W (0.55 Dp. x 1.00 W) KEYWAY .190 (4.80) TYP. .512 (13.00) .890 (22.60) MTF306D .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) |
Số phần tương tự - 9-1437558-3 |
|
Mô tả tương tự - 9-1437558-3 |