công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4-1437558-2 bảng dữ liệu(PDF) 8 Page - Tyco Electronics

tên linh kiện 4-1437558-2
Giải thích chi tiết về linh kiện  Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1437558-2 bảng dữ liệu(HTML) 8 Page - Tyco Electronics

Back Button 4-1437558-2 Datasheet HTML 4Page - Tyco Electronics 4-1437558-2 Datasheet HTML 5Page - Tyco Electronics 4-1437558-2 Datasheet HTML 6Page - Tyco Electronics 4-1437558-2 Datasheet HTML 7Page - Tyco Electronics 4-1437558-2 Datasheet HTML 8Page - Tyco Electronics 4-1437558-2 Datasheet HTML 9Page - Tyco Electronics 4-1437558-2 Datasheet HTML 10Page - Tyco Electronics 4-1437558-2 Datasheet HTML 11Page - Tyco Electronics 4-1437558-2 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
C50
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
MTL Series
Toggle Switches, MT Series, Wire Lug, Miniature Locking
SPDT
SEE PAGE C43 FOR PRODUCT SPECIFICATIONS
For terminal connections refer to Code Chart. (See Page M5-6)
DPDT/SP3T
MTL106D
MTL206N
.157
(4.00)
.170
(4.32)
TYP.
1/4-40 UNS-2A
.315
(8.00)
.030
(0.76)
TYP.
.217 (5.51)
DIA.
.650 (17.0) UNLOCKED
.590 (15.0) LOCKED
.433
(11.00)
26
o
.022 Dp. x .040 W
(0.55 Dp. x 1.00 W)
KEYWAY
.315
(8.00)
.512
(13.00)
.157
(4.00)
.170
(4.32)
TYP.
1/4-40 UNS-2A
.315
(8.00)
.030
(0.76)
TYP.
.217 (5.51)
DIA.
.890
(22.60)
.190
(4.83)
TYP.
.512
(13.00)
.650 (17.0) UNLOCKED
.590 (15.0) LOCKED
.532
(13.50)
26
o
.022 Dp. x .040 W
(0.55 Dp. x 1.00 W)
KEYWAY
MTL406N
4PDT/DP3T
3PDT
MTL306D
.157
(4.00)
.170
(4.32)
TYP.
1/4-40 UNS-2A
.315
(8.00)
.030
(0.76)
TYP.
.217 (5.51)
DIA.
.650 (17.0) UNLOCKED
.590 (15.0) LOCKED
.433
(11.00)
26
o
.022 Dp. x .040 W
(0.55 Dp. x 1.00 W)
KEYWAY
.512
(13.00)
.190
(4.83)
TYP.
.512
(13.00)
.157
(4.00)
.170
(4.32)
TYP
1/4-40 UNS-2A
.315
(8.00)
.030
(0.76)
TYP.
.217 (5.51)
DIA.
.650 (17.0) UNLOCKED
.590 (15.0) LOCKED
.532
(13.50)
26
o
.022 Dp. x .040 W
(0.55 Dp. x 1.00 W)
KEYWAY
.701
(17.80)
.190
(4.83)
TYP.
.512
(13.00)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
3-1437559-4
MTL106D
SPDT
1
On None On
3-1437559-5
MTL106E
SPDT
5
On Off On
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
4-1437559-4
MTL406N
4PDT
4
On None On
4-1437559-5
*MTL406PA
DP3T
12
On
On On
*Note: PA types have case .100/(2.50) longer than other types.
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
4-1437559-2
MTL306D
3PDT
3
On None On
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
3-1437559-7
MTL206N
DPDT
2
On None On
3-1437559-9
MTL206P
DPDT
6
On Off On
4-1437559-1
MTL206S
DPDT
6
(On) Off (On)
4-1437559-0
*MTL206PA
SP3T
11
On
On On
(On) indicates momentary position.
*Note: PA types have case .100/(2.50) longer than other types.


Số phần tương tự - 4-1437558-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
4-1437558-2 MACOM-4-1437558-2 Datasheet
487Kb / 3P
   TOGGLE SWITCH
More results

Mô tả tương tự - 4-1437558-2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
2-1437559-5 MACOM-2-1437559-5 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-6 MACOM-2-1437559-6 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
N1B MACOM-N1B Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-7 MACOM-2-1437559-7 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-4 MACOM-2-1437559-4 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437559-1 MACOM-2-1437559-1 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
2-1437628-4 MACOM-2-1437628-4 Datasheet
1Mb / 14P
   Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
logo
List of Unclassifed Man...
6612 ETC-6612 Datasheet
86Kb / 1P
   Wire Lead Toggle & Push Button Switches
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
logo
NTE Electronics
54-020 NTE-54-020 Datasheet
5Mb / 21P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com