công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3-1437558-9 bảng dữ liệu(PDF) 2 Page - Tyco Electronics |
|
3-1437558-9 bảng dữ liệu(HTML) 2 Page - Tyco Electronics |
2 / 14 page C44 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C Tyco Alcoswitch Type Act. Code P. M5 Electronics 3-1437558-6 MTA306DPC 3PDT 3 On None On 3-1437558-8 MTA306EPC 3PDT 7 On Off On Tyco Alcoswitch Type Act. Code P. M5 Electronics 4-1437558-0 MTA306FPC 3PDT 3 On None (On) 4-1437558-2 MTA306HPC 3PDT 7 On Off (On) Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 MTA-PC Series Toggle Switches, MT Series, PC Tail, Long Bat Actuator SEE PAGE C43 FOR PRODUCT SPECIFICATIONS For terminal connections refer to Code Chart. (See Page M5-6) MTA106DPC SPDT Tyco Alcoswitch Type Act. Code P. M5 Electronics 1-1437558-1 MTA106DPC SPDT 1 On None On 1-1437558-3 MTA106EPC SPDT 5 On Off On 1-1437558-5 MTA106FPC SPDT 1 On None (On) Tyco Alcoswitch Type Act. Code P. M5 Electronics 1-1437558-7 MTA106GPC SPDT 5 (On) Off (On) 1-1437558-9 MTA106HPC SPDT 5 On Off (On) (On) indicates momentary position. DPDT/SP3T MTA206NPC MTA306DPC 3PDT (On) indicates momentary position. Tyco Alcoswitch Type Act. Code P. M5 Electronics 4-1437558-4 MTA406NPC 4PDT 4 On None On 4-1437558-8 MTA406PPC 4PDT 8 On Off On Tyco Alcoswitch Type Act. Code P. M5 Electronics 4-1437558-7 MTA406PAPC DP3T 12 On On On .022 Dp. x .040 W (0.55) Dp. x 1.00 W Keyway .120 (3.00) Dia. 24˚ 1/4-40 UNS-2A .485 (12.32) .315 (8.00) .492 (12.50) .157 (4.00) .030 (0.76) Typ. .701 (17.81) .512 (13.00) .170 (4.32) .190 (4.83) Tyco Alcoswitch Type Act. Code P. M5 Electronics 2-1437558-1 MTA206NPC DPDT 2 On None On 2-1437558-5 MTA206PPC DPDT 6 On Off On 2-1437558-8 MTA206RPC DPDT 2 On None (On) 3-1437558-1 MTA206SPC DPDT 6 (On) Off (On) 3-1437558-4 MTA206TPC DPDT 6 On Off (On) Tyco Alcoswitch Type Act. Code P. M5 Electronics 2-1437558-4 *MTA206PAPC SP3T 11 On On On MTA206SAPC SP3T 11 (On) On (On) (On) indicates momentary position. * Note: PA types - case .100/(2.50) longer than other types. 4PDT/DP3T MTA406NPC .022 Dp. x .040 W (0.55) Dp. x 1.00 W Keyway .120 (3.00) Dia. 1/4-40 UNS-2A .315 (8.0) .394 (10.0) .157 (4.00) .030 (0.76) Typ. .315 (8.00) .022 Dp. x .040 W (0.55) Dp. x 1.00 W Keyway 24˚ .413 (10.49) .030 (0.76) Typ. .315 (8.00) .512 (13.00) .062 (1.60) .189 (4.80) .252 (6.40) .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) .170 (4.32) .022 Dp. x .040 W (0.55) Dp. x 1.00 W Keyway .120 (3.00) Dia. 24˚ 1/4-40 UNS-2A .413 (10.49) .315 (8.0) .394 (10.0) .157 (4.00) .030 (0.76) Typ. .512 (13.00) .512 (13.00) .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) .170 (4.32) .190 (4.83) Typ. . .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) . .022 Dp. x .040 W (0.55) Dp. x 1.00 W Keyway .120 (3.00) Dia. 24˚ 1/4-40 UNS-2A .413 (10.49) .315 (8.0) .492 (12.5) .157 (4.00) .030 (0.76) Typ. .890 (22.60) .512 (13.00) .190 (4.83) Typ. .170 (4.32) Typ. .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) . .086 (2.18) .062 (1.60) .189 (4.80) .046 (1.17) .086 (2.18) .062 (1.60) .189 (4.80) .046 (1.17) .086 (2.18) .062 (1.60) .189 (4.80) .046 (1.17) .189 (4.80) .046 (1.17) .086 (2.18) .062 (1.57) |
Số phần tương tự - 3-1437558-9 |
|
Mô tả tương tự - 3-1437558-9 |