công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3-1437558-9 bảng dữ liệu(PDF) 8 Page - Tyco Electronics |
|
3-1437558-9 bảng dữ liệu(HTML) 8 Page - Tyco Electronics |
8 / 14 page C50 Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 MTL Series Toggle Switches, MT Series, Wire Lug, Miniature Locking SPDT SEE PAGE C43 FOR PRODUCT SPECIFICATIONS For terminal connections refer to Code Chart. (See Page M5-6) DPDT/SP3T MTL106D MTL206N .157 (4.00) .170 (4.32) TYP. 1/4-40 UNS-2A .315 (8.00) .030 (0.76) TYP. .217 (5.51) DIA. .650 (17.0) UNLOCKED .590 (15.0) LOCKED .433 (11.00) 26 o .022 Dp. x .040 W (0.55 Dp. x 1.00 W) KEYWAY .315 (8.00) .512 (13.00) .157 (4.00) .170 (4.32) TYP. 1/4-40 UNS-2A .315 (8.00) .030 (0.76) TYP. .217 (5.51) DIA. .890 (22.60) .190 (4.83) TYP. .512 (13.00) .650 (17.0) UNLOCKED .590 (15.0) LOCKED .532 (13.50) 26 o .022 Dp. x .040 W (0.55 Dp. x 1.00 W) KEYWAY MTL406N 4PDT/DP3T 3PDT MTL306D .157 (4.00) .170 (4.32) TYP. 1/4-40 UNS-2A .315 (8.00) .030 (0.76) TYP. .217 (5.51) DIA. .650 (17.0) UNLOCKED .590 (15.0) LOCKED .433 (11.00) 26 o .022 Dp. x .040 W (0.55 Dp. x 1.00 W) KEYWAY .512 (13.00) .190 (4.83) TYP. .512 (13.00) .157 (4.00) .170 (4.32) TYP 1/4-40 UNS-2A .315 (8.00) .030 (0.76) TYP. .217 (5.51) DIA. .650 (17.0) UNLOCKED .590 (15.0) LOCKED .532 (13.50) 26 o .022 Dp. x .040 W (0.55 Dp. x 1.00 W) KEYWAY .701 (17.80) .190 (4.83) TYP. .512 (13.00) .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) .252 (6.40) Dia. .032 (0.81) .228 (5.79) .095 (2.41) .244 (6.20) .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole .086 (2.18) .039 x .078 (1.00 x 1.98) Oblong Hole Tyco Alcoswitch Type Act. Code P. M5 Electronics 3-1437559-4 MTL106D SPDT 1 On None On 3-1437559-5 MTL106E SPDT 5 On Off On Tyco Alcoswitch Type Act. Code P. M5 Electronics 4-1437559-4 MTL406N 4PDT 4 On None On 4-1437559-5 *MTL406PA DP3T 12 On On On *Note: PA types have case .100/(2.50) longer than other types. Tyco Alcoswitch Type Act. Code P. M5 Electronics 4-1437559-2 MTL306D 3PDT 3 On None On Tyco Alcoswitch Type Act. Code P. M5 Electronics 3-1437559-7 MTL206N DPDT 2 On None On 3-1437559-9 MTL206P DPDT 6 On Off On 4-1437559-1 MTL206S DPDT 6 (On) Off (On) 4-1437559-0 *MTL206PA SP3T 11 On On On (On) indicates momentary position. *Note: PA types have case .100/(2.50) longer than other types. |
Số phần tương tự - 3-1437558-9 |
|
Mô tả tương tự - 3-1437558-9 |