công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33874 bảng dữ liệu(PDF) 5 Page - Rohm

tên linh kiện MC33874
Giải thích chi tiết về linh kiện  Quad High Side Switch (Quad 35mOHM)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

MC33874 bảng dữ liệu(HTML) 5 Page - Rohm

  MC33874 Datasheet HTML 1Page - Rohm MC33874 Datasheet HTML 2Page - Rohm MC33874 Datasheet HTML 3Page - Rohm MC33874 Datasheet HTML 4Page - Rohm MC33874 Datasheet HTML 5Page - Rohm MC33874 Datasheet HTML 6Page - Rohm MC33874 Datasheet HTML 7Page - Rohm MC33874 Datasheet HTML 8Page - Rohm MC33874 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33874
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Operating Voltage Range
Steady-State
VPWR(SS)
-16 to 41
V
VDD Supply Voltage
VDD
-0.3 to 5.5
V
Input/Output Voltage(1)
See note (1)
-0.3 to 7.0
V
SO Output Voltage(1)
VSO
-0.3 to VDD+0.3
V
WAKE Input Clamp Current
ICL(WAKE)
2.5
mA
CSNS Input Clamp Current
ICL(CSNS)
10
mA
HS [0:3] Voltage
Positive
Negative
VHS
41
-16
V
Output Current(2)
IHS[0:3]
11
A
Output Clamp Energy(3)
ECL[0:3]
85
mJ
ESD Voltage(4)
Human Body Model (HBM)
Charge Device Model (CDM)
Corner Pins (1, 13, 19, 21)
All Other Pins (2-12, 14-18, 20, 22-24)
VESD
±2000
±750
±500
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to 125
-40 to 150
°C
Storage Temperature
TSTG
-55 to 150
°C
Thermal Resistance(5)
Junction to Case
Junction to Ambient
RθJC
RθJA
<1.0
30
°C/W
Peak Pin Reflow Temperature During Solder Mounting(6)
TSOLDER
Note 6
°C
Notes
1.
Exceeding voltage limits on IN[0:3], RST, FSI, CSNS, TEMP, SI, SO, SCLK, CS, or FS pins may cause a malfunction or permanent
damage to the device.
2.
Continuous high side output current rating so long as maximum junction temperature is not exceeded. Calculation of maximum output
current using package thermal resistance is required.
3.
Active clamp energy using single-pulse method (L = 2mH, RL = 0Ω, VPWR = 14V, TJ = 150°C initial).
4.
ESD testing is performed in accordance with the Human Body Model (CZAP = 100pF, RZAP = 1500Ω), Charge Device Model (CDM),
Robotic (CZAP = 4.0pF).
5.
Device mounted on a 2s2p test board per JEDEC JESD51-2.
6.
Freescale’s Package Reflow capability meets Sn-Pb-free requirements for JEDEC standard J-STD-020A. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.


Số phần tương tự - MC33874

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33874BPNA FREESCALE-MC33874BPNA Datasheet
895Kb / 37P
   Quad High-Side Switch (Quad 35 m??
MC33874BPNA FREESCALE-MC33874BPNA Datasheet
1Mb / 38P
   Quad High Side Switch
MC33874BPNAR2 FREESCALE-MC33874BPNAR2 Datasheet
895Kb / 37P
   Quad High-Side Switch (Quad 35 m??
More results

Mô tả tương tự - MC33874

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33874 FREESCALE-33874_08 Datasheet
1Mb / 38P
   Quad High Side Switch
logo
International Rectifier
IR8400P IRF-IR8400P Datasheet
763Kb / 16P
   QUAD HIGH SIDE SWITCH
logo
Freescale Semiconductor...
33894 FREESCALE-33894 Datasheet
1Mb / 28P
   Quad High-Side Switch
35XS3400 FREESCALE-35XS3400_11 Datasheet
1Mb / 48P
   Quad High Side Switch
10XSC425 FREESCALE-10XSC425 Datasheet
826Kb / 56P
   Quad High Side Switch
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
15XS3400 FREESCALE-15XS3400 Datasheet
1Mb / 51P
   Quad High Side Switch (Quad 15 mOhm)
MC15XS3400 FREESCALE-MC15XS3400 Datasheet
2Mb / 49P
   Quad High Side Switch (Quad 15m廓)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
15XS3400 FREESCALE-15XS3400_12 Datasheet
1Mb / 52P
   Quad High Side Switch (Quad 15 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com