công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUK7540-100A bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện BUK7540-100A
Giải thích chi tiết về linh kiện  TrenchMOS transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK7540-100A bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  BUK7540-100A Datasheet HTML 1Page - NXP Semiconductors BUK7540-100A Datasheet HTML 2Page - NXP Semiconductors BUK7540-100A Datasheet HTML 3Page - NXP Semiconductors BUK7540-100A Datasheet HTML 4Page - NXP Semiconductors BUK7540-100A Datasheet HTML 5Page - NXP Semiconductors BUK7540-100A Datasheet HTML 6Page - NXP Semiconductors BUK7540-100A Datasheet HTML 7Page - NXP Semiconductors BUK7540-100A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
TrenchMOS
 transistor
BUK7540-100A
Standard level FET
STATIC CHARACTERISTICS
T
j= 25˚C
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = 0.25 mA;
100
-
-
V
voltage
T
j = -55˚C
89
-
-
V
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 1 mA
2
3
4
V
T
j = 175˚C
1
-
-
V
T
j = -55˚C
-
-
4.4
V
I
DSS
Zero gate voltage drain current
V
DS = 100 V; VGS = 0 V;
-
0.05
10
µA
T
j = 175˚C
-
-
500
µA
I
GSS
Gate source leakage current
V
GS = ±20 V; VDS = 0 V
-
2
100
nA
R
DS(ON)
Drain-source on-state
V
GS = 10 V; ID = 40 A
-
30
40
m
resistance
T
j = 175˚C
-
-
108
m
DYNAMIC CHARACTERISTICS
T
mb = 25˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
1720
2293
pF
C
oss
Output capacitance
-
216
259
pF
C
rss
Feedback capacitance
-
133
182
pF
t
d on
Turn-on delay time
V
DD = 30 V; Rload =1.2Ω;
-
12
18
ns
t
r
Turn-on rise time
V
GS = 5 V; RG = 10 Ω
-
5583ns
t
d off
Turn-off delay time
-
48
67
ns
t
f
Turn-off fall time
-
30
42
ns
L
d
Internal drain inductance
Measured from contact screw on
-
3.5
-
nH
tab to centre of die
L
d
Internal drain inductance
Measured from drain lead 6 mm
-
4.5
-
nH
from package to centre of die
L
s
Internal source inductance
Measured from source lead 6 mm
-
7.5
-
nH
from package to source bond pad
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
T
j = 25˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
DR
Continuous reverse drain
-
-
37
A
current
I
DRM
Pulsed reverse drain current
-
-
149
A
V
SD
Diode forward voltage
I
F = 25 A; VGS = 0 V
-
0.85
1.2
V
I
F = 37 A; VGS = 0 V
-
1.1
-
V
t
rr
Reverse recovery time
I
F = 37 A; -dIF/dt = 100 A/µs;
-
70
-
ns
Q
rr
Reverse recovery charge
V
GS = -10 V; VR = 30 V
-
0.24
-
µC
December 1999
2
Rev 1.000


Số phần tương tự - BUK7540-100A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Inchange Semiconductor ...
BUK7540-100A ISC-BUK7540-100A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7540-100A NEXPERIA-BUK7540-100A Datasheet
350Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 2 - 20 April 2011
More results

Mô tả tương tự - BUK7540-100A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PSMN020-150W PHILIPS-PSMN020-150W Datasheet
28Kb / 4P
   TrenchMOS transistor
February 1999 Rev 1.000
PHP14NQ20T PHILIPS-PHP14NQ20T Datasheet
64Kb / 10P
   TrenchMOS transistor
October 1999 Rev 1.000
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
28Kb / 4P
   TrenchMOS transistor
February 1999 Rev 1.000
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com