công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74AHCT595BQ bảng dữ liệu(PDF) 11 Page - NXP Semiconductors

tên linh kiện 74AHCT595BQ
Giải thích chi tiết về linh kiện  NPN general-purpose double transistors output latches; 3-state
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT595BQ bảng dữ liệu(HTML) 11 Page - NXP Semiconductors

Back Button 74AHCT595BQ Datasheet HTML 7Page - NXP Semiconductors 74AHCT595BQ Datasheet HTML 8Page - NXP Semiconductors 74AHCT595BQ Datasheet HTML 9Page - NXP Semiconductors 74AHCT595BQ Datasheet HTML 10Page - NXP Semiconductors 74AHCT595BQ Datasheet HTML 11Page - NXP Semiconductors 74AHCT595BQ Datasheet HTML 12Page - NXP Semiconductors 74AHCT595BQ Datasheet HTML 13Page - NXP Semiconductors 74AHCT595BQ Datasheet HTML 14Page - NXP Semiconductors 74AHCT595BQ Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
74AHC_AHCT595_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 August 2009
11 of 21
NXP Semiconductors
74AHC595; 74AHCT595
8-bit serial-in/serial-out or parallel-out shift register with output latches
[1]
Typical values are measured at nominal supply voltage.
[2]
tpd is the same as tPHL and tPLH.
[3]
tpd is the same as tPHL only.
[4]
ten is the same as tPZL and tPZH.
[5]
tdis is the same as tPLZ and tPHZ.
[6]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
Σ(C
L × VCC
2
× f
o) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in V.
[7]
All 9 outputs switching.
ten
enable time
OE to Qn; see Figure 12
[4]
CL = 15 pF
-
4.8
9.0
1.0
11.0
1.0
12.0
ns
CL = 50 pF
-
6.2
11.6
1.0
13.0
1.0
14.5
ns
tdis
disable time OE to Qn; see Figure 12
[5]
CL = 15 pF
-
3.6
6.9
1.0
8.0
1.0
9.0
ns
CL = 50 pF
-
5.8
10.3
1.0
11.0
1.0
12.0
ns
fmax
maximum
frequency
SHCP and STCP;
see Figure 8 and 9
130
170
-
110
-
90
-
MHz
tW
pulse width
SHCP HIGH or LOW;
see Figure 8
5.0
-
-
5.0
-
5.0
-
ns
STCP HIGH or LOW;
see Figure 9
5.0
-
-
5.0
-
5.0
-
ns
MR LOW; see Figure 11
5.0
-
-
5.0
-
5.0
-
ns
tsu
set-up time
DS to SHCP; see Figure 9
3.0
-
-
3.0
-
3.0
-
ns
SHCP to STCP;
see Figure 10
5.0
-
-
5.0
-
5.0
-
ns
th
hold time
DS to SHCP; see Figure 10
2.0
-
-
2.0
-
2.0
-
ns
trec
recovery
time
MR to SHCP; see Figure 11
3.0
-
-
3.0
-
3.0
-
ns
CPD
power
dissipation
capacitance
fi = 1 MHz; VI = GND to VCC
[6]
[7]
-
190
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 13.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max


Số phần tương tự - 74AHCT595BQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74AHCT595BQ NEXPERIA-74AHCT595BQ Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
74AHCT595BQ-Q100 NEXPERIA-74AHCT595BQ-Q100 Datasheet
794Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
More results

Mô tả tương tự - 74AHCT595BQ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BCV63 PHILIPS-BCV63_15 Datasheet
127Kb / 12P
   NPN general-purpose double transistors
Rev. 4-4 August 2010
logo
Nexperia B.V. All right...
BCV61 NEXPERIA-BCV61 Datasheet
2Mb / 13P
   NPN general-purpose double transistors
Rev. 04 - 18 December 2009
logo
NXP Semiconductors
BCV63 PHILIPS-BCV63 Datasheet
46Kb / 8P
   NPN general purpose double transistors
1999 May 21
logo
Nexperia B.V. All right...
BCV63 NEXPERIA-BCV63 Datasheet
949Kb / 12P
   NPN general-purpose double transistors
Rev. 4 - 4 August 2010
logo
NXP Semiconductors
BCV63 NXP-BCV63_10 Datasheet
127Kb / 12P
   NPN general-purpose double transistors
Rev. 4-4 August 2010
PUMX2 PHILIPS-PUMX2 Datasheet
55Kb / 8P
   NPN/NPN general-purpose double transistors
Rev. 01-10 November 2005
PUMX2 NXP-PUMX2 Datasheet
103Kb / 8P
   NPN/NPN general-purpose double transistors
Rev. 02-17 November 2009
logo
Nexperia B.V. All right...
BC817DS NEXPERIA-BC817DS Datasheet
209Kb / 7P
   NPN/NPN general purpose double transistors
25 June 2019
PUMX2 NEXPERIA-PUMX2 Datasheet
218Kb / 9P
   NPN/NPN general-purpose double transistors
Rev. 02 - 17 November 2009
logo
NXP Semiconductors
BCV61 PHILIPS-BCV61_15 Datasheet
147Kb / 13P
   NPN general-purpose double transistors
Rev. 04-18 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com