công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74AHCT573 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện 74AHCT573
Giải thích chi tiết về linh kiện  Octal D-type transparant latch; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT573 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button 74AHCT573 Datasheet HTML 4Page - NXP Semiconductors 74AHCT573 Datasheet HTML 5Page - NXP Semiconductors 74AHCT573 Datasheet HTML 6Page - NXP Semiconductors 74AHCT573 Datasheet HTML 7Page - NXP Semiconductors 74AHCT573 Datasheet HTML 8Page - NXP Semiconductors 74AHCT573 Datasheet HTML 9Page - NXP Semiconductors 74AHCT573 Datasheet HTML 10Page - NXP Semiconductors 74AHCT573 Datasheet HTML 11Page - NXP Semiconductors 74AHCT573 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
74AHC_AHCT573_5
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 25 March 2010
8 of 19
NXP Semiconductors
74AHC573; 74AHCT573
Octal D-type transparant latch; 3-state
10. Dynamic characteristics
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 11.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max
74AHC573
tpd
propagation
delay
Dn to Qn; see Figure 7
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.5
11.0
1.0
13.0
1.0
14.0
ns
CL = 50 pF
-
7.8
14.5
1.0
16.5
1.0
18.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.9
6.8
1.0
8.0
1.0
8.5
ns
CL = 50 pF
-
5.5
8.8
1.0
10.0
1.0
11.0
ns
LE to Qn; see Figure 8
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.8
11.9
1.0
14.0
1.0
15.0
ns
CL = 50 pF
-
8.3
15.4
1.0
17.5
1.0
19.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.2
7.7
1.0
9.0
1.0
10.0
ns
CL = 50 pF
-
5.9
9.7
1.0
11.0
1.0
12.5
ns
ten
enable time
OE to Qn; see Figure 9
[3]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.8
11.5
1.0
13.5
1.0
14.5
ns
CL = 50 pF
-
8.3
15.0
1.0
17.0
1.0
19.0
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.4
7.7
1.0
9.0
1.0
10.0
ns
CL = 50 pF
-
6.3
9.7
1.0
11.0
1.0
12.5
ns
tdis
disable time
OE to Qn; see Figure 9
[4]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
6.8
11.0
1.0
13.0
1.0
14.0
ns
CL = 50 pF
-
9.7
14.5
1.0
16.5
1.0
18.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
4.6
7.7
1.0
9.0
1.0
10.0
ns
CL = 50 pF
-
7.4
9.7
1.0
11.0
1.0
12.5
ns
tW
pulse width
LE HIGH; see Figure 8
VCC = 3.0 V to 3.6 V
5.0
-
-
5.0
-
5.0
-
ns
VCC = 4.5 V to 5.5 V
5.0
-
-
5.0
-
5.0
-
ns
tsu
set-up time
Dn to LE; see Figure 10
VCC = 3.0 V to 3.6 V
3.5
-
-
3.5
-
3.5
-
ns
VCC = 4.5 V to 5.5 V
3.5
-
-
3.5
-
3.5
-
ns


Số phần tương tự - 74AHCT573

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74AHCT573 PHILIPS-74AHCT573 Datasheet
91Kb / 20P
   Octal D-type transparent latch; 3-state
1999 Sep 27
74AHCT573 PHILIPS-74AHCT573 Datasheet
138Kb / 23P
   Octal D-type transparent latch; 3-state
2003 Dec 08
logo
Nexperia B.V. All right...
74AHCT573 NEXPERIA-74AHCT573 Datasheet
281Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 13 July 2020
74AHCT573-Q100 NEXPERIA-74AHCT573-Q100 Datasheet
280Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 2 - 13 July 2020
74AHCT573BQ NEXPERIA-74AHCT573BQ Datasheet
281Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 13 July 2020
More results

Mô tả tương tự - 74AHCT573

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74AHC373 NEXPERIA-74AHC373 Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
logo
NXP Semiconductors
74AHC_AHCT573 PHILIPS-74AHC_AHCT573_15 Datasheet
139Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 7-8 November 2011
74AHC373 NXP-74AHC373_08 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
74AHC_AHCT373 PHILIPS-74AHC_AHCT373_15 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
logo
Nexperia B.V. All right...
74AHC573-Q100 NEXPERIA-74AHC573-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
logo
Fairchild Semiconductor
MM74HC573 FAIRCHILD-MM74HC573 Datasheet
88Kb / 8P
   3-STATE Octal D-Type Latch
logo
KODENSHI_AUK CORP.
KK74VHCT373 KODENSHI-KK74VHCT373 Datasheet
317Kb / 8P
   Octal d-type latch (3-state)
logo
ON Semiconductor
MM74HCT373 ONSEMI-MM74HCT373 Datasheet
230Kb / 12P
   3-STATE Octal D-Type Latch
Revised May 2005
logo
Fairchild Semiconductor
MM74HC373 FAIRCHILD-MM74HC373_05 Datasheet
101Kb / 8P
   3-STATE Octal D-Type Latch
logo
Integral Corp.
IN74VHCT373 INTEGRAL-IN74VHCT373 Datasheet
302Kb / 8P
   Octal d-type latch (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com