công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUK952R4-40C bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện BUK952R4-40C
Giải thích chi tiết về linh kiện  N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK952R4-40C bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button BUK952R4-40C Datasheet HTML 2Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 3Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 4Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 5Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 6Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 7Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 8Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 9Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BUK952R4-40C_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 11 April 2008
6 of 13
NXP Semiconductors
BUK952R4-40C
N-channel TrenchMOS logic level FET
IGSS
gate leakage current
VDS =0V; VGS =15V; Tj =25 °C
-
2
100
nA
VDS =0V; VGS =-15 V;
Tj =25 °C
-2
100
nA
RDSon
drain-source on-state
resistance
VGS =4.5 V; ID =25A; Tj =25 °C-
-
2.7
m
Ω
VGS =10V; ID =25A; Tj =25 °C-
1.8
2.1
m
Ω
VGS =5V; ID =25A; Tj = 175 °C;
see Figure 11
--
4.6
m
Ω
VGS =5V; ID =25A; Tj =25 °C;
see Figure 12, 11 and 13
-2.1
2.4
m
Ω
Source-drain diode
VSD
source-drain voltage
IS =25A; VGS =0V; Tj =25 °C;
see Figure 16
-0.85
1.2
V
trr
reverse recovery time
IS =25A; dIS/dt = 100 A/μs;
VGS =0V; VDS =30V
-70
-
ns
Qr
recovered charge
-
60
-
nC
Dynamic characteristics
QG(tot)
total gate charge
ID =25A; VDS =32V; VGS =5V;
see Figure 14
-120
-nC
QGS
gate-source charge
-
30
-
nC
QGD
gate-drain charge
-
73
-
nC
Ciss
input capacitance
VGS =0V; VDS =25V;
f=1MHz; Tj =25 °C;
see Figure 15
-
12487
16700
pF
Coss
output capacitance
-
1323
1600
pF
Crss
reverse transfer
capacitance
-
938
1290
pF
td(on)
turn-on delay time
VDS =30V; RL =1.2 Ω;
VGS =5V; RG(ext) =10 Ω
-130
-ns
tr
rise time
-
310
-
ns
td(off)
turn-off delay time
-
380
-
ns
tf
fall time
-
250
-
ns
LD
internal drain
inductance
from contact screw on mounting
base to centre of die
-3.5
-nH
from drain lead 6 mm from
package to centre of die
-4.5
-nH
LS
internal source
inductance
from source lead to source bond
pad
-7.5
-nH
Table 6.
Characteristics …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Số phần tương tự - BUK952R4-40C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
BUK952R3-40E NEXPERIA-BUK952R3-40E Datasheet
337Kb / 14P
   N-channel TrenchMOS logic level FET
BUK952R8-30B NEXPERIA-BUK952R8-30B Datasheet
351Kb / 15P
   N-channel TrenchMOS logic level FET
logo
Inchange Semiconductor ...
BUK952R8-30B ISC-BUK952R8-30B Datasheet
355Kb / 2P
   isc N-Channel MOSFET Transistor
logo
NXP Semiconductors
BUK952R8-30B PHILIPS-BUK952R8-30B_15 Datasheet
236Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 3-8 February 2011
BUK952R8-60E PHILIPS-BUK952R8-60E Datasheet
221Kb / 13P
   N-channel TrenchMOS logic level FET
11 September 2012
More results

Mô tả tương tự - BUK952R4-40C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com