công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUK952R4-40C bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện BUK952R4-40C
Giải thích chi tiết về linh kiện  N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BUK952R4-40C bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  BUK952R4-40C Datasheet HTML 1Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 2Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 3Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 4Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 5Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 6Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 7Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 8Page - NXP Semiconductors BUK952R4-40C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BUK952R4-40C_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 11 April 2008
2 of 13
NXP Semiconductors
BUK952R4-40C
N-channel TrenchMOS logic level FET
2.
Pinning information
3.
Ordering information
4.
Limiting values
Table 2.
Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
G
gate
SOT78 (TO-220AB)
2
D
drain
3
S
source
mb
D
mounting base;
connected to drain
12
mb
3
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BUK952R4-40C
TO-220AB
plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead
TO-220AB
SOT78
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C-
40
V
VDGR
drain-gate voltage
RGS =20kΩ
-40
V
VGS
gate-source voltage
-15
15
V
ID
drain current
Tmb =25 °C; VGS = 5 V; see Figure 1
[1] -
270
A
VGS =5 V; Tj =100 °C; see Figure 1
[2][3] -
100
A
VGS =5 V; Tj =25 °C; see Figure 1 and 4
[2][3] -
100
A
IDM
peak drain current
Tmb =25 °C; tp ≤ 10 μs; pulsed; see Figure 4
-
1080
A
Ptot
total power dissipation
Tmb =25 °C; see Figure 2
-
333
W
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C
Avalanche ruggedness
EDS(AL)S non-repetitive
drain-source avalanche
energy
ID =100 A; Vsup ≤ 40 V; RGS =50 Ω;
VGS =5 V; Tj(init) =25 °C; unclamped
-1.2
J
EDS(AL)R repetitive drain-source
avalanche energy
see Figure 3
[4][5]
[6]
--J


Số phần tương tự - BUK952R4-40C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
BUK952R3-40E NEXPERIA-BUK952R3-40E Datasheet
337Kb / 14P
   N-channel TrenchMOS logic level FET
BUK952R8-30B NEXPERIA-BUK952R8-30B Datasheet
351Kb / 15P
   N-channel TrenchMOS logic level FET
logo
Inchange Semiconductor ...
BUK952R8-30B ISC-BUK952R8-30B Datasheet
355Kb / 2P
   isc N-Channel MOSFET Transistor
logo
NXP Semiconductors
BUK952R8-30B PHILIPS-BUK952R8-30B_15 Datasheet
236Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 3-8 February 2011
BUK952R8-60E PHILIPS-BUK952R8-60E Datasheet
221Kb / 13P
   N-channel TrenchMOS logic level FET
11 September 2012
More results

Mô tả tương tự - BUK952R4-40C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com