công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM26001BMHX bảng dữ liệu(PDF) 9 Page - National Semiconductor (TI) |
|
|
LM26001BMHX bảng dữ liệu(HTML) 9 Page - National Semiconductor (TI) |
9 / 18 page Operation Description GENERAL The LM26001B is a current mode PWM buck regulator. At the beginning of each clock cycle, the internal high-side switch turns on, allowing current to ramp up in the inductor. The in- ductor current is internally monitored during each switching cycle. A control signal derived from the inductor current is compared to the voltage control signal at the COMP pin, de- rived from the feedback voltage. When the inductor current reaches the threshold, the high-side switch is turned off and inductor current ramps down. While the switch is off, inductor current is supplied through the catch diode. This cycle repeats at the next clock cycle. In this way, duty cycle and output volt- age are controlled by regulating inductor current. Current mode control provides superior line and load regulation. Other benefits include cycle by cycle current limiting and a simplified compensation scheme. Typical PWM waveforms are shown in Figure 1. 30001919 FIGURE 1. PWM Waveforms 1A Load, Vin = 12V SLEEP MODE In light load conditions, the LM26001B automatically switches into sleep mode for improved efficiency. As loading decreas- es, the voltage at FB increases and the COMP voltage de- creases. When the COMP voltage reaches the 0.6V (typical) clamp threshold, and the FB voltage rises 1% above nominal, sleep mode is enabled and switching stops. The regulator re- mains in sleep mode until the FB voltage falls to the reset threshold, at which point switching resumes. This 1% FB win- dow limits the corresponding output ripple to approximately 1% of nominal output voltage. The sleep cycle will repeat until load current is increased. Figure 2 shows typical switching and output voltage waveforms in sleep mode. 30001920 FIGURE 2. Sleep Mode Waveforms 25mA Load, Vin = 12V In sleep mode, quiescent current is reduced to less than 40 µA when not switching. The DC sleep mode threshold can be calculated according to the equation below: Where Imin=Ilim/16 (2.5A/16 typically) and D=duty cycle, de- fined as (Vout+Vdiode)/Vin. When load current increases above this limit, the LM26001B is forced back into PWM operation. The sleep mode threshold varies with frequency, inductance, and duty cycle as shown in Figure 3. 30001922 FIGURE 3. Sleep Mode Threshold vs Vin Vout = 3.3V FPWM Pulling the FPWM pin high disables sleep mode and forces the LM26001B to always operate in PWM mode. Light load efficiency is reduced in PWM mode, but switching frequency remains stable. The FPWM pin can be connected to the VDD pin to pull it high. In FPWM mode, under light load conditions, the regulator operates in discontinuous conduction mode (DCM) . In discontinuous conduction mode, current through the inductor starts at zero and ramps up to its peak, then 9 www.national.com |
Số phần tương tự - LM26001BMHX |
|
Mô tả tương tự - LM26001BMHX |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |