công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
0ZRM0135AF bảng dữ liệu(PDF) 1 Page - Bel Fuse Inc. |
|
0ZRM0135AF bảng dữ liệu(HTML) 1 Page - Bel Fuse Inc. |
1 / 2 page 0ZRMD0708 Rmin Rmax R1max IH, A IT, A Seconds Imax, A Vmax, Vac/dc Pd, W Ohms Ohms Ohms Applications A 0ZRM0010FF1E 0.10 0.20 10.0 2 120 0.84 3.00 5.00 7.50 Line Voltage Power Supply, Transformer and Appliances Product B 0ZRM0017FF1E 0.17 0.34 10.0 2 120 0.84 2.00 3.50 7.00 Product Features C 0ZRM0020FF1E 0.20 0.40 9.0 2 120 1.08 1.83 3.12 4.40 Continuous Use at Voltages up to 120VAC/VDC D 0ZRM0025FF1E 0.25 0.50 7.5 3 120 1.08 1.25 2.13 3.00 Operation Current E 0ZRM0030FF1E 0.30 0.60 8.5 3 120 1.44 0.88 1.47 2.10 100mA~3.75A F 0ZRM0040FF1E 0.40 0.80 6.5 3 120 1.44 0.55 0.95 1.29 Maximum Operating Voltage G 0ZRM0050FF1E 0.50 1.00 6.0 3 120 1.56 0.50 0.85 1.17 120VAC/VDC H 0ZRM0065FF1E 0.65 1.30 5.7 5 120 1.68 0.31 0.53 0.72 Maximum Interrupt Voltage I 0ZRM0075FF1E 0.75 1.50 6.3 5 120 1.80 0.25 0.44 0.60 135VAC/DC J 0ZRM0075AF1E 0.75 1.50 15.0 7.5 120 2.64 0.25 0.39 0.69 Temperature Range K 0ZRM0090FF1E 0.90 1.80 7.2 5 120 1.80 0.20 0.31 0.47 -40℃ to 85℃ L 0ZRM0100FF1E 1.00 2.00 15.0 10 120 2.64 0.18 0.27 0.47 Agency Recognition M 0ZRM0110FF1E 1.10 2.20 8.2 8 120 2.28 0.15 0.28 0.38 TUV (Std. EN60738-1, Cert. R50131685) N 0ZRM0125FF1A 1.25 2.50 20.0 12.5 120 2.88 0.11 0.18 0.33 UL Component (Std. UL1434, File E305051) O 0ZRM0135FF1A 1.35 2.70 9.6 10 120 2.64 0.12 0.21 0.30 UL Conditions of Acceptability: P 0ZRM0135AF1A 1.35 2.70 20.0 13.5 120 3.12 0.11 0.17 0.30 Q 0ZRM0160FF1A 1.60 3.20 11.4 12 120 3.12 0.09 0.16 0.22 R 0ZRM0185FF1A 1.85 3.70 12.6 12 120 3.36 0.08 0.13 0.19 S 0ZRM0200FF1A 2.00 4.20 36.0 20 120 4.32 0.08 0.12 0.21 T 0ZRM0250FF1A 2.50 5.00 15.6 15 120 4.44 0.05 0.08 0.13 U 0ZRM0300FF1A 3.00 6.00 19.8 17 120 4.56 0.04 0.07 0.10 V 0ZRM0375FF1A 3.75 7.50 24.0 20 120 4.80 0.03 0.05 0.08 IH Hold current-maximum current at which the device will not trip at 23 oC still air. IT Trip current-minimum current at which the device will always trip at 23 oC still air. Imax Maximum fault current device can withstand without damage at rated voltage (V max). Vmax Maximum voltage device can withstand without damage at its rated current. Pd Typical power dissipated from device when in tripped state in 23 oC still air environment. Rmin Minimum device resistance at 23 oC. R1max Maximum device resistance at 23 oC, 1 hour after tripping . Lead material: 0ZRM0010FF~0ZRM0017FF Matte tin plated copper, 24 AWG. 0ZRM0020FF~0ZRM0090FF Matte tin plated copper, 22 AWG. 0ZRM0075FF~0ZRM0375FF Matte tin plated copper, 20 AWG. Soldering characteristics: MIL-STD-202, Method 208E. Insulating coating: Flame retardant epoxy, meets UL-94V-0 requirement. " bel " or " b ", IH code and " RM ". Part A B C D E F Number Max Max Typical Min Max Typical 0ZRM0010FF 1 7.9 13 5.1 7.6 3.8 2.2 0ZRM0017FF 1 7.9 13 5.1 7.6 3.8 2.2 Pcs/Box P/N code Pcs/Reel P/N code 0ZRM0020FF 2 7.9 13 5.1 7.6 3.8 2.2 3000 1E 2000 2C 0ZRM0025FF 2 7.9 13 5.1 7.6 3.8 2.2 3000 1E 1500 2B 0ZRM0030FF 2 7.9 13 5.1 7.6 3.8 2.2 1000 1A n/a n/a 0ZRM0040FF 2 8.2 14.2 5.1 7.6 3.8 2.2 1000 1A n/a n/a 0ZRM0050FF 2 9.2 14.9 5.1 7.6 3.8 2.2 0ZRM0065FF 2 9.7 14.9 5.1 7.6 3.8 2.2 0ZRM0075FF 2 10.6 15.5 5.1 7.6 3.8 2.2 0ZRM0075AF 4 10.9 17 5.1 7.6 4.1 2.2 0ZRM0090FF 2 11.9 15.9 5.1 7.6 3.8 2.2 0ZRM0100FF 4 11.5 20.1 5.1 7.6 4.1 2.2 0ZRM0110FF 3 13.3 18.3 5.1 7.6 4.1 2.2 0ZRM0125FF 4 14 21.7 5.1 7.6 4.1 2.2 0ZRM0130FF 3 15.5 20.6 5.1 7.6 4.1 2.2 0ZRM0135AF 4 16.3 21.7 5.1 7.6 4.1 2.2 0ZRM0160FF 3 17.5 22.5 5.1 7.6 4.1 2.2 0ZRM0185FF 3 19.9 24.9 5.1 7.6 4.1 2.2 0ZRM0200FF 4 23.5 27.9 10.2 7.6 4.1 2.2 0ZRM0250FF 3 22.5 27.5 10.2 7.6 4.1 2.2 0ZRM0300FF 3 25.5 30 10.2 7.6 4.1 2.2 0ZRM0375FF 3 29.5 34 10.2 7.6 4.1 2.2 0ZRM0010FF~0ZRM0050FF Lead Size :24AWG Φ 0.51 mm Diameter Fig 2. Lead Size :22AWG Bulk Figure Part Number Hold Current Trip Current Max Time to Trip @ 5xIH 0ZRM0125FF~0ZRM0185FF 0ZRM0200FF~0ZRM0375FF Φ 0.65 mm Diameter Fig 3. Fig 4. Lead Size : 20AWG Φ 0.81 mm Diameter 1. These devices have been investigated for use in safety circuits and are suitable as a limiting device. Fig 1. Lead Size :20AWG Φ 0.81 mm Diameter 0ZRM0065FF~0ZRM0110FF Typical Power Reel / Tape Resistance Tolerance Max Current Rated Voltage Part Number (Bulk Package) defining a degree of excellence Radial Leaded PTC 0ZRM Series RoHS6 Compliant Electrical Characteristic (23 o C) Physical Specifications: Product Dimensions (Millimeter) PTC Marking Standard Package |
Số phần tương tự - 0ZRM0135AF |
|
Mô tả tương tự - 0ZRM0135AF |