công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

0ZRC0050FF1E bảng dữ liệu(PDF) 1 Page - Bel Fuse Inc.

tên linh kiện 0ZRC0050FF1E
Giải thích chi tiết về linh kiện  Radial Leaded PTC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BEL [Bel Fuse Inc.]
Trang chủ  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZRC0050FF1E bảng dữ liệu(HTML) 1 Page - Bel Fuse Inc.

  0ZRC0050FF1E Datasheet HTML 1Page - Bel Fuse Inc. 0ZRC0050FF1E Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Flame retardant epoxy, meets UL-94-V-0 requirements.
defining a degree of excellence
Bel Fuse Inc
. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel:201 - 432 - 0463 • Fax:201 - 432 - 9542 • E-Mail: belfuse@belfuse.com
Website:www.belfuse.com
Radial Leaded PTC
0ZRC Series
0ZRC1007D
IH
Hold current-maximum current at which the device will not trip in still air at 23°C.
IT
Trip current-minimum current at which the device will always trip in still air at 23°C.
Imax
Maximum fault current device can withstand without damage at rated voltage (Vmax).
Vmax
Maximum voltage device can withstand without damage at its rated current.
Pd
Typical power dissipated by device when in tripped state in 23°C still air environment.
Rmin
Minimum device resistance at 23°C.
Rmax
Maximum device resistance at 23°C.
R1max Maximum device resistance at 23°C, 1 hour after initial device trip.
Physical specifications
Lead material
0ZRC0010 - 0ZRC0040 - Tin plated copper clad steel, 24 AWG.
0ZRC0050 - 0ZRC0090 - Tin plated copper, 24 AWG.
0ZRC0110 - 0ZRC0375 - Tin plated copper, 20 AWG.
Soldering characteristics
MIL-STD-202, Method 208E.
Insulating coating
Flame retardant epoxy,meets UL-94-V-0 requirements.
PTC Marking
Fig 1
All dimensions
in mm
Fig 2
Product Dimensions
Standard Package
RoHS6 Compliant
Electrical Characteristics (23°C)
Specifications subject to change without notice
ø
Application
Telecom and wide variety of electronic equipment
Product Features
Low Hold Current, 90V rating - replaces 30, 60
and 72V rated devices
Operating (Hold Current) Range
100mA ~ 3.75A
Maximum Voltage
Up to 90V
Temperature Range
-40°C to 85°C
Agency Approval
TUV (Std. EN60738-1-1, Cert. R50102187,
Part No. 0ZRC0040-0ZRC0375)
UL Component (Std. UL1434, File E305051)
UL Conditions of Acceptability:
1.These devices have been investigated for use in
safety circuits and are suitable as a limiting device.
2.These devices have been calibrated to limit the
current to 8 amps within 5 seconds, per ANSI/NFPA 70,
“National Electrical Code”
“bel” or “b”, lH code and “RC”.


Số phần tương tự - 0ZRC0050FF1E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bel Fuse Inc.
0ZRC0050FF1E BEL-0ZRC0050FF1E Datasheet
1Mb / 4P
   Radial Leaded PTC
More results

Mô tả tương tự - 0ZRC0050FF1E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
   Radial Leaded PTC
0ZRA BEL-0ZRA_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRE BEL-0ZRE_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRK BEL-0ZRK Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF Datasheet
323Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
60R LITTELFUSE-60R Datasheet
152Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRA BEL-0ZRA Datasheet
334Kb / 2P
   Radial Leaded PTC
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com