công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA5420AMZ bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện CA5420AMZ
Giải thích chi tiết về linh kiện  0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA5420AMZ bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  CA5420AMZ Datasheet HTML 1Page - Intersil Corporation CA5420AMZ Datasheet HTML 2Page - Intersil Corporation CA5420AMZ Datasheet HTML 3Page - Intersil Corporation CA5420AMZ Datasheet HTML 4Page - Intersil Corporation CA5420AMZ Datasheet HTML 5Page - Intersil Corporation CA5420AMZ Datasheet HTML 6Page - Intersil Corporation CA5420AMZ Datasheet HTML 7Page - Intersil Corporation CA5420AMZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FN1925.6
December 8, 2009
+
Absolute Maximun Ratings
Thermal Information
Supply Voltage (Between V+ and V- Terminals) . . . . . . . . . . . . 22V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . (V+ + 8V) to (V- -0.5V)
Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1mA
Output Short Circuit Duration (Note 4). . . . . . . . . . . . . . . . Indefinite
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Thermal Resistance (Typical, Note 5)
θJA (°C/W)
θJC (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . .
157
N/A
Maximum Junction Temperature (Plastic Package) . . . . . . +150°C
Maximum Storage Temperature Range (All Types) . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. Short circuit may be applied to ground or to either supply.
5.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Typical Values Intended Only for Design Guidance. V+ = +5V; V- = GND, TA = +25°C
PARAMETER
SYMBOL
TEST CONDITIONS
CA5420A
UNITS
Input Resistance
RI
150
T
Ω
Input Capacitance
CI
4.9
pF
Output Resistance
RO
300
Ω
Equivalent Input
Noise Voltage
eN
f = 1kHz
RS = 100Ω
62
nV/
√Hz
f = 10kHz
38
nV/
√Hz
Short-Circuit Current To
Opposite Supply
Source
IOM+2.6
mA
Sink
IOM-2.4
mA
Gain Bandwidth Product
fT
0.5
MHz
Slew Rate
SR
0.5
V/µs
Transient Response
Rise Time
tr
RL = 2kΩ, CL = 100pF
0.7
µs
Overshoot
OS
15
%
Current from Terminal 8 To V-
I8+20
µA
Current from Terminal 8 To V+
I8-2
mA
Settling Time
0.01%
AV = 1
2VP-P Input
8
µs
0.10%
AV = 1
2VP-P Input
4.5
µs
Electrical Specifications
TA = +25°C, V+ = 5V, V- = 0, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
CA5420A
UNITS
MIN
TYP
MAX
Input Offset Voltage
VIO
VO = 2.5V
-
1
5
mV
Input Offset Current
IIO
VO = 2.5V
-
0.02
4
pA
Input Current
II
VO = 2.5V
-
0.02
5
pA
Common Mode Rejection Ratio
CMRR
VCM = 0 to 3.7V, VO = 2.5V
75
83
-
dB
Common Mode Input Voltage Range
VlCR+VO = 2.5V
3.7
4
-
V
VlCR-
-
-0.3
0
V
Power Supply Rejection Ratio
PSRR
ΔV+ = 1V; ΔV- = 1V
75
83
-
dB
Large Signal Voltage Gain
AOL
VO = 0.5 to 4V
RL =
85
87
-
dB
VO = 0.5 to 4V
RL = 10kΩ
85
87
-
dB
VO = 0.7 to 3V
RL = 2kΩ
80
85
-
dB
Source Current
ISOURCE
VO = 0V
1.2
2.7
-
mA
Sink Current
ISINK
VO = 5V
1.2
2.1
-
mA
CA5420A


Số phần tương tự - CA5420AMZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA5420AMZ INTERSIL-CA5420AMZ Datasheet
213Kb / 7P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
logo
Renesas Technology Corp
CA5420AMZ RENESAS-CA5420AMZ Datasheet
558Kb / 9P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
More results

Mô tả tương tự - CA5420AMZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
CA5420A RENESAS-CA5420A Datasheet
558Kb / 9P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
logo
Intersil Corporation
CA5420A INTERSIL-CA5420A_05 Datasheet
213Kb / 7P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
CA3420 INTERSIL-CA3420 Datasheet
78Kb / 6P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
April 2000
logo
Renesas Technology Corp
CA3420 RENESAS-CA3420 Datasheet
330Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Intersil Corporation
CA3420 INTERSIL-CA3420_05 Datasheet
216Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Analog Devices
PM208 AD-PM208_15 Datasheet
1Mb / 4P
   LOW INPUT CURRENT OPERATIONAL AMPLIFIERS
logo
Linear Technology
LF155A LINER-LF155A Datasheet
422Kb / 4P
   JFET-Input Operational Amplifiers Low Supply Current High Speed
logo
Rohm
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7271G ROHM-BU7271G_13 Datasheet
522Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com