công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28196 bảng dữ liệu(PDF) 11 Page - Intersil Corporation

tên linh kiện ISL28196
Giải thích chi tiết về linh kiện  Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output RRIO Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28196 bảng dữ liệu(HTML) 11 Page - Intersil Corporation

Back Button ISL28196 Datasheet HTML 6Page - Intersil Corporation ISL28196 Datasheet HTML 7Page - Intersil Corporation ISL28196 Datasheet HTML 8Page - Intersil Corporation ISL28196 Datasheet HTML 9Page - Intersil Corporation ISL28196 Datasheet HTML 10Page - Intersil Corporation ISL28196 Datasheet HTML 11Page - Intersil Corporation ISL28196 Datasheet HTML 12Page - Intersil Corporation ISL28196 Datasheet HTML 13Page - Intersil Corporation ISL28196 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN6152.3
November 5, 2007
Break-Before-Make Operation of the Output
The output circuit has a break-before-make response. This
means that the P-Channel turns off before the N-Channel
turns on during a high to low transition of the output
(reference Figure 43). Likewise, the N-Channel turns off
before the P-Channel turns on during a low to high transition.
This results in different propagation delay times depending
upon where the output load resistor is tied to. If the load
resistor is tied to ground, (Figure 44A) then the propagation
delay is controlled by the P-Channel. For a high to low
transition the propagation delay does not include the
additional break-before-make time because the load resistor
will pull the output low once the P-Channel has turned off.
During the low to high transition, however, if the load resistor
is tied to ground, then the additional break-before-make time
is added to the propagation delay time because the output
won’t pull high until the P-Channel turns on.
If the load resistor is tied to V+ (Figure 44B) then the
propagation delay is controlled by the N-Channel. For this
condition, the additional delay time is added to the high to
low transition because the output won’t pull low until the
N-Channel turns on. Figures 3 through 10 show the
differences in propagation delay depending upon where the
load is tied.
Propagation Delay
The input to output propagation delay has a dependency on
power supply voltage, overdrive and whether the output is
sourcing or sinking current. Figures 3 and 5 show a
decreasing time propagation delay vs supply voltage for the
ISL28196 and Figure 4 shows a similar behavior for the
ISL28197. The output break-before-make mechanism
results in a difference in propagation delay, depending on
whether the output stage NMOS and PMOS are sourcing or
sinking current. This delay difference is shown in the figures
as a function of where the load is terminated (+V or -V) and
also as a function of supply voltage. The dependence of
propagation delay as a function of power supply voltage and
input overdrive (from 5mV to 1V) is shown in Figures 7 and 9
for the ISL28196, and Figures 8 and 10 for the ISL28197.
Enable Feature
Both parts offer an EN pin, which enables the device when
pulled high. The enable threshold is referenced to the -V
terminal and has a level proportional to the total supply
voltage (reference Figures 13 and 14 for EN Threshold vs
Supply Voltage). The enable circuit has a delay time that
changes as a function of supply voltage. Figures 23 through
26 show the effect of supply voltage on the enable and
disable times. For supply voltages less than 3V, it is
recommended that the user account for the increase
enable/disable delay time.
In the disabled state (output in a high impedance state), the
supply current is reduced to a typical of only 2nA. By
disabling the devices, multiple parts can be connected
together as a MUX. In this configuration, the outputs are tied
together in parallel and a channel can be selected by the EN
pin. The EN pin should never be left floating. The EN pin
should be connnected directly to the V+ supply when not in
use.
Proper Layout Maximizes Performance
To achieve the maximum performance of the high input
impedance, care should be taken in the circuit board layout.
The PC board surface must remain clean and free of
moisture to avoid leakage currents between adjacent traces.
Surface coating of the circuit board will reduce surface
moisture and provide a humidity barrier, reducing parasitic
resistance on the board. When input leakage current is a
concern, the use of guard rings around the comparator
inputs will further reduce leakage currents.
FIGURE 44A. RL TO GND
FIGURE 44B. RL TO V+
FIGURE 44. CONNECTION OF RL TO GND AND V+
VOUT
v+
P-CHANNEL
N-CHANNEL
FIGURE 43. MAKE-BEFORE-BREAK ACTION OF THE
OUTPUT STAGE
ISL28196 AND ISL28197
OUTPUT STAGE
BREAK-BEFORE-MAKE
+
-
VOUT
V+
RL
+
-
VOUT
V+
RL
ISL28196, ISL28197


Số phần tương tự - ISL28196

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL28196 RENESAS-ISL28196 Datasheet
700Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output (RRIO) Comparators
ISL28196FHZ-T7 RENESAS-ISL28196FHZ-T7 Datasheet
700Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output (RRIO) Comparators
ISL28196FRUZ-T7 RENESAS-ISL28196FRUZ-T7 Datasheet
700Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output (RRIO) Comparators
More results

Mô tả tương tự - ISL28196

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL28196 RENESAS-ISL28196 Datasheet
700Kb / 14P
   Ultra-Small, 800nA and 2.5關A Single Supply, Rail-to-Rail Input/Output (RRIO) Comparators
logo
Intersil Corporation
ISL28194 INTERSIL-ISL28194 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1關A Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
ISL28194 INTERSIL-ISL28194_08 Datasheet
1Mb / 16P
   Ultra-Small, 330nA and 1uA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28194 RENESAS-ISL28194 Datasheet
1Mb / 14P
   Ultra-Small, 330nA and 1μA Single Supply, Rail-to-Rail Input/Output (RRIO) Op Amps
Aug 5, 2022
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com