công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL12032IVZ bảng dữ liệu(PDF) 8 Page - Intersil Corporation

tên linh kiện ISL12032IVZ
Giải thích chi tiết về linh kiện  Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Xtal Back-up
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12032IVZ bảng dữ liệu(HTML) 8 Page - Intersil Corporation

Back Button ISL12032IVZ Datasheet HTML 4Page - Intersil Corporation ISL12032IVZ Datasheet HTML 5Page - Intersil Corporation ISL12032IVZ Datasheet HTML 6Page - Intersil Corporation ISL12032IVZ Datasheet HTML 7Page - Intersil Corporation ISL12032IVZ Datasheet HTML 8Page - Intersil Corporation ISL12032IVZ Datasheet HTML 9Page - Intersil Corporation ISL12032IVZ Datasheet HTML 10Page - Intersil Corporation ISL12032IVZ Datasheet HTML 11Page - Intersil Corporation ISL12032IVZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
FN6618.0
December 14, 2007
General Description
The ISL12032 device is a low power real time clock with
50/60 AC input for timing synchronization. It also has an
oscillator utilizing an external crystal for timing back-up,
clock/calendar registers, intelligent battery back-up
switching, battery voltage monitor, brownout indicator,
integrated trickle charger for super capacitor, single periodic
or polled alarms, POR supervisory function, and up to 4
Event Detect with time stamp. There are 128 bytes of
battery-backed user SRAM.
The oscillator uses a 50/60 cycle sine wave input, backed by
an external, low-cost, 32.768kHz crystal. The real time clock
tracks time with separate registers for hours, minutes, and
seconds. The calendar registers contain the date, month,
year, and day of the week. The calendar is accurate through
year 2100, with automatic leap year correction and auto
daylight savings correction.
The ISL12032’s alarm can be set to any clock/calendar
value for a match. Each alarm’s status is available by
checking the Status Register. The device also can be
configured to provide a hardware interrupt via the IRQ pin.
There is a repeat mode for the alarms allowing a periodic
interrupt every minute, every hour, every day, etc.
The device also offers a backup power input pin. This VBAT
pin allows the device to be backed up by battery or Super
Capacitor with automatic switchover from VDD to VBAT. The
ISL12032 devices are specified for VDD = 2.7V to 5.5V and
the clock/calendar portion of the device remains fully
operational in battery backup mode down to 1.8V (Standby
Mode). The VBAT level is monitored and warnings are
reported against preselected levels. The first report is
registered when the VBAT level falls below 85% of nominal
level, the second level is set for 75% of nominal level.
Battery levels are stored in the PWRBAT registers.
The ISL12032 offers a “Brownout” alarm once the VDD falls
below a pre-selected trip level. In the ISL12032, this allows
the system microcontroller to save vital information to
memory before complete power loss. There are six VDD trip
levels for the brownout alarm.
The event detection function accepts a normally low logic
input, and when triggered will store the time/date information
for the event. The first event is stored in the memory until
reset; subsequent events are stored on-chip memory and
the last 3 events are retained and accessible by performing
an indexed register read.
Pin Descriptions
X1, X2
The X1 and X2 pins are the input and output, respectively, of
an inverting amplifier. An external 32.768kHz quartz crystal
is used with the device to supply a backup timebase for the
real time clock if there is no AC input. The device also can
be driven directly from a 32.768kHz source at pin X1, in
which case, pin X2 should be left unconnected. No external
load capacitors are needed for the X1 and X2 pins.
VBAT (Battery Input)
This input provides a backup supply voltage to the device.
VBAT supplies power to the device in the event that the VDD
supply fails. This pin can be connected to a battery, a Super
Capacitor or tied to ground if not used.
AC (AC Input)
The AC input is the main clock input for the real time clock. It
can be either 50Hz or 60Hz, sine wave. The preferred
amplitude is 2.5VP-P, although amplitudes >0.25VDD are
acceptable. An AC coupled (series capacitor) sine wave
clock waveform is desired as the AC clock input provides DC
biasing.
LV (Low Voltage)
This pin indicates the VDD supply is below the programmed
level. This signal notifies a host processor that the main
supply is low and requests action. It is an open drain active
LOW output.
EVIN (Event Input)
The EVIN pin input detects an externally monitored event.
When a HIGH signal is present at the EVIN pin, an “event” is
detected.This input may be used for various monitoring
functions, such as the opening of a detection switch on a
chassis or door. The event detection circuit can be user
enabled or disabled (see EVIN bit) and provides the option
to be operational in battery backup modes (see EVATB bit).
When the event detection is disabled, the EVIN pin is gated
OFF. See “Functional Pin Descriptions” on page 2 for more
details.
EVDET (Event Detect Output)
The EVDET is an open drain output, which will go low when
an event is detected at the EVIN pin. If the event detection
function is enabled, the EVDET output will go LOW and stay
there until the EVT bit is cleared.
FIGURE 2. RECOMMENDED CRYSTAL CONNECTION
X1
X2
ISL12032


Số phần tương tự - ISL12032IVZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL12032IVZ RENESAS-ISL12032IVZ Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
ISL12032IVZ RENESAS-ISL12032IVZ Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
More results

Mô tả tương tự - ISL12032IVZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL12032 RENESAS-ISL12032 Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
ISL12030 RENESAS-ISL12030 Datasheet
1,010Kb / 26P
   Low Power RTC with Battery Backed SRAM and 50/60 Cycle AC Input and Crystal Back-up
logo
Intersil Corporation
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1221 RENESAS-ISL1221 Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com