công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL22511WFRU10Z-TK bảng dữ liệu(PDF) 4 Page - Intersil Corporation

tên linh kiện ISL22511WFRU10Z-TK
Giải thích chi tiết về linh kiện  Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22511WFRU10Z-TK bảng dữ liệu(HTML) 4 Page - Intersil Corporation

  ISL22511WFRU10Z-TK Datasheet HTML 1Page - Intersil Corporation ISL22511WFRU10Z-TK Datasheet HTML 2Page - Intersil Corporation ISL22511WFRU10Z-TK Datasheet HTML 3Page - Intersil Corporation ISL22511WFRU10Z-TK Datasheet HTML 4Page - Intersil Corporation ISL22511WFRU10Z-TK Datasheet HTML 5Page - Intersil Corporation ISL22511WFRU10Z-TK Datasheet HTML 6Page - Intersil Corporation ISL22511WFRU10Z-TK Datasheet HTML 7Page - Intersil Corporation ISL22511WFRU10Z-TK Datasheet HTML 8Page - Intersil Corporation ISL22511WFRU10Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN6678.1
July 16, 2009
Absolute Maximum Ratings
Thermal Information
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage at PU and PD Pin with Respect to GND -0.3V to VCC + 0.3V
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6V
Voltage at any DCP Pin with Respect to GND. . . . . . . . -0.3V to VCC
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±6mA
Latchup . . . . . . . . . . . . . . . . . . . . . . . . . Class II, Level A @ +125°C
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Resistance (Typical)
θ
JA (°C/W)
θ
JC (°C/W)
8 Lead SOIC (Note 3) . . . . . . . . . . . . .
125
N/A
10 Lead µTQFN (Notes 3, 4) . . . . . . . .
150
48.3
Maximum Junction Temperature (Plastic Package). . . . . . . . +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Extended Industrial). . . . . . . . -40°C to +125°C
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
Power Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15mW
Wiper Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±3.0mA
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
3.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4.
θ
JC is for the location in the center of the exposed metal pad on the package underside.
Potentiometer Specifications Over recommended operating conditions, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 18)
TYP
(Note 5)
MAX
(Note 18)
UNIT
RTOTAL
RH to RL Resistance
W option
10
k
Ω
U option
50
k
Ω
RH to RL Resistance Tolerance
-20
+20
%
End-to-End Temperature Coefficient W option
±80
ppm/°C
(Note 16)
U option
±125
ppm/°C
(Note 16)
RW
Wiper Resistance
VCC = 3.3V, wiper current IRW = VCC/RTOTAL
130
400
Ω
VRH, VRL
VRH and VRL Terminal Voltages
VRH and VRL to GND
0
VCC
V
Noise on Wiper Terminal
From 0Hz to 10MHz
-80
dBV
CH/CL/CW
(Note 17)
Potentiometer Capacitance
10/10/25
pF
ILkgDCP
Leakage on DCP Pins
Voltage at pin from GND to VCC
0.05
0.4
µA
VOLTAGE DIVIDER MODE (0V @ RL; VCC @ RH; measured at RW unloaded)
INL
(Note 10)
Integral Non-Linearity
-1
1
LSB
(Note 6)
DNL
(Note 9)
Differential Non-Linearity
Monotonic over all tap positions
-0.5
0.5
LSB
(Note 6)
ZSerror
(Note 7)
Zero-Scale Error
W option
0
0.1
2
LSB
(Note 6)
U option
0
0.1
1
FSerror
(Note 8)
Full-Scale Error
W option
-2
-0.1
0
LSB
(Note 6)
U option
-1
-0.1
0
TCV
(Note 11)
Ratiometric Temperature Coefficient Wiper from 5 hex to 1F hex for W and U
option
±25
ppm/°C
fCUTOFF
3dB Cut-Off Frequency
Wiper at the middle scale, W option
500
kHz
Wiper at the middle scale, U option
75
kHz
RESISTOR MODE (Measurements between RW and RL with RH not connected, or between RW and RH with RL not connected)
RINL
(Note 15)
Integral Non-Linearity
DCP register set between 1 hex and 1F hex;
monotonic over all tap positions; W option
-1.5
1.5
MI
(Note 12)
DCP register set between 1 hex and 1F hex;
monotonic over all tap positions; U option
-1
1
MI
(Note 12)
RDNL
(Note 14)
Differential Non-Linearity
W and U option
-0.5
0.5
MI
(Note 12)
ISL22511


Số phần tương tự - ISL22511WFRU10Z-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22511WFRU10Z-TK INTERSIL-ISL22511WFRU10Z-TK Datasheet
485Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
logo
Renesas Technology Corp
ISL22511WFRU10Z-TK RENESAS-ISL22511WFRU10Z-TK Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
More results

Mô tả tương tự - ISL22511WFRU10Z-TK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
logo
Intersil Corporation
ISL22511WFB8Z INTERSIL-ISL22511WFB8Z Datasheet
485Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Renesas Technology Corp
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
logo
Intersil Corporation
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
ISL22512WFB8Z INTERSIL-ISL22512WFB8Z Datasheet
372Kb / 12P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com