công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL12025IBZ bảng dữ liệu(PDF) 8 Page - Intersil Corporation

tên linh kiện ISL12025IBZ
Giải thích chi tiết về linh kiện  Real-Time Clock/Calendar with I2C Bus and EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12025IBZ bảng dữ liệu(HTML) 8 Page - Intersil Corporation

Back Button ISL12025IBZ Datasheet HTML 4Page - Intersil Corporation ISL12025IBZ Datasheet HTML 5Page - Intersil Corporation ISL12025IBZ Datasheet HTML 6Page - Intersil Corporation ISL12025IBZ Datasheet HTML 7Page - Intersil Corporation ISL12025IBZ Datasheet HTML 8Page - Intersil Corporation ISL12025IBZ Datasheet HTML 9Page - Intersil Corporation ISL12025IBZ Datasheet HTML 10Page - Intersil Corporation ISL12025IBZ Datasheet HTML 11Page - Intersil Corporation ISL12025IBZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
FN6371.1
October 18, 2006
Description
The ISL12025 device is a Real-Time Clock with
clock/calendar, two polled alarms with integrated 512x8
EEPROM configured in 16 Bytes per page format, oscillator
compensation, CPU Supervisor (Power-on Reset, Low
Voltage Sensing and Watchdog Timer) and battery backup
switch.
The oscillator uses an external, low-cost 32.768kHz crystal.
All compensation and trim components are integrated on the
chip. This eliminates several external discrete components
and a trim capacitor, saving board area and component cost.
The Real-Time Clock keeps track of time with separate
registers for Hours, Minutes, Seconds. The Calendar has
separate registers for Date, Month, Year and Day-of-week.
The calendar is correct through 2099, with automatic leap
year correction.
The 64-bit unique ID is a random numbers programmed,
verified and Locked at the factory and it is only accessible for
reading and cannot be altered by the customer.
The Dual Alarms can be set to any Clock/Calendar value for
a match. For instance, every minute, every Tuesday, or 5:23
AM on March 21. The alarms can be polled in the Status
Register. There is a repeat mode for the alarms allowing a
periodic interrupt.
The ISL12025 device integrates CPU Supervisory functions
(POR, WDT) and Battery Switch. There is Power-On-Reset
(RESET) output with 250ms delay from power-on. It will also
assert RESET when VDD goes below the specified
threshold. The Vtrip threshold is selectable via
VTS2/VTS1/VTS0 registers to five (5) preselected levels.
There is WatchDog Timer (WDT) with 3 selectable time-out
periods (0.25s, 0.75s and 1.75s) and disabled setting. The
WatchDog Timer activates the RESET pin when it expires.
The device offers a backup power input pin. This VBAT pin
allows the device to be backed up by battery or SuperCap.
The entire ISL12025 device is fully operational from 2.7 to
5.5V and the clock/calendar portion of the ISL12025 device
remains fully operational down to 1.8V (Standby Power
Mode).
The ISL12025 device provides 4k bits of EEPROM with eight
modes of BlockLock™ control. The BlockLock allows a safe,
secure memory for critical user and configuration data, while
allowing a large user storage area.
Pin Descriptions
Serial Clock (SCL)
The SCL input is used to clock all data into and out of the
device. The input buffer on this pin is always active (not
gated). The pull-up resistor on this pin must use the same
voltage source as VDD.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and out
of the device. It has an open drain output and may be wire
ORed with other open drain or open collector outputs. The
input buffer is always active (not gated).
This open drain output requires the use of a pull-up resistor.
The pull-up resistor on this pin must use the same voltage
source as VDD. The output circuitry controls the fall time of
the output signal with the use of a slope-controlled pull-
down. The circuit is designed for 400kHz I2C interface
speed.
VBAT
This input provides a backup supply voltage to the device.
VBAT supplies power to the device in the event the VDD
supply fails. This pin can be connected to a battery, a
SuperCap or tied to ground if not used.
RESET
The RESET signal output can be used to notify a host
processor that the watchdog timer has expired or the VDD
voltage supply has dipped below the VRESET threshold. It is
an open drain, active LOW output. Recommended value for
the pull-up resistor is 10k
Ω. If unused it can be tied to
ground.
X1, X2
The X1 and X2 pins are the input and output, respectively, of
an inverting amplifier. An external 32.768kHz quartz crystal
is used with the ISL12025 to supply a timebase for the
real-time clock. Internal compensation circuitry provides high
accuracy over the operating temperature range from
-40°C to +85°C. This oscillator compensation network can
be used to calibrate the crystal timing accuracy over
temperature either during manufacturing or with an external
temperature sensor and microcontroller for active
compensation. X2 is intended to drive a crystal only, and
should not drive any external circuit (Figure 11).
NO EXTERNAL COMPENSATION RESISTORS OR
CAPACITORS ARE NEEDED OR ARE RECOMMENDED
TO BE CONNECTED TO THE X1 AND X2 PINS.
Real-Time Clock Operation
The Real-Time Clock (RTC) uses an external 32.768kHz
quartz crystal to maintain an accurate internal representation
of the second, minute, hour, day, date, month, and year. The
RTC has leap-year correction. The clock also corrects for
months having fewer than 31 days and has a bit that controls
X1
X2
FIGURE 11. RECOMMENDED CRYSTAL CONNECTION
ISL12025


Số phần tương tự - ISL12025IBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL12025IBZ RENESAS-ISL12025IBZ Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
More results

Mô tả tương tự - ISL12025IBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12029 INTERSIL-ISL12029_10 Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com