công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL12020MIRZ bảng dữ liệu(PDF) 4 Page - Intersil Corporation

tên linh kiện ISL12020MIRZ
Giải thích chi tiết về linh kiện  Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12020MIRZ bảng dữ liệu(HTML) 4 Page - Intersil Corporation

  ISL12020MIRZ Datasheet HTML 1Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 2Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 3Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 4Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 5Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 6Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 7Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 8Page - Intersil Corporation ISL12020MIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
FN6667.4
February 11, 2010
Pin Configuration
ISL12020M
(20 LD DFN)
TOP VIEW
X2
X2
X2
X2
X2
X1
X1
X1
X1
X1
NC
NC
VBAT
GND
NC
VDD
IRQ
/FOUT
SCL
NC
SDA
19
18
17
20
16
15
14
13
12
11
2
3
4
1
5
6
7
8
9
10
Pin Descriptions
PIN
NUMBER
SYMBOL
DESCRIPTION
1, 2, 3, 4, 5
16, 17, 18,
19, 20
X2
X1
Crystal Connection. The X1 and X2 pins are the input and output, respectively, of an inverting
amplifier and are also connected to the internal 32.768kHz quartz crystal, which is the timebase for
the real time clock. Compensation circuitry with an internal temperature sensor provides frequency
correction to ±5ppm over the operating temperature range from -40°C to +85°C. The X1 and X2 pins
are not to be connected to any other circuitry or power voltages, and are best left floating. Do not
connect in an application circuit, floating electrical connection.
6, 9, 10, 15
NC
No connection. Do not connect to a signal or supply voltage.
7VBAT
Backup Supply. This input provides a backup supply voltage to the device. VBAT supplies power to
the device in the event that the VDD supply fails. This pin can be connected to a battery, a Super
Capacitor or tied to ground if not used. See the Battery Monitor parameter in the “Electrical
Specifications” table “DC Operating Characteristics - RTC” on page 5.
11
SDA
Serial Data. SDA is a bi-directional pin used to transfer data into and out of the device. It has an
open drain output and may be ORed with other open drain or open collector outputs. The input buffer
is always active (not gated) in normal mode.
An open drain output requires the use of a pull-up resistor. The output circuitry controls the fall time
of the output signal with the use of a slope controlled pull-down. The circuit is designed for 400kHz
I2C interface speeds. It is disabled when the backup power supply on the VBAT pin is activated. SDA
is a bi-directional pin used to transfer serial data into and out of the device. It has an open drain
output and may be wire OR’ed with other open drain or open collector outputs.
12
SCL
Serial Clock. The SCL input is used to clock all serial data into and out of the device. The input buffer
on this pin is always active (not gated). It is disabled when the backup power supply on the VBAT pin
is activated to minimize power consumption.
13
IRQ/FOUT Interrupt Output/Frequency Output (Default 32.768kHz frequency output). This dual function pin
can be used as an interrupt or frequency output pin. The IRQ/FOUT mode is selected via the frequency
out control bits of the control/status register. Multi-functional pin that can be used as interrupt or
frequency output pin. The function is set via the configuration register. The output is open drain and
requires a pull-up resistor.
Interrupt Mode. The pin provides an interrupt signal output. This signal notifies a host processor
that an alarm has occurred and requests action. It is an open drain active low output.
Frequency Output Mode. The pin outputs a clock signal, which is related to the crystal frequency.
The frequency output is user selectable and enabled via the I2C bus. It is an open drain output.
14
8
VDD
GND
Power supply. Chip power supply and ground pins. The device will operate with a power supply from
VDD = 2.7V to 5.5VDC. A 0.1µF capacitor is recommended on the VDD pin to ground.
ISL12020M


Số phần tương tự - ISL12020MIRZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12020MIRZ INTERSIL-ISL12020MIRZ Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12020MIRZ RENESAS-ISL12020MIRZ Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12020MIRZ-EVALZ INTERSIL-ISL12020MIRZ-EVALZ Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12020MIRZ-EVALZ RENESAS-ISL12020MIRZ-EVALZ Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

Mô tả tương tự - ISL12020MIRZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020MIRZ-T7A INTERSIL-ISL12020MIRZ-T7A Datasheet
633Kb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com