công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL22426 bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện ISL22426
Giải thích chi tiết về linh kiện  Low Noise, Low Power, SPI Bus, 128 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22426 bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  ISL22426 Datasheet HTML 1Page - Intersil Corporation ISL22426 Datasheet HTML 2Page - Intersil Corporation ISL22426 Datasheet HTML 3Page - Intersil Corporation ISL22426 Datasheet HTML 4Page - Intersil Corporation ISL22426 Datasheet HTML 5Page - Intersil Corporation ISL22426 Datasheet HTML 6Page - Intersil Corporation ISL22426 Datasheet HTML 7Page - Intersil Corporation ISL22426 Datasheet HTML 8Page - Intersil Corporation ISL22426 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN6180.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) and XDCP are registered trademarks of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006, 2008, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL22426
Dual Digitally Controlled Potentiometer (XDCP™)
Low Noise, Low Power, SPIBus, 128 Taps
The ISL22426 integrates two digitally controlled
potentiometers (DCP) and non-volatile memory on a
monolithic CMOS integrated circuit.
The digitally controlled potentiometers are implemented with
a combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
SPI serial interface. Each potentiometer has an associated
volatile Wiper Register (WR) and a non-volatile Initial Value
Register (IVR) that can be directly written to and read by the
user. The contents of the WR controls the position of the
wiper. At power-up, the device recalls the contents of the
DCP’s IVR to the corresponding WR.
The DCPs can be used as three-terminal potentiometers or
as two-terminal variable resistors in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• Two potentiometers in one package
• 128 resistor taps
• SPI serial interface
• Non-volatile storage of wiper position
• Wiper resistance: 70
Ω typical @ VCC = 3.3V
• Shutdown mode
• Shutdown current 5µA max
• Power supply: 2.7V to 5.5V
•50k
Ω or 10kΩ total resistance
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ T < +55°C
• 14 Ld TSSOP and 16 Ld QFN package
• Pb-free (RoHS compliant)
Pinouts
ISL22426
(14 LD TSSOP)
TOP VIEW
ISL22426
(16 LD QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Note)
PART
MARKING
RESISTANCE OPTION
(k
Ω)
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL22426UFV14Z*
22426 UFVZ
50
-40 to +125
14 Ld TSSOP
M14.173
ISL22426UFR16Z*
224 26UFZ
50
-40 to +125
16 Ld 4x4 QFN
L16.4x4A
ISL22426WFV14Z*
22426 WFVZ
10
-40 to +125
14 Ld TSSOP
M14.173
ISL22426WFR16Z*
224 26WFZ
10
-40 to +125
16 Ld 4x4 QFN
L16.4x4A
*Add “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
NC
1
2
3
4
5
6
7
SDO
SCK
8
9
10
14
13
12
11
SHDN
RW0
RL0
RH0
SDI
VCC
RW1
RL1
RH1
CS
GND
NC
NC
RW1
RH1
RL0
RL1
RH0
RW0
1
3
4
15
16
14
13
2
12
10
9
11
6
57
8
Data Sheet
September 8, 2009


Số phần tương tự - ISL22426

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22426 INTERSIL-ISL22426 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22426 RENESAS-ISL22426 Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
ISL22426UFR16Z RENESAS-ISL22426UFR16Z Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
ISL22426UFV14Z RENESAS-ISL22426UFV14Z Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
ISL22426WFR16Z RENESAS-ISL22426WFR16Z Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
More results

Mô tả tương tự - ISL22426

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
605Kb / 16P
   Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com