công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL22426 bảng dữ liệu(PDF) 6 Page - Intersil Corporation

tên linh kiện ISL22426
Giải thích chi tiết về linh kiện  Low Noise, Low Power, SPI Bus, 128 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22426 bảng dữ liệu(HTML) 6 Page - Intersil Corporation

Back Button ISL22426 Datasheet HTML 2Page - Intersil Corporation ISL22426 Datasheet HTML 3Page - Intersil Corporation ISL22426 Datasheet HTML 4Page - Intersil Corporation ISL22426 Datasheet HTML 5Page - Intersil Corporation ISL22426 Datasheet HTML 6Page - Intersil Corporation ISL22426 Datasheet HTML 7Page - Intersil Corporation ISL22426 Datasheet HTML 8Page - Intersil Corporation ISL22426 Datasheet HTML 9Page - Intersil Corporation ISL22426 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN6180.2
September 8, 2009
tFO
SDO Output Fall Time
Rpu = 2k, Cb = 30pF
60
ns
tCS
CS Deselect Time
2µs
NOTES:
5. Typical values are for TA = +25°C and 3.3V supply voltage.
6. LSB: [V(RW)127 – V(RW)0]/127. V(RW)127 and V(RW)0 are V(RW) for the DCP register set to 7F hex and 00 hex respectively. LSB is the
incremental voltage when changing from one tap to an adjacent tap.
7. ZS error = V(RW)0/LSB.
8. FS error = [V(RW)127 – VCC]/LSB.
9. DNL = [V(RW)i – V(RW)i-1]/LSB-1, for i = 1 to 127. i is the DCP register setting.
10. INL = [V(RW)i – i • LSB – V(RW)]/LSB for i = 1 to 127
11. VMATCH = [V(RWx)i – V(RWy)i]/LSB, for i = 1 to 127, x = 0 or 1 and y = 0 or 1.
12.
for i = 16 to 112 decimal, T = -40°C to +125°C. Max( ) is the maximum value of the wiper
voltage and Min ( ) is the minimum value of the wiper voltage over the temperature range.
13. MI =
|RW127 – RW0|/127. MI is a minimum increment. RW127 and RW0 are the measured resistances for the DCP register set to 7F hex and 00
hex respectively.
14. Roffset = RW0/MI, when measuring between RW and RL.
Roffset = RW127/MI, when measuring between RW and RH.
15. RDNL = (RWi – RWi-1)/MI, for i = 1 to 127.
16. RINL = [RWi – (MI • i) – RW0]/MI, for i = 1 to 127.
17. RMATCH = (RWi,x – RWi,y)/MI, for i = 1 to 127, x = 0 or 1 and y = 0 or 1.
18.
for i = 16 to 112, T = -40°C to +125°C. Max( ) is the maximum value of the resistance and Min ( ) is
the minimum value of the resistance over the temperature range.
19. tWC is the time from the end of a Write sequence of SPI serial interface, to the end of the self-timed internal non-volatile write cycle.
20. Rpu is specified for the highest data rate transfer for the device. Higher value pull-up can be used at lower data rates.
21. Limits should be considered typical and are not production tested.
22. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Operating Specifications Over the recommended operating conditions, unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 22)
TYP
(Note 5)
MAX
(Note 22)
UNIT
TC
V
Max V RW
()
i
() Min V RW
()
i
()
Max V RW
()
i
() Min V RW
()
i
()
+
[] 2
----------------------------------------------------------------------------------------------
106
+165°C
---------------------
×
=
TC
R
Max Ri
() Min Ri
()
[]
Max Ri
() Min Ri
()
+
[] 2
----------------------------------------------------------------
10
6
+165°C
---------------------
×
=
ISL22426


Số phần tương tự - ISL22426

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22426 INTERSIL-ISL22426 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22426 RENESAS-ISL22426 Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
ISL22426UFR16Z RENESAS-ISL22426UFR16Z Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
ISL22426UFV14Z RENESAS-ISL22426UFV14Z Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
ISL22426WFR16Z RENESAS-ISL22426WFR16Z Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
More results

Mô tả tương tự - ISL22426

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
605Kb / 16P
   Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com