công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL1219IUZ-T bảng dữ liệu(PDF) 7 Page - Intersil Corporation

tên linh kiện ISL1219IUZ-T
Giải thích chi tiết về linh kiện  Low Power RTC with Battery Backed SRAM and Event Detection
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1219IUZ-T bảng dữ liệu(HTML) 7 Page - Intersil Corporation

Back Button ISL1219IUZ-T Datasheet HTML 3Page - Intersil Corporation ISL1219IUZ-T Datasheet HTML 4Page - Intersil Corporation ISL1219IUZ-T Datasheet HTML 5Page - Intersil Corporation ISL1219IUZ-T Datasheet HTML 6Page - Intersil Corporation ISL1219IUZ-T Datasheet HTML 7Page - Intersil Corporation ISL1219IUZ-T Datasheet HTML 8Page - Intersil Corporation ISL1219IUZ-T Datasheet HTML 9Page - Intersil Corporation ISL1219IUZ-T Datasheet HTML 10Page - Intersil Corporation ISL1219IUZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
FN6314.1
August 14, 2006
General Description
The ISL1219 device is a low power Real Time Clock with
Security and Event function, Time Stamp in both normal and
battery modes, timing and crystal compensation,
clock/calendar, power fail indicator, periodic or polled alarm,
intelligent battery backup switching, and battery-backed user
SRAM.
The Event Detection function can be used for tamper
detection, security or other chassis or generic system
monitoring. Upon a valid event detection, the ISL1219 sets
the Event Detection bit (EVT bit) in the status register, stores
time stamp information on on board memory, and, can
optionally: 1) Issue an Event Output signal (EVDET pin), 2)
At the time the event occurred, stop the RTC registers from
advancing. The event monitor and time stamp functions in
both main VDD and battery back up modes. The event
monitor can also be configured for various input detection
rates to optimize power consumption for the application. In
addition, the Event Monitor pin (EVIN) has a selectable glitch
filter to avoid switch de-bouncing.
The oscillator uses an external, low-cost 32.768kHz crystal.
The real time clock tracks time with separate registers for
hours, minutes, and seconds. The device has calendar
registers for date, month, year and day of the week. The
calendar is accurate through 2099, with automatic leap year
correction.
The ISL1219's alarm can be set to any clock/calendar value
for a match. For example, every minute, every Tuesday or at
5:23 AM on March 21. The alarm status is available by
checking the Status Register, or the device can be
configured to provide a hardware interrupt via the IRQ pin.
There is a repeat mode for the alarm allowing a periodic
interrupt every minute, every hour, every day, etc.
The device also offers a backup power input pin. This VBAT
pin allows the device to be backed up by battery or
SuperCap with automatic switchover from VDD to VBAT. The
entire ISL1219 device is fully operational from VDD =2.7V to
5.5V and the clock/calendar portion of the device remains
fully operational in battery backup mode down to 1.8V
(Standby Mode).
Pin Description
X1, X2
The X1 and X2 pins are the input and output, respectively, of
an inverting amplifier. An external 32.768kHz quartz crystal
is used with the ISL1219 to supply a timebase for the real
time clock. Internal compensation circuitry provides high
accuracy over the operating temperature range from
-40°C to +85°C. This oscillator compensation network can
be used to calibrate the crystal timing accuracy over
temperature either during manufacturing or with an external
temperature sensor and microcontroller for active
compensation. The device can also be driven directly from a
32.768kHz source at pin X1.
FIGURE 7. EVIN IPULL-UP vs VDD
FIGURE 8. IPULL-UP vs TEMPERATURE AT VBAT = 1.8V
Typical Performance Curves Temperature is +25°C unless otherwise specified (Continued)
0.00E+00
1.00E-06
2.00E-06
3.00E-06
4.00E-06
5.00E-06
6.00E-06
7.00E-06
8.00E-06
2.533.544.555.5
6
VDD
-40°C
+25°C
+85°C
1.0E-07
2.0E-07
3.0E-07
4.0E-07
5.0E-07
-40
-25
-10
5
20
35
50
65
80
Temperature
FIGURE 9. STANDARD OUTPUT LOAD FOR TESTING THE
DEVICE WITH VDD = 5.0V
SDA
AND
IRQ/FOUT
1533
100pF
5.0V
FOR VOL= 0.4V
AND IOL = 3mA
EQUIVALENT AC OUTPUT LOAD CIRCUIT FOR VDD = 5V
ISL1219


Số phần tương tự - ISL1219IUZ-T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL1219IUZ-T RENESAS-ISL1219IUZ-T Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results

Mô tả tương tự - ISL1219IUZ-T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1221 RENESAS-ISL1221 Datasheet
995Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Intersil Corporation
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com