công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL22343TFR20Z bảng dữ liệu(PDF) 5 Page - Intersil Corporation

tên linh kiện ISL22343TFR20Z
Giải thích chi tiết về linh kiện  Quad Digitally Controlled Potentiometer XDCP
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22343TFR20Z bảng dữ liệu(HTML) 5 Page - Intersil Corporation

  ISL22343TFR20Z Datasheet HTML 1Page - Intersil Corporation ISL22343TFR20Z Datasheet HTML 2Page - Intersil Corporation ISL22343TFR20Z Datasheet HTML 3Page - Intersil Corporation ISL22343TFR20Z Datasheet HTML 4Page - Intersil Corporation ISL22343TFR20Z Datasheet HTML 5Page - Intersil Corporation ISL22343TFR20Z Datasheet HTML 6Page - Intersil Corporation ISL22343TFR20Z Datasheet HTML 7Page - Intersil Corporation ISL22343TFR20Z Datasheet HTML 8Page - Intersil Corporation ISL22343TFR20Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
FN6423.1
March 13, 2008
VMATCH
(Note 11)
DCP-to-DCP Matching
Wipers at the same tap position, the same
voltage at all RH terminals and the same
voltage at all RL terminals
-2
2
LSB
(Note 6)
TCV (Note 12) Ratiometric Temperature Coefficient
DCP register set to 80 hex
±4
ppm/°C
fcutoff
(Note 19)
-3dB Cut Off Frequency
Wiper at midpoint (80hex) W option (10k)
1000
kHz
Wiper at midpoint (80hex) U option (50k)
250
kHz
Wiper at midpoint (80hex) T option (100k)
120
kHz
RESISTOR MODE (Measurements between RWi and RLi with RHi not connected, or between RWi and RHi with RLi not connected)
RINL
(Note 16)
Integral Non-linearity
W option
-3
±1
3
MI
(Note 13)
U, T option
-1
±0.3
1
MI
(Note 13)
RDNL
(Note 15)
Differential Non-linearity
W option
-1.5
±0.5
1.5
MI
(Note 13)
U, T option
-0.5
±0.04
0.5
MI
(Note 13)
Roffset
(Note 14)
Offset
W option
0
1
5
MI
(Note 13)
U, T option
0
0.25
2
MI
(Note 13)
RMATCH
(Note 17)
DCP-to-DCP matching
Wipers at the same tap position with the
same terminal voltages
-3
3
MI
(Note 13)
TCR
(Notes 18, 19)
Resistance Temperature Coefficient
DCP register set between 32 hex and FFhex
±40
ppm/°C
Analog Specifications
Over recommended operating conditions unless otherwise stated. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 21)
TYP
(Note 5)
MAX
(Note 21)
UNIT
Operating Specifications Over the recommended operating conditions unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 21)
TYP
(Note 5)
MAX
(Note 21)
UNIT
ICC1
VCC Supply Current
(Volatile Write/Read)
VCC = 5.5V, fSCL = 400kHz; (for I
2C Active, Read and
Volatile Write states only)
0.006
0.5
mA
VCC = 2.25V, fSCL = 400kHz; (for I
2C Active, Read and
Volatile Write states only)
0.003
0.25
mA
IV-1
V- Supply Current (Volatile
Write/Read)
V- = -5.5V, VCC = 5.5V, fSCL = 400kHz; (for I
2C Active,
Read and Volatile Write states only)
-0.5
-0.012
mA
V- = -2.25V, VCC = 2.25V, fSCL = 400kHz; (for I
2C
Active, Read and Volatile Write states only)
-0.25
-0.045
mA
ICC2
VCC Supply Current (Non-
volatile Write/Read)
VCC = 5.5V, V- = 5.5V, fSCL = 400kHz; (for I
2C Active,
Read and Non-volatile Write states only)
1.0
2.0
mA
VCC = 2.25V, V- = -2.25V, fSCL = 400kHz; (for I
2C
Active, Read and Non-volatile Write states only)
0.3
1.0
mA
IV-2
V- Supply Current
(Non-Volatile Write/Read)
V- = -5.5V, VCC = 5.5V, fSCL = 400kHz; (for I
2C Active,
Read and Non-volatile Write states only)
-2.0
-1.2
mA
V- Supply Current
(Non-Volatile Write/Read)
V- = -2.25V, VCC = 2.25V, fSCL = 400kHz; (for I
2C
Active, Read and Non-volatile Write states only)
-1.0
-0.4
mA
ISL22343


Số phần tương tự - ISL22343TFR20Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22343TFR20Z INTERSIL-ISL22343TFR20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
logo
Renesas Technology Corp
ISL22343TFR20Z RENESAS-ISL22343TFR20Z Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
More results

Mô tả tương tự - ISL22343TFR20Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
X9241A XICOR-X9241A Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com