công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28270IAZ bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện ISL28270IAZ
Giải thích chi tiết về linh kiện  Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28270IAZ bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  ISL28270IAZ Datasheet HTML 1Page - Intersil Corporation ISL28270IAZ Datasheet HTML 2Page - Intersil Corporation ISL28270IAZ Datasheet HTML 3Page - Intersil Corporation ISL28270IAZ Datasheet HTML 4Page - Intersil Corporation ISL28270IAZ Datasheet HTML 5Page - Intersil Corporation ISL28270IAZ Datasheet HTML 6Page - Intersil Corporation ISL28270IAZ Datasheet HTML 7Page - Intersil Corporation ISL28270IAZ Datasheet HTML 8Page - Intersil Corporation ISL28270IAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
FN6260.6
October 21, 2009
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Supply Turn On Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/µs
Input Current (IN, FB) ISL28270, ISL28470 . . . . . . . . . . . . . . . 5mA
Differential Input Voltage (IN, FB) ISL28270, ISL28470 . . . . . . 0.5V
Input Current (IN, FB) ISL28273 . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input (IN, FB) Voltage ISL28273 . . . . . . . . . . . . . . . 1.0V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Resistance (Typical Note 1)
θJA (°C/W)
16 Ld QSOP Package . . . . . . . . . . . . . . . . . . . . . . .
110
28 Ld QSOP Package . . . . . . . . . . . . . . . . . . . . . . .
89
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . .Indefinite
Ambient Operating Temperature Range . . . . . . . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = +5V, V- = 0V VCM = 1/2V+, RL = Open, TA = +25°C, unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 2)
TYP
MAX
(Note 2)
UNIT
DC SPECIFICATIONS
VOS
Input Offset Voltage
ISL28270, ISL28470
-150
-225
±
35
150
225
µV
ISL28273
-600
-1000
±
12
600
1000
µV
TCVOS
Input Offset Voltage Temperature
Coefficient
Temperature = -40°C to +125°C
0.7
µV/°C
IOS
Input Offset Current between IN+
and IN-, and between FB+ and FB-
ISL28270
-1
-1.5
±
0.25
1
1.5
nA
ISL28470
-1.5
-2.0
±
0.25
1.5
2
nA
ISL28273
-1
-1.5
±
0.2
1
1.5
nA
IB
Input Bias Current (IN+, IN-, FB+,
and FB- terminals)
ISL28270
-2.0
-2.5
±
0.5
2.0
2.5
nA
ISL28470
-2.5
-3.0
±
0.5
2.5
3.0
nA
ISL28273
-2.5
-3.0
±1
2.5
3.0
nA
RIN
Input Resistance
ISL28270, ISL28470
3
M
Ω
ISL28273
15
M
Ω
VIN
Input Voltage Range
05
V
CMRR
Common Mode Rejection Ratio
ISL28270
VCM = 0.05V to 5V
90
110
dB
ISL28273
85
110
dB
ISL28470
90
85
110
dB
PSRR
Power Supply Rejection Ratio
ISL28270
V+ = 2.4V to 5V
90
110
dB
ISL28273
80
75
95
dB
ISL28470
90
65
110
dB
ISL28270, ISL28273, ISL28470


Số phần tương tự - ISL28270IAZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28270IAZ INTERSIL-ISL28270IAZ Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270IAZ RENESAS-ISL28270IAZ Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Intersil Corporation
ISL28270IAZ-T13 INTERSIL-ISL28270IAZ-T13 Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270IAZ-T13 RENESAS-ISL28270IAZ-T13 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
More results

Mô tả tương tự - ISL28270IAZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28270_0708 INTERSIL-ISL28270_0708 Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
ISL28288 INTERSIL-ISL28288_07 Datasheet
473Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com