công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28213FHZ bảng dữ liệu(PDF) 4 Page - Intersil Corporation

tên linh kiện ISL28213FHZ
Giải thích chi tiết về linh kiện  Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28213FHZ bảng dữ liệu(HTML) 4 Page - Intersil Corporation

  ISL28213FHZ Datasheet HTML 1Page - Intersil Corporation ISL28213FHZ Datasheet HTML 2Page - Intersil Corporation ISL28213FHZ Datasheet HTML 3Page - Intersil Corporation ISL28213FHZ Datasheet HTML 4Page - Intersil Corporation ISL28213FHZ Datasheet HTML 5Page - Intersil Corporation ISL28213FHZ Datasheet HTML 6Page - Intersil Corporation ISL28213FHZ Datasheet HTML 7Page - Intersil Corporation ISL28213FHZ Datasheet HTML 8Page - Intersil Corporation ISL28213FHZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
FN6728.4
March 25, 2010
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6.5V
Supply Turn-on Voltage Slew Rate . . . . . . . . . . . . . . . 1V/µs
Differential Input Current . . . . . . . . . . . . . . . . . . . . . 20mA
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . 0.5V
Input Voltage. . . . . . . . . . . . . . . . . .V- - 0.5V to V+ + 0.5V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . 4000V
Machine Model
ISL28113, ISL28213 . . . . . . . . . . . . . . . . . . . . . . 350V
ISL28413. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . 2000V
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
5 Ld SC-70 (Notes 4, 5) . . . . . . . .
250
N/A
5 Ld SOT-23 (Notes 4, 5) . . . . . . .
225
N/A
8 Ld MSOP (Notes 4, 5) . . . . . . . .
180
100
8 Ld SOIC Package (Notes 4, 5) . .
126
90
8 Ld SOT-23 . . . . . . . . . . . . . . . .
TBD
TBD
14 Ld TSSOP Package (Notes 4, 5)
120
40
14 Ld SOIC Package (Notes 4, 5) .
90
50
Ambient Operating Temperature Range. . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . +125°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
4. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
5. For θJC, the “case temp” location is the top of the package.
Electrical Specifications VS+ = 5V, VS- = 0V, RL = Open, VCM = VS/2, TA = +25°C, unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C,
unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
DC SPECIFICATIONS
VOS
Input Offset Voltage
-5
0.5
5
mV
-6
6
mV
TCVOS
Input Offset Voltage
Temperature Coefficient
-40°C to +125°C
2
10
µV/°C
IOS
Input Offset Current
130
pA
IB
Input Bias Current
ISL28113
-20
3
20
pA
-100
100
pA
ISL28213, ISL28413
-20
3
20
pA
-50
50
pA
Common Mode Input
Voltage Range
- 0.1V
+5.1V
V
ZIN
Input Impedance
1012
Ω
CIN
Input Capacitance
1
pF
CMRR
Common Mode Rejection Ratio VCM = -0.1V to 5.1V
72
dB
70
dB
PSRR
Power Supply Rejection Ratio Vs =1.8V to 5.5V
71
dB
70
dB
VOH
Output Voltage Swing, High
RL = 10kΩ
4.985
4.993
V
4.98
V
VOL
Output Voltage Swing, Low
RL = 10kΩ
13
15
mV
20
mV
V+
Supply Voltage
1.8
5.5
V
ISL28113, ISL28213, ISL28413


Số phần tương tự - ISL28213FHZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28213FHZ-T7 INTERSIL-ISL28213FHZ-T7 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28213FHZ-T7 RENESAS-ISL28213FHZ-T7 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28213FHZ-T7A INTERSIL-ISL28213FHZ-T7A Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28213FHZ-T7A RENESAS-ISL28213FHZ-T7A Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
More results

Mô tả tương tự - ISL28213FHZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Analog Devices
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
   Micropower RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com