công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST6265C bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện ST6265C
Giải thích chi tiết về linh kiện  8-bit MCUs with ADC, safe reset, auto-reload timer, EEPROM and SPI
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6265C bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  ST6265C Datasheet HTML 1Page - STMicroelectronics ST6265C Datasheet HTML 2Page - STMicroelectronics ST6265C Datasheet HTML 3Page - STMicroelectronics ST6265C Datasheet HTML 4Page - STMicroelectronics ST6265C Datasheet HTML 5Page - STMicroelectronics ST6265C Datasheet HTML 6Page - STMicroelectronics ST6265C Datasheet HTML 7Page - STMicroelectronics ST6265C Datasheet HTML 8Page - STMicroelectronics ST6265C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
March 2009
Rev 3
1/84
ST6255C ST6265C
ST6265B
8-bit MCUs with ADC,
safe reset, auto-reload timer, EEPROM and SPI
Features
3.0 to 6.0V supply operating range
8 MHz maximum clock frequency
-40 to +125°C operating temperature range
Run, Wait and Stop modes
5 interrupt vectors
Look-up table capability in program memory
Data storage in program memory:
user selectable size
Data RAM: 128 bytes
Data EEPROM: 128 bytes (not in ST6255C)
User programmable options
21 I/O pins, fully programmable as:
– Input with pull-up resistor
– Input without pull-up resistor
– Input with interrupt generation
– Open-drain or push-pull output
– Analog Input
8 I/O lines can sink up to 30 mA to drive LEDs or
TRIACs directly
– 8-bit Timer/Counter with 7-bit programmable
prescaler
8-bit Auto-reload timer with 7-bit programmable
prescaler (AR Timer)
Digital watchdog
Oscillator safe guard (not in ST6265B ROM
devices)
Low voltage detector for safe reset (not in
ST6265B ROM devices)
8-bit A/D converter with 13 analog inputs
8-bit synchronous peripheral interface (SPI)
On-chip clock oscillator can be driven by quartz
crystal, ceramic resonator or RC network
User configurable power-on reset
One external non-maskable interrupt
ST626x-EMU2 Emulation and Development
System (connects to an MS-DOS PC via a
parallel port)
Table 1. Device summary
Partnumber
OTP/EPROM/ROM
program memory
(Bytes)
EEPROM
(Bytes)
ST6255C
3884
-
ST6265C
3884
128
ST6265B
3884
128
(See end of Datasheet for Ordering Information)
PDIP28
PS028
CDIP28W
SS0P28


Số phần tương tự - ST6265C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST6265B STMICROELECTRONICS-ST6265B Datasheet
967Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST6265BB1 STMICROELECTRONICS-ST6265BB1 Datasheet
538Kb / 74P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
ST6265BB1 STMICROELECTRONICS-ST6265BB1 Datasheet
564Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST6265BB1/XXX STMICROELECTRONICS-ST6265BB1/XXX Datasheet
967Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST6265BB3 STMICROELECTRONICS-ST6265BB3 Datasheet
538Kb / 74P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER, EEPROM AND SPI
More results

Mô tả tương tự - ST6265C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST6253C STMICROELECTRONICS-ST6253C Datasheet
1Mb / 83P
   8-bit MCUs with A/D converter, safe reset, auto-reload timer, EEPROM and SPI
ST62T55C STMICROELECTRONICS-ST62T55C_01 Datasheet
967Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T55C STMICROELECTRONICS-ST62T55C Datasheet
564Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T53C STMICROELECTRONICS-ST62T53C Datasheet
559Kb / 86P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T53C STMICROELECTRONICS-ST62T53C_01 Datasheet
916Kb / 84P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST62T55CM-AUTO STMICROELECTRONICS-ST62T55CM-AUTO Datasheet
1Mb / 79P
   8-BIT OTP/EPROM/FASTROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI
ST6262C STMICROELECTRONICS-ST6262C Datasheet
918Kb / 78P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
ST62T52C STMICROELECTRONICS-ST62T52C Datasheet
516Kb / 78P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
ST62T52C STMICROELECTRONICS-ST62T52C_02 Datasheet
907Kb / 78P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
ST62T52CM-AUTO STMICROELECTRONICS-ST62T52CM-AUTO Datasheet
1Mb / 72P
   8-BIT OTP/EPROM/FASTROM MCUs WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER AND EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com