công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1198CPAGR bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS1198CPAGR
Giải thích chi tiết về linh kiện  Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS1198CPAGR bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADS1198CPAGR Datasheet HTML 3Page - Texas Instruments ADS1198CPAGR Datasheet HTML 4Page - Texas Instruments ADS1198CPAGR Datasheet HTML 5Page - Texas Instruments ADS1198CPAGR Datasheet HTML 6Page - Texas Instruments ADS1198CPAGR Datasheet HTML 7Page - Texas Instruments ADS1198CPAGR Datasheet HTML 8Page - Texas Instruments ADS1198CPAGR Datasheet HTML 9Page - Texas Instruments ADS1198CPAGR Datasheet HTML 10Page - Texas Instruments ADS1198CPAGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
ADS1194
ADS1196
ADS1198
www.ti.com
SBAS471A – APRIL 2010 – REVISED SEPTEMBER 2010
NOISE MEASUREMENTS
The ADS1194/6/8 noise performance can be optimized by adjusting the data rate and PGA setting. As the
averaging is increased by reducing the data rate, the noise drops correspondingly. Increasing the PGA value
reduces the input-referred noise, which is particularly useful when measuring low-level biopotential signals.
Table 1 summarizes the noise performance of the ADS1194/6/8, with a 3V analog power supply. Table 2
summarizes the noise performance of the ADS1194/6/8 with a 5V analog power supply. The data are
representative of typical noise performance at TA = +25°C. The data shown are the result of averaging the
readings from multiple devices and are measured with the inputs shorted together. A minimum of 1000
consecutive readings are used to calculate the peak-to-peak noise for each reading. For the two highest data
rates, the noise is limited by quantization noise of the ADC and does not have a gaussian distribution. The ratio
between rms noise and peak-to-peak noise for these two data rates are approximately 10. For the lower data
rates, the ratio is approximately 6.6.
Table 1 and Table 2 show measurements taken with an internal reference. In many of the settlings, espeically at
the lower data rates, the inherent device noise is less than 1LSB. For these cases, the noise is rounded up to
1LSB. The data are also representative of the ADS1194/6/8 noise performance when using a low-noise external
reference such as the REF5025.
Table 1. Input-Referred Noise (mVPP)
3V Analog Supply and 2.4V Reference(1)(2)
DR BITS OF
OUTPUT
–3dB
CONFIG1
DATA RATE
BANDWIDTH
PGA
PGA
PGA
PGA
PGA
PGA
PGA
REGISTER
(SPS)
(Hz)
GAIN = 1
GAIN = 2
GAIN = 3
GAIN = 4
GAIN = 6
GAIN = 8
GAIN = 12
000
8000
4193
2930
1470
937
681
436
319
205
001
4000
2096
563
265
173
124
77
56
36
010
2000
1048
104
51
33
24
17
13
9.5
011
1000
524
73.3
36.6
24.4
18.3
12.2
9.2
6.1
100
500
262
73.3
36.6
24.4
18.3
12.2
9.2
6.1
101
250
131
73.3
36.6
24.4
18.3
12.2
9.2
6.1
110
125
65
73.3
36.6
24.4
18.3
12.2
9.2
6.1
(1)
At least 1000 consecutive readings were used to calculate the peak-to-peak noise values in this table.
(2)
For data rates less than 2kSPS, the noise is rounded up to 1LSB. Input-referred LSB in volts = (2 × VREF/(Gain × 2
16)).
Table 2. Input-Referred Noise (mVPP)
5V Analog Supply and 4V Reference(1)(2)
DR BITS OF
OUTPUT
–3dB
CONFIG1
DATA RATE
BANDWIDTH
PGA
PGA
PGA
PGA
PGA
PGA
PGA
REGISTER
(SPS)
(Hz)
GAIN = 1
GAIN = 2
GAIN = 3
GAIN = 4
GAIN = 6
GAIN = 8
GAIN = 12
000
8000
4193
4923
2450
1598
1196
765
560
362
001
4000
2096
959
481
307
222
142
100
63
010
2000
1048
166
81
52
40
26
19
12.3
011
1000
524
122.1
61.1
40.7
30.5
20.4
15.3
10.2
100
500
262
122.1
61.1
40.7
30.5
20.4
15.3
10.2
101
250
131
122.1
61.1
40.7
30.5
20.4
15.3
10.2
110
125
65
122.1
61.1
40.7
30.5
20.4
15.3
10.2
(1)
At least 1000 consecutive readings were used to calculate the peak-to-peak noise values in this table.
(2)
For data rates less than 2kSPS, the noise is rounded up to 1LSB. Input-referred LSB in volts = (2 × VREF/(Gain × 2
16)).
Table 3. Typical WCT Performance
ANY ONE
ANY TWO
ALL THREE
PARAMETER
(A, B, or C)
(A+B, A+C, or B+C)
(A+B+C)
UNIT
Noise
563
404
330
nVRMS
Power
36
40
44
mA
–3dB BW
30
59
89
kHz
Slew rate
BW limited
BW limited
BW limited
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1194 ADS1196 ADS1198


Số phần tương tự - ADS1198CPAGR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1198CPAGR TI1-ADS1198CPAGR Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results

Mô tả tương tự - ADS1198CPAGR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1194 TI1-ADS1194_13 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ASD1194 TI-ASD1194 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1191IRSMT TI1-ADS1191IRSMT Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191 TI1-ADS1191_14 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com