công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N055AT56 bảng dữ liệu(PDF) 1 Page - Sirectifier Global Corp.

tên linh kiện N055AT56
Giải thích chi tiết về linh kiện  50W 5-Line Array Surface Mount TVS Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIRECT [Sirectifier Global Corp.]
Trang chủ  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

N055AT56 bảng dữ liệu(HTML) 1 Page - Sirectifier Global Corp.

  N055AT56 Datasheet HTML 1Page - Sirectifier Global Corp. N055AT56 Datasheet HTML 2Page - Sirectifier Global Corp. N055AT56 Datasheet HTML 3Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http:// www.sirectsemi.com
50W 5-Line Array Surface Mount TVS Diodes
FEATURES
Protects five I/O lines
5V working voltage
Transient protection for data, signal, and Vcc
bus to IEC 61000-4-2 (ESD) & IEC 61000-4-4
(EFT)
Low Leakage Current
Solid state silicon avalanche technology
Low operating and clamping voltages
MECHANICAL DATA
JEDEC SOT-563 package
Solder temperature: 265
oC for 10 seconds
Readily solderable terminals
APPLICATION
Cordless phones
Cellular phones & accessories
Audio/Video inputs
Portable electronics (Digital Cameras, MP3
Players, etc.)
Networks
MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Peak Pulse Power (tp = 8 x 20 μs)
Ppk
40
W
Operating Temperature
Tj
-55 to +150
oC
Storage Temperature
Tstg
-55 to +150
oC
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reverse Breakdown Voltage
VBR
It = 1mA
6.15
6.5
7.15
V
Clamping Voltage
VC
Ipp=1A
1
-
-
9
V
Maximum Peak Pulse Current
Ipp
tp = 8/20μs
-
-
3.5
A
Reverse Leakage Current
IR
VRWM = 5V
-
10
35
μA
Diode Capacitance
CD
VR = 0V, f = 1MHz
-
22
28
pF
Differential Resistance
rdiff
Ir = 1mA
-
20
100
Ohms
Note:
1.
Clamping voltage values are based upon an industry standard 8 x 20μs peak pulse current (Ipp) waveform.
August 2007 / Rev.5
The N505AT56 Series of transient voltage
suppressors
are
designed
to
protect
components which are connected to multi-line
data and transmission lines from over
voltages caused by electrostatic discharge
(ESD), electrical fast transients (EFT), and
induced lightning.
SCHEMATIC & PIN CONFIGURATION
E
L
E
C
T
R
O
N
I
C
N055AT56


Số phần tương tự - N055AT56

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripp Lite. All Rights ...
N050-012 TRIPPLITE-N050-012 Datasheet
159Kb / 2P
   12-Port Wall-Mount Cat5e Patch Panel, 568B, RJ45 Ethernet, TAA
N050-P12 TRIPPLITE-N050-P12 Datasheet
161Kb / 2P
   Cat5e Wall-Mount 12-Port Patch Panel - PoE Compliant, 110/Krone, 568A/B, RJ45 Ethernet, TAA
N050012 TRIPPLITE-N050012 Datasheet
495Kb / 2P
   12-Port Wall-Mount Cat5e Patch Panel, 568B, RJ45 Ethernet
logo
Renesas Technology Corp
N0500R RENESAS-N0500R Datasheet
84Kb / 5P
   PNP SILICON EPITAXIAL TRANSISTOR
N0500R-T1-AT RENESAS-N0500R-T1-AT Datasheet
84Kb / 5P
   PNP SILICON EPITAXIAL TRANSISTOR
More results

Mô tả tương tự - N055AT56

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sirectifier Global Corp...
L055AT56 SIRECT-L055AT56 Datasheet
341Kb / 3P
   50W 5-Line Array Surface Mount TVS Diodes
logo
Central Semiconductor C...
CSMF03V3C CENTRAL-CSMF03V3C Datasheet
466Kb / 3P
   SURFACE MOUNT SILICON 5-LINE TVS ZENER ARRAY
logo
Weitron Technology
ESDA6V1-5P6 WEITRON-ESDA6V1-5P6 Datasheet
840Kb / 7P
   5-Line TVS Array
logo
TECH PUBLIC Electronics...
TPSMF05CT1G TECHPUBLIC-TPSMF05CT1G Datasheet
1Mb / 4P
   5-Line TVS Array
TPE05F5C6 TECHPUBLIC-TPE05F5C6 Datasheet
1Mb / 4P
   5-Line TVS Array
SMF05C TECHPUBLIC-SMF05C Datasheet
1Mb / 4P
   5-Line TVS Array
logo
Applied Power Microelec...
ASMF05C APMICRO-ASMF05C Datasheet
483Kb / 4P
   5-Line TVS Array
logo
Weitron Technology
WGSMF05C WEITRON-WGSMF05C Datasheet
419Kb / 3P
   5-Line TVS Array
logo
TECH PUBLIC Electronics...
TPE05H5S6 TECHPUBLIC-TPE05H5S6 Datasheet
1Mb / 4P
   Unidirectional 5-Line TVS Array
logo
Weitron Technology
WOSD03 WEITRON-WOSD03_09 Datasheet
316Kb / 4P
   Surface Mount TVS Diodes Array for ESD Protection
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com