công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL12029IV27Z bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện ISL12029IV27Z
Giải thích chi tiết về linh kiện  Real Time Clock/Calendar with I2C Bus??and EEPROM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12029IV27Z bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  ISL12029IV27Z Datasheet HTML 1Page - Intersil Corporation ISL12029IV27Z Datasheet HTML 2Page - Intersil Corporation ISL12029IV27Z Datasheet HTML 3Page - Intersil Corporation ISL12029IV27Z Datasheet HTML 4Page - Intersil Corporation ISL12029IV27Z Datasheet HTML 5Page - Intersil Corporation ISL12029IV27Z Datasheet HTML 6Page - Intersil Corporation ISL12029IV27Z Datasheet HTML 7Page - Intersil Corporation ISL12029IV27Z Datasheet HTML 8Page - Intersil Corporation ISL12029IV27Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
FN6206.9
August 12, 2010
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
VBAT TRIP POINT
(V)
BSW BIT
DEFAULT
SETTING
VRESET
VOLTAGE
(V)
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG. DWG. #
ISL12029IB27Z
12029IB27Z
VDD < VBAT
BSW = 1
2.63
-40 to +85
14 Ld SOIC
M14.15
ISL12029IB27AZ
12029IB27 AZ
VDD < VBAT
BSW = 1
2.92
-40 to +85
14 Ld SOIC
M14.15
ISL12029IB30AZ
12029IB30 AZ
VDD < VBAT
BSW = 1
3.09
-40 to +85
14 Ld SOIC
M14.15
ISL12029IBZ
12029IBZ
VDD < VBAT
BSW = 1
4.38
-40 to +85
14 Ld SOIC
M14.15
ISL12029IBAZ
12029IBAZ
VDD < VBAT
BSW = 1
4.64
-40 to +85
14 Ld SOIC
M14.15
ISL12029IV27Z
12029 IV27Z
VDD < VBAT
BSW = 1
2.63
-40 to +85
14 Ld TSSOP
M14.173
ISL12029IV27AZ
12029 27AZ
VDD < VBAT
BSW = 1
2.92
-40 to +85
14 Ld TSSOP
M14.173
ISL12029IV30AZ
12029 30AZ
VDD < VBAT
BSW = 1
3.09
-40 to +85
14 Ld TSSOP
M14.173
ISL12029IVZ
12029 IVZ
VDD < VBAT
BSW = 1
4.38
-40 to +85
14 Ld TSSOP
M14.173
ISL12029IVAZ
12029 IVAZ
VDD < VBAT
BSW = 1
4.64
-40 to +85
14 Ld TSSOP
M14.173
ISL12029AIB27Z
12029AIB 27Z
2.2
BSW = 0
2.63
-40 to +85
14 Ld SOIC
M14.15
ISL12029AIV27Z
12029A IV27Z
2.2
BSW = 0
2.63
-40 to +85
14 Ld TSSOP
M14.173
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering
operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements
of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL12029, ISL12029A. For more information on MSL please
see techbrief TB363.
ISL12029, ISL12029A


Số phần tương tự - ISL12029IV27Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12029IV27Z INTERSIL-ISL12029IV27Z Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
ISL12029IV27Z INTERSIL-ISL12029IV27Z Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12029IV27Z RENESAS-ISL12029IV27Z Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
logo
Intersil Corporation
ISL12029IV27Z-T INTERSIL-ISL12029IV27Z-T Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results

Mô tả tương tự - ISL12029IV27Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com